Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8366-EVALZ Datasheet(PDF) 11 Page - Analog Devices

Part # AD8366-EVALZ
Description  DC to 500 MHz, Dual Digital Gain Trim Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8366-EVALZ Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8366-EVALZ Datasheet HTML 5Page - Analog Devices AD8366-EVALZ Datasheet HTML 6Page - Analog Devices AD8366-EVALZ Datasheet HTML 7Page - Analog Devices AD8366-EVALZ Datasheet HTML 8Page - Analog Devices AD8366-EVALZ Datasheet HTML 9Page - Analog Devices AD8366-EVALZ Datasheet HTML 10Page - Analog Devices AD8366-EVALZ Datasheet HTML 11Page - Analog Devices AD8366-EVALZ Datasheet HTML 12Page - Analog Devices AD8366-EVALZ Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Preliminary Technical Data
AD8366
Rev. PrC | Page 11 of 13
R10, R22, R24, R28, C22,
C28
Output Common-mode Setpoint. The output common mode on
channels A and B can be set externally when applied to the VCMA
and VCMB. The resistive change thorough the potentiometer sets a
variable VCMA voltage. If left open, the output common mode
defaults to Vpos/2.
R10, R24= 10 kΩ Potentiometers
R22, R28= 0Ω
C2, C3, C11, C12
Vpos/2 Reference Output Decoupling Capacitor to circuit common.
C2, C3= 0.1μF (size 0402)
C11, C12= 0.01μF (size 0402)
C4, C17
Output Common-mode Centering Loop Compensation. Connect
capacitor to circuit common
C4, C17= 1 nF (size 0402)


Similar Part No. - AD8366-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8366-EVALZ AD-AD8366-EVALZ Datasheet
894Kb / 28P
   DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
AD8366-EVALZ AD-AD8366-EVALZ Datasheet
1Mb / 28P
   Dual-Digital Variable Gain Amplifiers
More results

Similar Description - AD8366-EVALZ

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
QPB0066 QORVO-QPB0066 Datasheet
1Mb / 15P
   Digital Controlled Variable Gain Amplifier (5 - 500 MHz)
logo
National Semiconductor ...
CLC5506 NSC-CLC5506 Datasheet
250Kb / 12P
   Gain Trim Amplifier (GTA)
logo
Analog Devices
AD8366ACPZ-R7 AD-AD8366ACPZ-R7 Datasheet
894Kb / 28P
   DC to 600 MHz, Dual-Digital Variable Gain Amplifiers
REV. A
logo
Teledyne Technologies I...
AGC525 TELEDYNE-AGC525 Datasheet
173Kb / 2P
   10 TO 500 MHz TO-8 GAIN CONTROL AMPLIFIER
logo
TriQuint Semiconductor
TQM8M9079 TRIQUINT-TQM8M9079_15 Datasheet
604Kb / 8P
   500-2700 MHz Variable Gain Amplifier
logo
Analog Devices
ADL5534 AD-ADL5534_14 Datasheet
410Kb / 16P
   20 MHz to 500 MHz Dual IF Amplifier
logo
Teledyne Technologies I...
AGS555 TELEDYNE-AGS555 Datasheet
101Kb / 1P
   10 TO 500 MHz SMTO-8 GAIN CONTROL AMPLIFIER
logo
Analog Devices
ADL5532 AD-ADL5532 Datasheet
262Kb / 8P
   20 MHz to 500 MHz IF Gain Blocks
Rev. PrD 5/07
ADL5531 AD-ADL5531_15 Datasheet
252Kb / 12P
   20 MHz to 500 MHz IF Gain Block
REV. B
ADL5531 AD-ADL5531_17 Datasheet
371Kb / 12P
   20 MHz to 500 MHz IF Gain Block
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com