Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

XPWA0021000AK Datasheet(PDF) 2 Page - Vishay Siliconix

Part # XPWA0021000AK
Description  Thin Film Power Resistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

XPWA0021000AK Datasheet(HTML) 2 Page - Vishay Siliconix

  XPWA0021000AK Datasheet HTML 1Page - Vishay Siliconix XPWA0021000AK Datasheet HTML 2Page - Vishay Siliconix XPWA0021000AK Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PWA
www.vishay.com
Vishay Electro-Films
Revision: 29-Apr-15
2
Document Number: 61019
For technical questions, contact: efi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS in inches
SCHEMATIC
MECHANICAL SPECIFICATIONS
PARAMETER
VALUE
Chip Size
0.030" x 0.045" ± 0.002" (0.762 mm x 1.143 mm ± 0.5 mm)
Chip Thickness
0.010" ± 0.002" (0.254 mm ± 0.05 mm)
Chip Substrate Material
Oxidized silicon, 10 kÅ minimum SiO2
Resistor Material
Tantalum nitride, self-passivating
Bonding Pad Size
0.007" x 0.024" (0.1778 mm x 0.6096 mm)
Number of Pads
2
Pad Material
10 kÅ minimum aluminum (Au optional)
Backing
None, lapped semiconductor silicon (Au back optional)
0.030
0.024
0.007
0.0045
TYPICAL RANGE
0.3
Ω to 1.3 Ω
0.030
0.024
0.007
0.045
TYPICAL RANGE
1.4
Ω to 7.4 Ω
0.030
0.024
0.007
0.045
TYPICAL RANGE
7.5
Ω to 42 Ω
0.030
0.024
0.045
0.007
TYPICAL RANGE
43
Ω to 1 MΩ
0.007
GLOBAL PART NUMBER INFORMATION
Global Part Number: PWA50000FKANHWS
Global Part Number Description: PWA 5K 1 % 100 ppm Al None H WS
MODEL
RESISTANCE
RESISTANCE
MULTIPLIER
CODE
TOLERANCE
CODE
(%)
TCR
(ppm/°C)
TERMINATION
BACK
METAL
VISUAL
CLASS
PACKAGING
CODE
PWA
30 x 45
size
Power
resistor
First 4 digits are
significant figures
of resistance
D = 0.0001
C = 0.001
B = 0.01
A = 0.1
0 = 1
1 = 10
2 = 100
3 = 1000
B = 0.1
C = 0.25
D = 0.5
F = 1.0
G = 2.0
H = 2.5
J = 5.0
K = 10
E = ± 25
C = ± 50
K = ± 100
V = ± 150
L = ± 200
M = ± 250
Z = + 600/
- 100
G = Au
A = Al
G = Au
N = None
H = Class H
K = Class K
WS = Waffle pack
100 min, 1 mult
00
0
F
A
N
H
K
5
WS
A
PW
0


Similar Part No. - XPWA0021000AK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
XPW4R10ANB TOSHIBA-XPW4R10ANB Datasheet
635Kb / 12P
   Silicon N-channel MOS (U-MOS-H)
2020-10-09 Rev.1.0
XPW6R30ANB TOSHIBA-XPW6R30ANB Datasheet
633Kb / 12P
   Silicon N-channel MOS (U-MOS-H)
2020-06-24 Rev.5.0
logo
Vishay Siliconix
XPWB00010000D VISHAY-XPWB00010000D Datasheet
104Kb / 3P
   Thin Film Power Resistors
Revision: 12-Mar-08
XPWB00010000F VISHAY-XPWB00010000F Datasheet
104Kb / 3P
   Thin Film Power Resistors
Revision: 12-Mar-08
XPWB00010000G VISHAY-XPWB00010000G Datasheet
104Kb / 3P
   Thin Film Power Resistors
Revision: 12-Mar-08
More results

Similar Description - XPWA0021000AK

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PWB VISHAY-PWB Datasheet
104Kb / 3P
   Thin Film Power Resistors
Revision: 12-Mar-08
logo
Riedon Powertron
PF2270 RIEDON-PF2270 Datasheet
252Kb / 2P
   Thin Film Power Resistors
logo
Vishay Siliconix
PWB VISHAY-PWB Datasheet
87Kb / 3P
   Thin Film Power Resistors
Revision: 12-Mar-08
logo
List of Unclassifed Man...
TNP10 ETC2-TNP10 Datasheet
1Mb / 2P
   Power Thin film Resistors
logo
Vishay Siliconix
PWA VISHAY-PWA Datasheet
80Kb / 3P
   Thin Film Power Resistors
Revision: 29-Apr-15
logo
Riedon Powertron
PF2270 RIEDON-PF2270_15 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
PF2272-0R5J1 RIEDON-PF2272-0R5J1 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
PF2272-1KJ1 RIEDON-PF2272-1KJ1 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
PF2272-50RJ1 RIEDON-PF2272-50RJ1 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
PF2272-10RJ1 RIEDON-PF2272-10RJ1 Datasheet
284Kb / 2P
   Thin & Thick Film Power Resistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com