Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPMT1002ZTF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MPMT1002ZTF
Description  Molded, SOT-23 Resistor Network
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MPMT1002ZTF Datasheet(HTML) 1 Page - Vishay Siliconix

  MPMT1002ZTF Datasheet HTML 1Page - Vishay Siliconix MPMT1002ZTF Datasheet HTML 2Page - Vishay Siliconix MPMT1002ZTF Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Molded, SOT-23 Resistor Network
MPM (Divider)
Vishay Thin Film
www.vishay.com
For technical questions, contact: thin-film@vishay.com
Document Number: 60001
10
Revision: 14-May-07
Vishay Thin Film MPM Series Dividers provide ± 2 ppm/°C
tracking and a ratio tolerance as tight as 0.01 %, small size,
and exceptional stability for all surface mount applications.
The standard SOT-23 package format with unity and
common standard resistance divider ratios provide easy
selection for most applications requiring matched pair
resistor elements. The ratios listed are available for off the
shelf delivery. If you require a non-standard ratio, consult the
applications engineering group as we may be able to meet
your requirements with a custom design.
SCHEMATIC
FEATURES
• Lead (Pb)-free available
• Stocked
• Standard Footprint
TYPICAL PERFORMANCE
* Pb containing terminations are not RoHS compliant, exemptions may apply
Actual Size
3
1
2
R1
R2
ABS
TRACKING
TCR
25
2
ABS
RATIO
TOL
0.1
0.05
STANDARD DIVIDER RATIO (R2/R1)
RATIO
R2 (Ω)R1 (Ω)
100:1
100K
1K
50:1
50K
1K
25:1
25K
1K
20:1
20K
1K
10:1
10K
1K
9:1
9K
1K
6:1
6K
1K
5:1
10K
2K
5:1
5K
1K
4:1
8K
2K
4:1
4K
1K
2:1
10K
5K
2:1
2K
1K
1:1
50K
50K
1:1
25K
25K
1:1
10K
10K
1:1
5K
5K
1:1
2.5K
2.5K
1:1
1K
1K
1:1
500
500
1:1
250
250
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Material
Passivated Nichrome
TCR:
Tracking
± 2 ppm/°C (typical)
- 55 °C to + 125 °C
Absolute
± 25 ppm/°C
- 55 °C to + 125 °C
Tolerance:
Ratio
± 0.5 % to 0.01 %
+ 25 °C
Absolute
± 1.0 % to ± 0.05 %
+ 25 °C
Power Rating:
Resistor
100 mW
Max. at + 70 °C
Package
200 mW
Max. at + 70 °C
Stability:
ΔR Absolute
0.10 %
2000 h at + 70 °C
ΔR Ratio
0.03 %
2000 h at + 70 °C
Voltage Coefficient
0.1 ppm/V
Working Voltage 100 Volts Max.
-
Operating Temperature Range
- 55 °C to + 125 °C
Storage Temperature Range
- 55 °C to + 125 °C
Noise
< - 30 dB
Thermal EMF
0.2 µV/°C
Shelf Life Stability (Ratio)
50 ppm Max.
1 year at + 25 °C
Available
Pb-free
RoHS*
COMPLIANT


Similar Part No. - MPMT1002ZTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MPMT1002ZBS VISHAY-MPMT1002ZBS Datasheet
290Kb / 3P
   Molded, SOT-23 Resistor, Surface Mount Network
Revision: 25-Jan-10
MPMT1002ZWS VISHAY-MPMT1002ZWS Datasheet
290Kb / 3P
   Molded, SOT-23 Resistor, Surface Mount Network
Revision: 25-Jan-10
More results

Similar Description - MPMT1002ZTF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VRD330K470MTF VISHAY-VRD330K470MTF Datasheet
98Kb / 4P
   Molded, SOT-23 Resistor/Capacitor Network
Revision: 01-Jul-08
MPMT2001AT5 VISHAY-MPMT2001AT5 Datasheet
290Kb / 3P
   Molded, SOT-23 Resistor, Surface Mount Network
Revision: 25-Jan-10
MPD VISHAY-MPD Datasheet
280Kb / 4P
   Molded, SOT-143 Resistor Network
Revision: 17-Sep-07
MPM VISHAY-MPM_17 Datasheet
105Kb / 3P
   Molded, SOT-23 Thin Film Resistor, Surface Mount Divider Network
Revision: 12-Jul-13
MPMA1002AT1 VISHAY-MPMA1002AT1 Datasheet
105Kb / 4P
   Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor
Revision: 03-Dec-12
MPMA VISHAY-MPMA Datasheet
103Kb / 4P
   Matched Pair, Molded, Automotive, Thin Film, SOT-23, Resistor, Surface Mount Network, AEC-Q200 Qualified
Revision: 03-Nov-15
logo
Guangdong Youtai Semico...
SM712 UMW-SM712 Datasheet
528Kb / 4P
   Molded JEDEC SOT-23 Package
logo
IRC - a TT electronics ...
DBP-M954-01-1002-G IRCTT-DBP-M954-01-1002-G Datasheet
171Kb / 3P
   TaNFilm Precision Molded DIP Resistor Network
logo
Jiangsu High diode Semi...
MMUN2211 HDSEMI-MMUN2211 Datasheet
2Mb / 11P
   SOT-23 Plastic-Encapsulate Bias Resistor Transistor
logo
Linear Technology
LTC6905 LINER-LTC6905 Datasheet
119Kb / 8P
   17MHz to 170MHz Resistor Set SOT-23 Oscillator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com