Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS431 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS431
Description  LOW VOLTAGE ADJUSTABLE SHUNT REFERENCE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS431 Datasheet(HTML) 1 Page - STMicroelectronics

  TS431 Datasheet HTML 1Page - STMicroelectronics TS431 Datasheet HTML 2Page - STMicroelectronics TS431 Datasheet HTML 3Page - STMicroelectronics TS431 Datasheet HTML 4Page - STMicroelectronics TS431 Datasheet HTML 5Page - STMicroelectronics TS431 Datasheet HTML 6Page - STMicroelectronics TS431 Datasheet HTML 7Page - STMicroelectronics TS431 Datasheet HTML 8Page - STMicroelectronics TS431 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
October 2006
Rev 4
1/14
14
TS431
Low voltage adjustable shunt reference
Features
Low voltage operation: 1.24 to 6V
2%, 1% and 0.5% voltage precision
Wide operating range cathode current: 60µA to
30mA
Low output impedance: 0.2
Ω
Typically stable for any capacitive loads
ESD protection:
Human body model: 2kV
Machine model: 200V
100ppm/°C temperature coefficient
Description
The TS431 is a low-voltage, three-terminal,
programmable shunt voltage reference.
The output voltage can be set to any value
between Vref (1.24V) and 6V with two external
resistors.
The TS431 is able to operate at a lower voltage
(1.24V) and lower cathode current than the widely
used TL431 and TL1431 shunt voltage reference.
When driving an optocoupler, the TS431 is
particularly useful for regulating 3.3V switching
power supplies.
L
SOT23-5
(Plastic Micropackage)
Z
TO-92
(Plastic Package)
Part number
Temperature range
Package
Packing
Marking
TS431ILT
-40, + 125°C
SOT23-5
Tape & reel
L272
TS431AILT
L271
TS431AIYLT(1)
SOT23-5
(automotive grade level)
L276
TS431BILT
SOT23-5
L270
TS431BIYLT(1)
SOT23-5
(automotive grade level)
L273
TS431IYLT(1)
SOT23-5
(automotive grade level)
L274
TS431IZ/IZT/IZ-AP
TO-92
Bulk (Z),
Tape & reel (ZT) or Ammo
pack (AP)
TS431I
TS431AIZ/AIZT/AIZ-AP
TS431AI
TS431BIZ/BIZT/BIZ-AP
TS431BI
1.
Qualified and characterized according to AEC Q100 and Q003 or equivalent, advanced screening according to AEC Q001
& Q 002 or equivalent.
www.st.com


Similar Part No. - TS431

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS431 TSC-TS431 Datasheet
216Kb / 8P
   Adjustable Precision Shunt Regulator
logo
STMicroelectronics
TS431 STMICROELECTRONICS-TS431 Datasheet
128Kb / 12P
   Low voltage adjustable shunt reference
logo
Taiwan Semiconductor Co...
TS431-Z TSC-TS431-Z Datasheet
552Kb / 10P
   Adjustable Precision Shunt Regulator
TS431-Z TSC-TS431-Z_14 Datasheet
573Kb / 10P
   Adjustable Precision Shunt Regulator
TS431A TSC-TS431A Datasheet
216Kb / 8P
   Adjustable Precision Shunt Regulator
More results

Similar Description - TS431

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS431 STMICROELECTRONICS-TS431_07 Datasheet
128Kb / 12P
   Low voltage adjustable shunt reference
TS432 STMICROELECTRONICS-TS432 Datasheet
153Kb / 7P
   1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE
logo
ADDtek Corp
AMC431 ADDTEK-AMC431 Datasheet
121Kb / 10P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
JUNE 2006
logo
ACE Technology Co., LTD...
ACE432N ACE-ACE432N Datasheet
1Mb / 11P
   Precision adjustable shunt voltage reference
VER 1.4
ACE432A ACE-ACE432A Datasheet
214Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432 Datasheet
248Kb / 12P
   Precision adjustable shunt voltage reference
VER 1.2
ACE432 ACE-ACE432_12 Datasheet
614Kb / 10P
   Precision adjustable shunt voltage reference
VER 1.3
logo
List of Unclassifed Man...
AMC431 ETC2-AMC431 Datasheet
174Kb / 11P
   PRECISION ADJUSTABLE SHUNT VOLTAGE REFERENCE
logo
Texas Instruments
TS432 TI-TS432_08 Datasheet
184Kb / 11P
[Old version datasheet]   1.24 V adjustable shunt voltage reference
logo
STMicroelectronics
TS432 STMICROELECTRONICS-TS432_08 Datasheet
184Kb / 11P
   1.24 V adjustable shunt voltage reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com