Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9714BCPZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD9714BCPZ
Description  Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9714BCPZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD9714BCPZ Datasheet HTML 6Page - Analog Devices AD9714BCPZ Datasheet HTML 7Page - Analog Devices AD9714BCPZ Datasheet HTML 8Page - Analog Devices AD9714BCPZ Datasheet HTML 9Page - Analog Devices AD9714BCPZ Datasheet HTML 10Page - Analog Devices AD9714BCPZ Datasheet HTML 11Page - Analog Devices AD9714BCPZ Datasheet HTML 12Page - Analog Devices AD9714BCPZ Datasheet HTML 13Page - Analog Devices AD9714BCPZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
AD9714/AD9715/AD9716/AD9717
Rev. 0 | Page 10 of 48
Pin No.
Mnemonic
Description
35
RESET/PINMD
Reset. In SPI mode, pulse RESET high to reset SPI registers to default values.
Pin Mode. A constant Logic 1 puts the device into pin mode.
36
SCLK/CLKMD
Serial Clock. Clock input for serial port in spi mode
Clock Mode. In pin mode, CLKMD determines phase of internal retiming clock.
DCLKIO = CLKIN: Tie to 0.
DCLKIO ≠ CLKIN: Pulse 0 to 1 to edge trigger the internal retimer (see the Retimer section).
37
SDIO/FORMAT
Serial Port Input/Output. Bidirectional data line for serial port in spi mode.
Data Format. In pin mode, FORMAT determines data format of digital data.
38
CS/PWRDN
Chip Select. Active low chip select in spi mode.
Power Down. In pin mode, PWRDN powers down the device except for the SPI port.
39
DB13 (MSB)
Digital Input (MSB).
40
DB12
Digital Input.
Heat Sink Pad
The heat sink pad is connected to AVSS and should be soldered to the ground plane. Exposed metal at package
corners is connected to this pad.


Similar Part No. - AD9714BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9714BCPZ AD-AD9714BCPZ Datasheet
2Mb / 80P
   Digital-to-Analog Converters
AD9714BCPZRL7 AD-AD9714BCPZRL7 Datasheet
2Mb / 80P
   Digital-to-Analog Converters
More results

Similar Description - AD9714BCPZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9114 AD-AD9114 Datasheet
2Mb / 48P
   Dual, 8-/10-/12-/14-Bit Low Power Digital-to-Analog Converters
REV. 0
AD9743 AD-AD9743_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741 Datasheet
638Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. 0
AD9746 AD-AD9746_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9747 AD-AD9747_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9745 AD-AD9745_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9741 AD-AD9741_15 Datasheet
452Kb / 28P
   Dual 8-/10-/12-/14-/16-Bit 250 MSPS Digital-to-Analog Converters
REV. A
AD9763 AD-AD9763_11 Datasheet
643Kb / 44P
   10-/12-/14-Bit, 125 MSPS Dual TxDAC Digital-to-Analog Converters
Rev. G
logo
Murata Power Solutions ...
DAC-HF8BMC MURATA-PS-DAC-HF8BMC Datasheet
123Kb / 4P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
logo
DATEL, Inc.
DAC-HF DATEL-DAC-HF Datasheet
200Kb / 5P
   Ultra-Fast, 8/10/12-Bit Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com