Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Y1751120R500B Datasheet(PDF) 1 Page - Vishay Siliconix

Part # Y1751120R500B
Description  Hermetically Sealed Ultra High Precision Z-Foil Technology Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

Y1751120R500B Datasheet(HTML) 1 Page - Vishay Siliconix

  Y1751120R500B Datasheet HTML 1Page - Vishay Siliconix Y1751120R500B Datasheet HTML 2Page - Vishay Siliconix Y1751120R500B Datasheet HTML 3Page - Vishay Siliconix Y1751120R500B Datasheet HTML 4Page - Vishay Siliconix Y1751120R500B Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 63120
For any questions, contact: foil@vishay.com
www.vishay.com
Revision: 17-Jun-08
1
HZ Series (Z-Foil)
Vishay Foil Resistors
Hermetically Sealed Ultra High Precision Z-Foil Technology
Resistors with TCR of ± 0.2 ppm/°C, Tolerance of ± 0.001 % and
Load Life Stability of ± 0.005 %
Any value available within resistance range
INTRODUCTION
The Z-foil based oil filled, hermetically sealed
HZ-series
resistors represent an industry breakthrough. The hermetic
sealing eliminates the ingress of moisture and oxygen, while
the oil acts as a thermal conductor, thus eliminating long term
degradation elements of unsealed resistors, while at the
same time allowing the device to accept short periods of
overload without degradation.
The Z-foil technology provides a significant reduction of the
resistive components sensitivity to ambient temperature
variations (TCR) and applied power changes (PCR). When
combined with the hermetic sealing and oil filling, the
H-series resistors become the most precise and stable
resistors available.
With accuracies of ± 0.001 % and a resistance range from
5
Ω to 1.1 MΩ and long term shelf life of less than 2 ppm,
these devices are virtually secondary standards that can be
carried in sets for daily or periodic calibration of factory
measurement equipment.
The VHA series is also available with laboratory and
metrology level precision and long term stability with
additional in-house oriented process such as: special
TCR plotting, mounted chip stabilization, thermal shock
and bake prior to sealing, combined thermal shock and
power conditioning on finished product, thermal and
power conditioning, component linearity test.
Note
1. For lower TCR and for selected TCR tracking, please contact us
FEATURES
• Temperature coefficient of resistance (TCR):
± 0.2 ppm/°C typical (- 55 °C to + 125 °C,
+ 25 °C ref.)
• Power coefficient “ΔR due to self heating”:
5 ppm at rated power
• Tolerance: to ± 0.001 %
• Load life stability ± 0.002 % maximum ΔR (60 °C for
2000 h at 0.1 W per chip)
• Electrostatic discharge (ESD) > 25 000 V
• Resistance range: 5 Ω to 1.1 MΩ (higher or lower values of
resistance available)
• Power rating: 0.3 to 2.5 W at + 25 °C (depending on model
- see table 2)
• Shelf life stability: 2 ppm for at least 10 years
• Non inductive, non capacitive design
• Non hot spot design
• Rise time: 1.0 ns without ringing
• Current noise: < - 40 dB
• Thermal EMF: 0.05 µV/°C typical
• Voltage coefficient: < 0.1 ppm/V
• Non inductive: < 0.08 µH
• Terminal finishes available:
lead (Pb)-free
tin/lead alloy
• Impervious to harmful environments - oil filled
• For better performances, please contact us
TABLE 1 - TOLERANCE AND TCR VS.
RESISTANCE VALUE
RESISTANCE VALUE
(
Ω)
TYPICAL TCR AND
MAX. SPREAD
(- 55 °C to + 125 °C, + 25 °C ref.)
(ppm/°C)1)
100 to < 1M1
± 0.2 ± 2
50 to < 100
± 0.2 ± 3
5 to < 50
± 0.2 ± 4
FIGURE 1 - TRIMMING TO VALUES
(Conceptual Illustration)
Mutual Inductance
Reduction due
to Opposing
Current in
Adjacent Lines
Current Path
Before Trimming
Note: Foil shown in black, etched spaces in white
Interloop Capacitance
Reduction in Series
Trimming Process
Removes this Material
from Shorting Strip Area
Changing Current Path
and Increasing
Resistance
Current Path
After Trimming


Similar Part No. - Y1751120R500B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
Y1757 ETC-Y1757 Datasheet
27Kb / 1P
   DIE SET ENVELOPE DRAWING
More results

Similar Description - Y1751120R500B

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VHP202 VISHAY-VHP202 Datasheet
126Kb / 5P
   Hermetically Sealed High Precision Bulk Metal® Foil Technology Resistors with TCR of ± 2 ppm/°C, Tolerance of ± 0.001 % and Load Life Stability of ± 0.005 %
Revision: 14-Nov-07
S102C VISHAY-S102C_11 Datasheet
863Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 29-Jun-11
S102C VISHAY-S102C Datasheet
121Kb / 6P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 20-Nov-07
Z201 VISHAY-Z201_07 Datasheet
112Kb / 5P
   Ultra High Precision Z-Foil Resistor with TCR of ± 0.05 ppm/°C, PCR of 5 ppm at Rated Power, Tolerance of ± 0.005 % and Load Life Stability of ± 0.005 %
Revision: 19-Apr-07
RS92N VISHAY-RS92N Datasheet
99Kb / 5P
   High Precision Foil Resistor with TCR of ± 2.0 ppm/°C, Tolerance of ± 0.01 % and Load Life Stability of ± 0.005 % CECC Qualified
Revision: 03-Nov-08
VCS232Z VISHAY-VCS232Z Datasheet
101Kb / 3P
   Ultra High Precision Z-Foil Power Current Sensing Resistor with Absolute TCR of ± 0.05 ppm/°C and Load Life Stability to ± 0.005%
Revision: 08-Aug-06
VSR VISHAY-VSR Datasheet
105Kb / 4P
   Bulk Metal® Foil Technology Industrial Precision Resistors with TCR of ± 4 ppm/°C and Tolerance of ± 0.01 %
Revision: 16-Jul-07
Y16251K00000T9R VISHAY-Y16251K00000T9R Datasheet
851Kb / 5P
   Ultra High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 0.05 ppm/°C and Power Coefficient of 5 ppm at Rated Power and Load Life Stability of ± 0.005 % (50 ppm)
Revision: 29-Oct-2012
VSM VISHAY-VSM Datasheet
131Kb / 4P
   High Precision Foil Wraparound Surface Mount Chip Resistor with TCR of ± 2 ppm/°C and Load Life Stability of ± 0.01 % (100 ppm)
Revision: 18-Sep-08
DSM VISHAY-DSM Datasheet
121Kb / 5P
   High Precision Bulk Metal® Foil Surface Mount Voltage Divider, TCR Tracking of < 0.5 ppm/°C, Tolerance Match of 0.01 % and Stability of ± 0.005 % (50 ppm)
Revision: 05-Jun-07
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com