Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP08C031R00S Datasheet(PDF) 4 Page - Vishay Siliconix

Part # MSP08C031R00S
Description  Thick Film Resistor Networks Single-In-Line, Molded SIP; 01, 03, 05 Schematics 6, 8, 9 or 10 Pin “A” Profile and 6, 8 or 10 Pin “C” Profile
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSP08C031R00S Datasheet(HTML) 4 Page - Vishay Siliconix

  MSP08C031R00S Datasheet HTML 1Page - Vishay Siliconix MSP08C031R00S Datasheet HTML 2Page - Vishay Siliconix MSP08C031R00S Datasheet HTML 3Page - Vishay Siliconix MSP08C031R00S Datasheet HTML 4Page - Vishay Siliconix MSP08C031R00S Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MSP
Thick Film Resistor Networks Single-In-Line, Molded SIP;
01, 03, 05 Schematics 6, 8, 9 or 10 Pin "A" Profile
and 6, 8 or 10 Pin "C" Profile
Vishay Dale
Document Number: 31510
For technical questions, contact: ff2aresistors@vishay.com
www.vishay.com
Revision: 28-Jul-06
4
Higher power ratings available. Contact factory.
Single Resistor
03
01 and 05
0.30
- 50
+ 25
+ 70
+ 125 + 150
Derating
Ambient Temperature
°C
0.45
1.15
1.50
1.90
MSP06A Package
MSP08A Package
MSP10A Package
“A” Profile
Single Resistor
03
01 and 05
0.38
- 50
+ 25
+ 70
+ 125 + 150
Derating
Ambient Temperature
°C
0.60
1.50
2.00
2.50
MSP06C Package
MSP08C Package
MSP10C Package
“C” Profile
3.00
"A" PROFILE + 70 °C PACKAGE RATINGS
MSP10A
1.25 watts
MSP09A
1.12 watts
MSP08A
1.00 watts
MSP06A
0.75 watts
"C" PROFILE + 70 °C PACKAGE RATINGS
MSP10C
1.60 watts
MSP08C
1.30 watts
MSP06C
1.00 watts
PERFORMANCE
TEST
CONDITIONS
MAX.
ΔR (Typical Test Lots)
Power Conditioning
1.5 x rated power, applied 1.5 hours “ON” and 0.5 hour “OFF” for 100 hrs.
± 4 hrs. at + 25 °C ambient temperature
± 0.50 %
ΔR
Thermal Shock
5 cycles between - 65 °C and + 125 °C
± 0.50 %
ΔR
Short Time Overload
2.5 x rated working voltage 5 seconds
± 0.25 %
ΔR
Low Temperature Operation
45 minutes at full rated working voltage at - 65 °C
± 0.25 %
ΔR
Moisture Resistance
240 hrs. with humidity ranging from 80 % RH to 98 % RH
± 0.50 %
ΔR
Resistance to Soldering Heat
Leads immersed in + 260 °C solder to within 1/16" of device body for
10 seconds
± 0.25 %
ΔR
Shock
Total of 18 shocks at 100 G's
± 0.25 %
ΔR
Vibration
12 hours at maximum of 20 G's between 10 and 2000 Hz
± 0.25 %
ΔR
Load Life
1000 hrs. at + 70 °C, rated power applied 1.5 hours “ON”, 0.5 hour
“OFF” for full 1000 hour period. Derated according to the curve.
± 1.00 %
ΔR
Terminal Strength
4.5 pound pull for 30 seconds
± 0.25 %
ΔR
Insulation Resistance
10 000 Megohm (minimum)
-
Dielectric Withstanding Voltage
-


Similar Part No. - MSP08C031R00S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 10-Jun-10
MSP08C03KFEJ VISHAY-MSP08C03KFEJ Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
MSP08C03KGEJ VISHAY-MSP08C03KGEJ Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
MSP08C03KJEJ VISHAY-MSP08C03KJEJ Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
MSP08C03KSEJ VISHAY-MSP08C03KSEJ Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
More results

Similar Description - MSP08C031R00S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP01 VISHAY-MSP01 Datasheet
32Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Molded SIP 01, 03, 05 Schematics 6, 8, 9 or 10 Pin A Profile and 6, 8 or 10 Pin C Profile
Revision 25-Oct-00
CSC05 VISHAY-CSC05 Datasheet
195Kb / 4P
   Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
Revision 02-Aug-02
MDP16 VISHAY-MDP16 Datasheet
226Kb / 4P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision 06-Aug-02
MDP01 VISHAY-MDP01 Datasheet
302Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line, Molded DIP, 01, 03, 05 Schematics
Revision: 28-Jul-06
SOGC01 VISHAY-SOGC01 Datasheet
120Kb / 5P
   Thick Film Resistor Networks, Dual-In-Line Small Outline Molded Dip, 01, 03, 05 Schematics
Revision: 25-Aug-06
logo
Vaishali Semiconductor
SOGC01 VAISH-SOGC01 Datasheet
156Kb / 2P
   Thick Film Resistor Networks, Dual-In-Line, Small Outline Molded Dip, 01, 03, 05 Schematics, 16 or 20 Pins
logo
Vishay Siliconix
MSM VISHAY-MSM Datasheet
137Kb / 5P
   Thick Film Resistor Networks Military, MIL-PRF-83401 Qualified, Type RZ, Single-In-Line, Molded SIP; 01, 03, 05 Schematics
Revision: 25-Jul-08
MSP VISHAY-MSP_17 Datasheet
101Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 13-Feb-15
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 10-Jun-10
MSP06A011K00GEJ VISHAY-MSP06A011K00GEJ Datasheet
402Kb / 5P
   Thick Film Resistor Networks, Single-In-Line, Molded SIP
Revision: 10-Jun-10
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com