Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4505-4ARUZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4505-4ARUZ
Description  10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4505-4ARUZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4505-4ARUZ Datasheet HTML 3Page - Analog Devices ADA4505-4ARUZ Datasheet HTML 4Page - Analog Devices ADA4505-4ARUZ Datasheet HTML 5Page - Analog Devices ADA4505-4ARUZ Datasheet HTML 6Page - Analog Devices ADA4505-4ARUZ Datasheet HTML 7Page - Analog Devices ADA4505-4ARUZ Datasheet HTML 8Page - Analog Devices ADA4505-4ARUZ Datasheet HTML 9Page - Analog Devices ADA4505-4ARUZ Datasheet HTML 10Page - Analog Devices ADA4505-4ARUZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
ADA4505-2/ADA4505-4
Rev. A | Page 7 of
20
1000
100
10
1
0.1
0
25
50
75
100
125
TEMPERATURE (°C)
TA = 25°C, unless otherwise noted.
1000
100
10
1
0.1
0
25
50
75
100
125
TEMPERATURE (°C)
VSY = 1.8V
VSY = 5V
IB+
IB–
IB+
IB–
0.1
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
VCM (V)
Figure 10. Input Bias Current vs. Temperature
1000
100
10
1
VSY = 1.8V
IB+ AND IB
125°C
105°C
85°C
25°C
Figure 11. Input Bias Current vs. Common-Mode Voltage and Temperature
10k
1k
100
10
1
0.1
Figure 13. Input Bias Current vs. Temperature
1000
100
10
1
0.1
0
1
2
345
VCM (V)
VSY = 5V
IB+ AND IB
125°C
105°C
85°C
25°C
Figure 14. Input Bias Current vs. Common-Mode Voltage and Temperature
10k
1k
100
10
1
0.1
0.01
0.001
0.01
0.1
LOAD CURRENT (mA)
110
100
0.01
0.001
0.01
0.1
LOAD CURRENT (mA)
110
100
VSY = 1.8V
–40°C
+25°C
+85°C
+125°C
Figure 12. Output Voltage (VOH) to Supply Rail vs. Load Current
and Temperature
VSY = 5V
–40°C
+25°C
+85°C
+125°C
Figure 15. Output Voltage (VOH) to Supply Rail vs. Load Current
and Temperature


Similar Part No. - ADA4505-4ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4505-4ARUZ AD-ADA4505-4ARUZ Datasheet
846Kb / 24P
   10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
ADA4505-4ARUZ AD-ADA4505-4ARUZ Datasheet
846Kb / 24P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
ADA4505-4ARUZ-RL AD-ADA4505-4ARUZ-RL Datasheet
846Kb / 24P
   10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
ADA4505-4ARUZ-RL AD-ADA4505-4ARUZ-RL Datasheet
846Kb / 24P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
More results

Similar Description - ADA4505-4ARUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4505-1 AD-ADA4505-1_16 Datasheet
846Kb / 24P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
ADA4505-2 AD-ADA4505-2 Datasheet
708Kb / 20P
   10 關A, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. 0
AD8506 AD-AD8506_07 Datasheet
535Kb / 20P
   20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
REV. A
AD8505 AD-AD8505_16 Datasheet
655Kb / 20P
   20 關A Maximum, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifiers
ADA4505-2ARMZ AD-ADA4505-2ARMZ Datasheet
846Kb / 24P
   10 UA, Rail-to-Rail I/O, Zero InputCrossover Distortion Amplifiers
Rev. D
ADA4500-2 AD-ADA4500-2_16 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
ADA4500-2 AD-ADA4500-2_13 Datasheet
1Mb / 25P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
Rev. A
ADA4500-2 AD-ADA4500-2_12 Datasheet
1Mb / 24P
   10 MHz, 14.5 nV/?숰z, Rail-to-Rail I/O, Zero Input Crossover Distortion Amplifier
REV. A
logo
Texas Instruments
OPA388 TI1-OPA388_19 Datasheet
2Mb / 45P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail, Input/Output Operational Amplifiers
OPA388 TI1-OPA388_18 Datasheet
2Mb / 39P
[Old version datasheet]   Precision, Zero-Drift, Zero-Crossover, True Rail-to-Rail Input/Output, Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com