Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4817-1 Datasheet(PDF) 1 Page - Analog Devices

Part # ADA4817-1
Description  Low Noise, 1 GHz FastFET Op Amps
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4817-1 Datasheet(HTML) 1 Page - Analog Devices

  ADA4817-1 Datasheet HTML 1Page - Analog Devices ADA4817-1 Datasheet HTML 2Page - Analog Devices ADA4817-1 Datasheet HTML 3Page - Analog Devices ADA4817-1 Datasheet HTML 4Page - Analog Devices ADA4817-1 Datasheet HTML 5Page - Analog Devices ADA4817-1 Datasheet HTML 6Page - Analog Devices ADA4817-1 Datasheet HTML 7Page - Analog Devices ADA4817-1 Datasheet HTML 8Page - Analog Devices ADA4817-1 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Low Noise, 1 GHz
FastFET Op Amps
ADA4817-1/ADA4817-2
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringementsof patentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2008 Analog Devices, Inc. All rights reserved.
FEATURES
High speed
−3 dB bandwidth (G = 1, RL = 100 Ω): 1050 MHz
Slew rate: 870 V/μs
0.1% settling time: 9 ns
Low input bias current: 2 pA
Low input capacitance
Common-mode capacitance: 1.5 pF
Differential-mode capacitance: 0.1 pF
Low noise
4 nV/√Hz @ 100 kHz
2.5 fA/√Hz @ 100 kHz
Low distortion
−90 dBc @ 10 MHz (G = 1, RL = 1 kΩ)
Offset voltage: 2 mV maximum
High output current: 70 mA
Supply current per amplifier: 19 mA
Power-down supply current per amplifier: 1 mA
APPLICATIONS
Photodiode amplifiers
Data acquisition front ends
Instrumentation
Filters
ADC drivers
CCD output buffers
CONNECTION DIAGRAMS
NC = NO CONNECT
1
PD
2
FB
3
–IN
4
+IN
7OUT
8+VS
6NC
5–VS
ADA4817-1
TOP VIEW
(Not to Scale)
Figure 1. 8-Lead ADA4817-1 LFCSP (CP-8-2)
1
–IN1
2
+IN1
3
NC
4
–VS2
11 NC
12 –VS1
10 +IN2
9–IN2
ADA4817-2
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 2. 16-Lead ADA4817-2 LFSCP (CP-16-4)
GENERAL DESCRIPTION
The ADA4817-1 (single) and ADA4817-2 (dual) FastFET™
amplifiers are unity-gain stable, ultrahigh speed voltage
feedback amplifiers with FET inputs. These amplifiers are
developed in the Analog Devices, Inc., proprietary eXtra Fast
Complementary Bipolar (XFCB) process, which allows the
amplifiers to achieve ultralow noise (4 nV/√Hz; 2.5 fA/√Hz)
as well as very high input impedances.
With 1.5 pF of input capacitance, low noise (4 nV/√Hz),
low offset voltage (2 mV maximum), and 1050 MHz −3 dB
bandwidth, the ADA4817-1/ADA4871-2 are ideal for data
acquisition front ends as well as wideband transimpedance
applications, such as photodiode preamps.
With a wide supply voltage range from 5 V to 10 V, the ability
to operate on either single or dual supplies, the ADA4817-1/
ADA4817-2 are designed to work in a variety of applications
including active filtering and ADC driving.
The ADA4817-1 is available in a 3 mm × 3 mm 8-lead LFCSP
and the ADA4817-2 is available in a 4 mm × 4 mm 16-lead LFSCP.
Both packages feature a low distortion pinout, which improves
second harmonic distortion and simplifies the layout of the
circuit board. In addition, both packages feature an exposed
paddle that provides a low thermal resistance path to the
printed circuit board (PCB). This enables more efficient heat
transfer and increases reliability. Both products are rated to
work over the extended industrial temperature range (−40°C
to +105°C).


Similar Part No. - ADA4817-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4817-1 AD-ADA4817-1 Datasheet
543Kb / 28P
   Low Noise, 1 GHz FastFET Op Amps
REV. B
ADA4817-1ACP-EBZ AD-ADA4817-1ACP-EBZ Datasheet
543Kb / 28P
   Low Noise, 1 GHz FastFET Op Amps
REV. B
ADA4817-1ACPZ-R2 AD-ADA4817-1ACPZ-R2 Datasheet
543Kb / 28P
   Low Noise, 1 GHz FastFET Op Amps
REV. B
ADA4817-1ACPZ-R2 AD-ADA4817-1ACPZ-R2 Datasheet
624Kb / 25P
   Low Noise, 1 GHz FastFET Op Amps
ADA4817-1ACPZ-R7 AD-ADA4817-1ACPZ-R7 Datasheet
543Kb / 28P
   Low Noise, 1 GHz FastFET Op Amps
REV. B
More results

Similar Description - ADA4817-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4817-1ARDZ AD-ADA4817-1ARDZ Datasheet
543Kb / 28P
   Low Noise, 1 GHz FastFET Op Amps
REV. B
ADA4817-1 AD-ADA4817-1_16 Datasheet
624Kb / 25P
   Low Noise, 1 GHz FastFET Op Amps
AD8034 AD-AD8034_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARTZ-REEL7 AD-AD8034ARTZ-REEL7 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033 AD-AD8033 Datasheet
374Kb / 20P
   Low Cost, 80 MHz FastFET ??Op Amps
REV. D
AD8033 AD-AD8033_15 Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8034ARZ AD-AD8034ARZ Datasheet
494Kb / 24P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8033AKSZ AD-AD8033AKSZ Datasheet
620Kb / 25P
   Low Cost, 80 MHz FastFET Op Amps
REV. D
AD8065 AD-AD8065_06 Datasheet
547Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
Rev. G
AD8065 AD-AD8065 Datasheet
364Kb / 28P
   High Performance, 145 MHz FastFET??Op Amps
REV. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com