Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4856-3YCPZ-R7 Datasheet(PDF) 5 Page - Analog Devices

Part # ADA4856-3YCPZ-R7
Description  Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4856-3YCPZ-R7 Datasheet(HTML) 5 Page - Analog Devices

  ADA4856-3YCPZ-R7 Datasheet HTML 1Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 2Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 3Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4856-3YCPZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADA4856-3
Rev. 0 | Page 5 of 20
ABSOLUTE MAXIMUM RATINGS
MAXIMUM POWER DISSIPATION
Table 3.
Parameter
Rating
Supply Voltage
6 V
Internal Power Dissipation1
See Figure 3
The maximum power that can be safely dissipated by the
ADA4856-3 is limited by the associated rise in junction
temperature. The maximum safe junction temperature for
plastic encapsulated devices is determined by the glass transition
temperature of the plastic, approximately 150°C. Temporarily
exceeding this limit may cause a shift in parametric performance
due to a change in the stresses exerted on the die by the package.
Exceeding a junction temperature of 175°C for an extended
period can result in device failure.
Common-Mode Input Voltage
(−VS − 0.2 V) to (+VS − 1 V)
Differential Input Voltage
±VS
Output Short-Circuit Duration
Observe power curves
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
−40°C to +105°C
Lead Temperature (Soldering, 10 sec)
300°C
To ensure proper operation, it is necessary to observe the
maximum power derating curves.
1 Specification is for device in free air.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
3.0
2.5
2.0
1.5
1.0
0.5
0
AMBIENT TEMPERATURE (°C)
THERMAL RESISTANCE
θJA is specified for the worst-case conditions, that is, θJA is specified
for a device soldered in a circuit board for surface-mount packages.
Table 4.
Package Type
θJA
θJC
Unit
16-Lead LFCSP
67
17.5
°C/W
Figure 3. Maximum Power Dissipation vs. Ambient Temperature
ESD CAUTION


Similar Part No. - ADA4856-3YCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4856-3YCPZ-R7 AD-ADA4856-3YCPZ-R7 Datasheet
573Kb / 21P
   Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
More results

Similar Description - ADA4856-3YCPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4856-3 AD-ADA4856-3_16 Datasheet
573Kb / 21P
   Single-Supply, High Speed, Fixed G = 2, Rail-to-Rail Output Video Amplifier
logo
Texas Instruments
OPA4350-DIE TI1-OPA4350-DIE Datasheet
129Kb / 5P
[Old version datasheet]   HIGH-SPEED, SINGLE-SUPPLY, RAIL-TO-RAIL OPERATIONAL AMPLIFIER
SN10501 TI1-SN10501_16 Datasheet
1Mb / 34P
[Old version datasheet]   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
SN10501 TI-SN10501 Datasheet
553Kb / 23P
[Old version datasheet]   HIGH SPEED RAIL TO RAIL OUTPUT VIDEO AMPLIFIERS
logo
National Semiconductor ...
SN10502 NSC-SN10502 Datasheet
1Mb / 32P
   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
Texas Instruments
SN10501 TI1-SN10501 Datasheet
1Mb / 32P
[Old version datasheet]   HIGH-SPEED RAIL-TO-RAIL OUTPUT VIDEO AMPLIFIERS
logo
Burr-Brown (TI)
INA155 BURR-BROWN-INA155 Datasheet
140Kb / 11P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
INA156 BURR-BROWN-INA156 Datasheet
114Kb / 10P
   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
logo
New Japan Radio
NJM2746M-TE1 NJRC-NJM2746M-TE1 Datasheet
311Kb / 6P
   Single Supply, Rail-to-Rail Output Dual Operational Amplifier
logo
Texas Instruments
INA155 TI1-INA155 Datasheet
720Kb / 16P
[Old version datasheet]   Single-Supply, Rail-to-Rail Output, CMOS INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com