Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC13821 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC13821
Description  Low Noise Amplifier with Bypass Switch
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13821 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC13821_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13821_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13821_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13821_08 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13821_08 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13821_08 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13821_08 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13821_08 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC13821_08 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
Application Information
MC13821 Advance Information, Rev. 1.3
Freescale Semiconductor
11
Application information for 1575, 1960, 2140 and 2400 MHz are shown. For each application, two current
drain examples are provided. Typical RF performance is shown for two values of bias resistor R1: 1.2 k
Ω
and 2 k
Ω, see Table 6, Table 7, Table 8, and Table 9. These two current drain states offer variation in
intercept point, gain, and noise figure. For 1960 and 2140 MHz, additional application circuits are shown.
These demonstrate specific performance characteristics and utilize varying input and output matches and
different biasing resistors.
Measurements are made at a bias of VCC = 2.75 V. Freq. spacing for IP3 measurements is 200 kHz.
Non-linear measurements are made at Pin = -30 dB. The board loss corrections for these boards are: Input
0.16 dB, Output 0.2 dB. Gain and NF results incorporate these corrections in order to better reflect the
actual performance of the device.
3.1
1575 MHz Application
This application circuit was designed to provide NF < 1.2 dB, S21 gain > 18 dB, OIP3 of 18 dBm with
S11 better than -10 dB and S22 better than -10 dB at 1575 MHz with unconditional stability from 100 MHz
to 10 GHz. Typical performance that can be expected from this circuit at 2.75 V VCC is listed in Table 6.
The component values can be changed to enhance the performance of a particular parameter, but usually
at the expense of another. Two variations of the circuit are realized for different requirements for IP3 and
ICC. Values of external resistors R1 and R2 are varied to adjust ICC and IP3.
Figure 9. 1575 MHz LNA Application Schematic
2
1
3
4
5
6
12
11
10
8
9
7
Gnd
LNA
OUT
R1
2 k
LNA IN
Gain
Enable
Vcc1
R2
680
MC13821
1575 MHz
LNA
L1
5.6 nH
C1
22pF
C2
1
pf
L2
5.6 nH
C3
33 pf
C4
.01uf
Rbias
Vcc3
C5
.01uf
C6
33 pf
Logic
N
C
NC
NC
NC


Similar Part No. - MC13821_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821_09 Datasheet
779Kb / 42P
   Low Noise Amplifier with Bypass Switch
More results

Similar Description - MC13821_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC13821 FREESCALE-MC13821 Datasheet
1Mb / 42P
   Low Noise Amplifier with Bypass Switch
MC13820 FREESCALE-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13821 NXP-MC13821 Datasheet
925Kb / 42P
   Low Noise Amplifier with Bypass Switch
Rev. 1.5, 09/2009
logo
Broadcom Corporation.
MGA-785T6 BOARDCOM-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13820 NXP-MC13820 Datasheet
1Mb / 38P
   Low Noise Amplifier with Bypass Switch
Rev. 1.1, 09/2005
logo
Freescale Semiconductor...
MC13850 FREESCALE-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
MC13821 FREESCALE-MC13821_09 Datasheet
779Kb / 42P
   Low Noise Amplifier with Bypass Switch
MC13821FCR2 FREESCALE-MC13821FCR2 Datasheet
779Kb / 42P
   Low Noise Amplifier with Bypass Switch
logo
Broadcom Corporation.
DEMO-MGA-785T6 BOARDCOM-DEMO-MGA-785T6 Datasheet
228Kb / 17P
   Low Noise Amplifier with Bypass Switch
logo
NXP Semiconductors
MC13850 NXP-MC13850 Datasheet
3Mb / 54P
   Low Noise Amplifier with Bypass Switch
Rev. 1, 12/2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com