Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADA4932-1 Datasheet(PDF) 7 Page - Analog Devices

Part # ADA4932-1
Description  Low Power Differential ADC Driver
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4932-1 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADA4932-1 Datasheet HTML 3Page - Analog Devices ADA4932-1 Datasheet HTML 4Page - Analog Devices ADA4932-1 Datasheet HTML 5Page - Analog Devices ADA4932-1 Datasheet HTML 6Page - Analog Devices ADA4932-1 Datasheet HTML 7Page - Analog Devices ADA4932-1 Datasheet HTML 8Page - Analog Devices ADA4932-1 Datasheet HTML 9Page - Analog Devices ADA4932-1 Datasheet HTML 10Page - Analog Devices ADA4932-1 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
ADA4932-1/ADA4932-2
Rev. 0 | Page 7 of 28
ABSOLUTE MAXIMUM RATINGS
Table 7.
Parameter
Rating
Supply Voltage
11 V
Power Dissipation
See Figure 4
Input Current, +IN, −IN, PD
±5 mA
Storage Temperature Range
−65°C to +125°C
Operating Temperature Range
ADA4932-1
−40°C to +105°C
ADA4932-2
−40°C to +105°C
Lead Temperature (Soldering, 10 sec)
300°C
Junction Temperature
150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational section of
this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device
reliability.
THERMAL RESISTANCE
θJA is specified for the device (including exposed pad) soldered
to a high thermal conductivity 2s2p circuit board, as described
in EIA/JESD 51-7.
Table 8. Thermal Resistance
Package Type
θ
JA
Unit
ADA4932-1, 16-Lead LFCSP (Exposed Pad)
91
°C/W
ADA4932-2, 24-Lead LFCSP (Exposed Pad)
65
°C/W
MAXIMUM POWER DISSIPATION
The maximum safe power dissipation in the ADA4932-x
package is limited by the associated rise in junction temperature
(TJ) on the die. At approximately 150°C, which is the glass
transition temperature, the plastic changes its properties. Even
temporarily exceeding this temperature limit can change the
stresses that the package exerts on the die, permanently shifting
the parametric performance of the ADA4932-x. Exceeding a
junction temperature of 150°C for an extended period can result
in changes in the silicon devices, potentially causing failure.
The power dissipated in the package (PD) is the sum of the
quiescent power dissipation and the power dissipated in the
package due to the load drive. The quiescent power is the voltage
between the supply pins (VS) times the quiescent current (IS).
The power dissipated due to the load drive depends upon the
particular application. The power due to load drive is calculated
by multiplying the load current by the associated voltage drop
across the device. RMS voltages and currents must be used in
these calculations.
Airflow increases heat dissipation, effectively reducing θJA. In
addition, more metal directly in contact with the package leads/
exposed pad from metal traces, through holes, ground, and power
planes reduces θJA.
Figure 4 shows the maximum safe power dissipation in the
package vs. the ambient temperature for the single 16-lead
LFCSP (91°C/W) and the dual 24-lead LFCSP (65°C/W) on a
JEDEC standard 4-layer board with the exposed pad soldered to
a PCB pad that is connected to a solid plane.
3.5
0
0.5
1.0
1.5
2.0
2.5
3.0
–40
100
80
60
40
20
0
–20
AMBIENT TEMPERATURE (°C)
ADA4932-1
ADA4932-2
Figure 4. Maximum Power Dissipation vs. Ambient Temperature for
a 4-Layer Board
ESD CAUTION


Similar Part No. - ADA4932-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4932-1 AD-ADA4932-1 Datasheet
233Kb / 8P
   Differential Amplifier Evaluation Board for Single
REV. 0
ADA4932-1 AD-ADA4932-1 Datasheet
939Kb / 16P
   Matched Resistor Network for Precision Amplifiers
ADA4932-1YCPZ-R2 AD-ADA4932-1YCPZ-R2 Datasheet
753Kb / 27P
   Low Power, Differential ADC Driver
ADA4932-1YCPZ-R21 AD-ADA4932-1YCPZ-R21 Datasheet
477Kb / 28P
   Low Power Differential ADC Driver
REV. A
ADA4932-1YCPZ-R7 AD-ADA4932-1YCPZ-R7 Datasheet
753Kb / 27P
   Low Power, Differential ADC Driver
More results

Similar Description - ADA4932-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4932-1 AD-ADA4932-1_16 Datasheet
753Kb / 27P
   Low Power, Differential ADC Driver
ADA4932-1 AD-ADA4932-1_09 Datasheet
477Kb / 28P
   Low Power Differential ADC Driver
REV. A
AD8137 AD-AD8137_15 Datasheet
797Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
Rev. E
logo
Aavid, Thermal Division...
AD8137 AAVID-AD8137_12 Datasheet
588Kb / 32P
   Low Cost, Low Power, Differential ADC Driver
logo
Analog Devices
AD8137 AD-AD8137_16 Datasheet
629Kb / 33P
   Low Cost, Low Power, Differential ADC Driver
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
   Low Distortion, Differential ADC Driver
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
   Low Distortion Differential ADC Driver
Rev. F
AD8138 AD-AD8138 Datasheet
534Kb / 16P
   Low Distortion Differential ADC Driver
REV. E
AD8137 AD-AD8137_05 Datasheet
841Kb / 24P
   Low Cost, Low Power 12-Bit Differential ADC Driver
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com