Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADATE302-02BBCZ Datasheet(PDF) 8 Page - Analog Devices

Part # ADATE302-02BBCZ
Description  500 MHz Dual Integrated DCL with Differential Drive/Receive, Level Setting DACs, and Per Pin PMU
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADATE302-02BBCZ Datasheet(HTML) 8 Page - Analog Devices

Back Button ADATE302-02BBCZ Datasheet HTML 4Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 5Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 6Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 7Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 8Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 9Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 10Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 11Page - Analog Devices ADATE302-02BBCZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 52 page
background image
ADATE302-02
Rev. 0 | Page 8 of 52
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions/Comments
AC SPECIFICATIONS
Input transition time = 600 ps, 10% to 90%;
measured with each comparator leg terminated
50 Ω to GND; unless otherwise specified
Propagation Delay, Input to Output
1.4
ns
CB
VDUTx = 0 V to 1.0 V swing, driver VTERM mode,
VT = 0.0 V; high-side measurement: VOH = 0.5 V,
VOL = −2.0 V; low-side measurement: VOH = 6.0 V,
VOL = 0.5 V
Propagation Delay Tempco
4
ps/°C
CT
VDUTx = 0 V to 1.0 V swing, driver VTERM mode,
VT = 0.0 V; high-side measurement: VOH = 0.5 V,
VOL = −2.0 V; low-side measurement: VOH = 6.0 V,
VOL = 0.5 V
Propagation Delay Matching
VDUTx = 0 V to 1.0 V swing, driver VTERM mode,
VT = 0.0 V; high-side measurement: VOH = 0.5 V,
VOL = −2.0 V; low-side measurement: VOH = 6.0 V,
VOL = 0.5 V
High Transition to Low Transition
39
ps
CB
High to Low Comparator
±30
ps
CB
Propagation Delay Change with
Respect to
Slew Rate, 600 ps and 1 ns
(10% to 90%)
19
ps
CB
VDUTx = 0 V to 0.5 V swing, driver VTERM mode,
VT = 0.0 V; high-side measurement: VOH = 0.25 V,
VOL = −2.0 V; low-side measurement: VOH = 6.0 V,
VOL = 0.25 V
Overdrive, 250 mV and 1.0 V
65
ps
CB
For 250 mV: VDUTx = 0 V to 0.5 V swing; for 1.0 V: VDUTx =
0 V to 1.25 V swing; driver VTERM mode, VT = 0.0 V;
high-side measurement: VOH = 0.25 V, VOL = −2.0 V;
low-side measurement: VOH = 6.0 V, VOL = 0.25 V;
input transition time = 400 ps (10%/90%)
Pulse Width, 1 ns, 5 ns, 10 ns, and
15 ns
27
ps
CB
VDUTx = 0 V to 1.0 V swing @ 32.0 MHz, driver VTERM
mode, VT = 0.0 V; high-side measurement: VOH = 0.5 V,
VOL = −2.0 V; low-side measurement: VOH = 6.0 V,
VOL = 0.5 V; input transition time = 400 ps (10%/90%)
Duty Cycle, 5% to 95%
11.8
ps
CB
VDUTx = 0 V to 1.0 V swing @ 1.0 MHz, driver VTERM
mode, VT = 0.0 V; high-side measurement: VOH = 0.5 V,
VOL = −2.0 V; low-side measurement: VOH = 6.0 V,
VOL = 0.5 V; input transition time = 400 ps (10%/90%)
Minimum Pulse Width
1
ns
CB
VDUTx = 0 V to 1.0 V swing, driver VTERM mode,
VT = 0.0 V; less than 10% amplitude degradation
measured by shmoo; input transition time = 400 ps
(10%/90%)
Input Equivalent Bandwidth,
Terminated
1000
MHz
CB
VDUTx = 0 V to 1.0 V swing, driver VTERM mode,
VT = 0.0 V; as measured by shmoo; input transition
time = 400 ps (10%/90%)
ERT High-Z Mode, 3 V, 20% to 80%
0.9
ns
CB
VDUTx = 0 V to 3.0 V swing, driver high-Z; as measured
by shmoo
DIFFERENTIAL COMPARATOR
VOH tests done with VOL = −1.1 V, VOL tests done with VOH = 1.1 V, unless otherwise specified.
Table 5.
Parameter
Min
Typ
Max
Unit
Test
Level
Conditions/Comments
DC SPECIFICATIONS
Input Voltage Range
−1.5
+4.5
V
D
Operational Differential Voltage
Range
±0.05
±1.1
V
D
Maximum Differential Voltage Range
±8
V
D
Comparator Input Offset Voltage
Accuracy, Uncalibrated
−150
±25
+150
mV
P
Offset measured at differential calibration points of
+1 V and −1 V, with common mode = 0 V


Similar Part No. - ADATE302-02BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADATE302-02BBCZ AD-ADATE302-02BBCZ Datasheet
1Mb / 59P
   500 MHz Dual Integrated DCL
More results

Similar Description - ADATE302-02BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADATE305 AD-ADATE305 Datasheet
1Mb / 56P
   250 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
ADATE304 AD-ADATE304 Datasheet
1Mb / 52P
   200 MHz Dual Integrated DCL with Level Setting DACs, Per Pin PMU, and Per Chip VHH
REV. 0
ADATE318 AD-ADATE318 Datasheet
1Mb / 80P
   600 MHz Dual Integrated DCL with PPMU, VHH Drive Capability, Level Setting DACs, and On-Chip
REV. 0
ADATE324 AD-ADATE324 Datasheet
89Kb / 2P
   1.6 GHz Quad Integrated DCL with VHH Drive Capability, Level Setting DACs, and
Rev. Sp0
ADATE334 AD-ADATE334 Datasheet
72Kb / 2P
   2.3 GHz Dual Integrated DCL with PPMU, Level Setting DACs, and On-Chip Calibration Registers
ADATE302-02 AD-ADATE302-02_17 Datasheet
1Mb / 59P
   500 MHz Dual Integrated DCL
ADATE206 AD-ADATE206 Datasheet
315Kb / 16P
   500 MHz Dual DCL
REV. 0
ADATE206 AD-ADATE206_15 Datasheet
348Kb / 16P
   500 MHz Dual DCL
REV. A
ADATE318 AD-ADATE318_17 Datasheet
1Mb / 81P
   600 MHz Dual Integrated DCL
ADATE304 AD-ADATE304_17 Datasheet
1Mb / 51P
   200 MHz Dual Integrated DCL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com