Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC33810 Datasheet(PDF) 9 Page - Freescale Semiconductor, Inc

Part # MC33810
Description  Automotive Engine Control IC
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33810 Datasheet(HTML) 9 Page - Freescale Semiconductor, Inc

Back Button MC33810_08 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33810_08 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33810_08 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33810_08 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33810_08 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC33810_08 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC33810_08 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC33810_08 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC33810_08 Datasheet HTML 13Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 35 page
background image
Analog Integrated Circuit Device Data
Freescale Semiconductor
9
33810
ELECTRICAL CHARACTERISTICS
STATIC ELECTRICAL CHARACTERISTICS
DIGITAL INTERFACE (CONTINUED)
Input Logic Pull-down Current
0.8 to 5.0 V (SI)
ISI_PD
5.0
15
25
μA
Input Logic Pull-up Current on OUT_EN
OUT_EN = 0.0 V, VDD = 5.0 V
IOUT_EN_PU
-30
-50
-100
μA
OUT_EN Leakage Current to VDD
OUT_EN = 5.0 V, VDD = 0 V
IOUT_EN(LKG)
50
μA
SCLK Pull-down Current
VSCLK = VDD
ISCLK
5
15
25
μA
Tri-state SO Output
0 to 5.0 V
ITRISO
-10
10
μA
CS Input Current
CS = VDD
ICS
-50
50
μA
CS Pull-up Current
CS = 0 V
ICS_PU
-30
-50
-100
μA
CS Leakage Current to VDD
CS = 5.0 V, VDD = 0 V
ICS(LKG)
50
μA
SO Input Capacitance in Tri-state Mode
CSO
20
pF
SO High State Output Voltage
ISO-HIGH = -1.0 mA
VSO_HIGH
VDD - 0.4
V
SO Low State Output Voltage
ISO-LOW = 1.0 mA
VSO_LOW
0.4
V
NOMI, MAXI in V10 Mode Pull-down Current
NOMI, MAXI = 0.8 V, VDD = 5.0 V
IPD
30
70
100
μA
SPKDUR Output Voltage
ISPKDUR = 1.0 mA
VSPKDUR_LO
0.4
V
Output Pull-up Current for SPKDUR
ISPKDUR_PV
30
50
100
μA
NOMI, MAXI High State Output Voltage
INOMI-HIGH = -1.0 mA
IMAXI-HIGH = -1.0 mA
VI_HIGH
VDD - 0.4
V
NOMI, MAXI Low State Output Voltage
INOMI-LOW = 250 µA
IMAXI-LOW = 250 µA
VI_LOW
0.4
V
Table 3. Static Electrical Characteristics
Characteristics noted under conditions of 3.0 V
≤ VDD ≤ 5.5 V, 9.0 V ≤ VPWR ≤ 18 V, -40°C ≤ TC ≤ 125°C, and calibrated
timers, unless otherwise noted. Where typical values reflect the parameter’s approx. average value with VPWR = 13 V, TA =
25
°C.
Characteristic
Symbol
Min
Typ
Max
Unit


Similar Part No. - MC33810_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC33810 FREESCALE-MC33810 Datasheet
878Kb / 34P
   Automotive Engine Control IC
More results

Similar Description - MC33810_08

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
33810 FREESCALE-33810_10 Datasheet
1Mb / 35P
   Automotive Engine Control IC
MC33810 FREESCALE-MC33810 Datasheet
878Kb / 34P
   Automotive Engine Control IC
logo
Fairchild Semiconductor
FDB86563_F085 FAIRCHILD-FDB86563_F085 Datasheet
474Kb / 6P
   Automotive Engine Control
FDBL86563_F085 FAIRCHILD-FDBL86563_F085 Datasheet
492Kb / 6P
   Automotive Engine Control
FDD9411_F085 FAIRCHILD-FDD9411_F085 Datasheet
383Kb / 6P
   Automotive Engine Control
FDBL86363_F085 FAIRCHILD-FDBL86363_F085 Datasheet
407Kb / 6P
   Automotive Engine Control
FDD86369_F085 FAIRCHILD-FDD86369_F085 Datasheet
462Kb / 6P
   Automotive Engine Control
FDBL86561_F085 FAIRCHILD-FDBL86561_F085 Datasheet
405Kb / 6P
   Automotive Engine Control
FDD86367_F085 FAIRCHILD-FDD86367_F085 Datasheet
340Kb / 6P
   Automotive Engine Control
FDBL86366_F085 FAIRCHILD-FDBL86366_F085 Datasheet
408Kb / 6P
   Automotive Engine Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com