Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EQLXO-2000 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # EQLXO-2000
Description  HIGH SPECIFICATION OSCILLATORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

EQLXO-2000 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  EQLXO-2000 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 1460 230000 Fax: +44 1460 230001 email: info@euroquartz.co.uk web: www.euroquartz.co.uk
HIGH SPECIFICATION OSCILLATORS
Frequency Range:
500kHz to 120MHz
Supply Voltage:
+5.0 V±10% or +3.3V±10%
Calibration Tolerance (+5V, 25ºC)*
Code A:
±0.01% (±100ppm)
Code B:
±0.03%
Code C:
±0.10%
Temperature Stability**
0° to +50°C:
from ±5ppm to ±30ppm
-10° to +70°C:
from ±10ppm to ±50ppm
-40° to +85°C:
from ±20ppm to ±100ppm
-55° to +125°C:
from ±30ppm to ±100ppm
Supply Current:
4mA to 60mA
(Frequency dependent)
Output Levels (5 Volt supply)
VOL
VOH
TTL:
0.4V max.
2.4V min.
CMOS:
0.5V max.
4.5V min.
Start-up Time:
5ms max.
Rise/Fall Time:
6ns typical, 10ns max.
(Frequency dependent)
Symmetry*:
40%/60%
Ageing:
5ppm max., first year
Shock, Survival:
1000g peak 1ms, ½ sine
Vibration, Survival:
10g rms 10~2000Hz random
Operating Temperature
Commercial:
-10° to +70°C
Industrial:
-40° to +85°C
Military:
-55° to +125°C
Storage Temperature:
-55° to +125°C
* Tighter tolerances are available for calibration, stability and duty cycle.
** Does not include calibration tolerance.
Note: All parameters measured at ambient temperature with a 10MW
and 10pF load at 5.0 Volts.
·
Ceramic substrate and ruggedized mounts for high reliability
·
Industry-standard 8 pin DIL package for ease of design
·
5.0 Volt and 3.3 Volt operation
·
Option of Tristate or Output Enable
·
Full Screening in accordance with MIL-O-55310C, Class B
EQLXO-2000 SERIES
8 pin Dual-in-Line
MIL SPECIFICATION OSCILLATORS
DESCRIPTION
GENERAL SPECIFICATION
Euroquartz EQLXO-2000 series 8 pin DIL oscillators are designed for
military, aerospace and similar applications requiring high reliability
components. Material specification consists of a hybrid circuit substrate
with all-ceramic components coupled with a ruggedized crystal mounting
system. This design specification ensures that EQLXO-2000 series
oscillators provide a highly reliable and accurate source of clock signals,
in a package able to withstand severe environmental conditions.
FEATURES
OUTLINES AND DIMENSIONS
ABSOLUTE MAXIMUM RATINGS
Supply Voltage Vcc:
-0.V to +7V
Storage Temperature:
-55° to +125°C
TRUTH TABLE (PIN 1 OPTION)
Option
Pin 1*
(Option)
Pin 5
(Output)
Power Down
Low (0)
High (1)
High (1)
Freq. Output
Tristate
Low (0)
High (Z)
High (1)
Freq. Output
POWER DOWN vs TRISTATE
Power Down:
When Pin 1is low (0) the oscillator stops oscillation.
Tristate:
When Pin 1 is low the oscillator is running. However,
the output buffer amplifier stops functioning and the
Pin 5 output is in high impedance state.
* Normally High (internal pull-up resistor)
PART NUMBERS & ORDERING INFORMATION
Example:
10.000MHz
EQLXO-2100UM-A-SCREENED
Frequency
Series
Stability 100 = ±100ppm
050 = ±50ppm
030 = ±30ppm
Output
U = CMOS
T = TTL
Operating Temperature Range
M = Military
I = Industrial
C = Commercial
Calibration Tolerance Code
A, B or C (see gen. spec.)
Testing Status
‘Screened’ for MIL-O-55310C, Class B
Blank - Unscreened
(Check with Euroquartz sales office for details of Screening)


Similar Description - EQLXO-2000

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
HPQF EUROQUARTZ-HPQF Datasheet
495Kb / 4P
   Specification Low Jitter Oscillators
HTQF EUROQUARTZ-HTQF Datasheet
491Kb / 4P
   Specification Low Jitter Oscillators
HDQN EUROQUARTZ-HDQN Datasheet
461Kb / 4P
   Specification Low Jitter Oscillators
HTQN EUROQUARTZ-HTQN Datasheet
437Kb / 4P
   Specification Low Jitter Oscillators
HPQN EUROQUARTZ-HPQN Datasheet
464Kb / 4P
   Specification Low Jitter Oscillators
logo
STATEK CORPORATION
CXOHT STATEK-CXOHT Datasheet
754Kb / 2P
   HIGH TEMPERATURE OSCILLATORS
logo
RSG Electronic Componen...
CXOHT4SHGESM3 RSG-CXOHT4SHGESM3 Datasheet
178Kb / 2P
   HIGH TEMPERATURE OSCILLATORS
logo
STATEK CORPORATION
CXOMKHT STATEK-CXOMKHT Datasheet
579Kb / 2P
   HIGH TEMPERATURE OSCILLATORS
logo
Kyocera Kinseki Corpota...
OCVCXO-173A KSS-OCVCXO-173A Datasheet
57Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
OCVCXO-174A KSS-OCVCXO-174A Datasheet
55Kb / 1P
   High Precision Crystal Oscillators Oven Controlled Crystal Oscillators
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com