Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADIS16364BMLZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADIS16364BMLZ
Description  Six Degrees of Freedom Inertial Sensor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADIS16364BMLZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADIS16364BMLZ Datasheet HTML 7Page - Analog Devices ADIS16364BMLZ Datasheet HTML 8Page - Analog Devices ADIS16364BMLZ Datasheet HTML 9Page - Analog Devices ADIS16364BMLZ Datasheet HTML 10Page - Analog Devices ADIS16364BMLZ Datasheet HTML 11Page - Analog Devices ADIS16364BMLZ Datasheet HTML 12Page - Analog Devices ADIS16364BMLZ Datasheet HTML 13Page - Analog Devices ADIS16364BMLZ Datasheet HTML 14Page - Analog Devices ADIS16364BMLZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Preliminary Technical Data
ADIS16364
Rev. PrA | Page 11 of 16
OUTPUT DATA REGISTERS
Figure 6 provides the positive measurement direction for each
inertial sensor (gyroscope and accelerometers). Table 9 provides
the configuration and scale factor for each output data register
in the ADIS16364. All inertial sensor outputs are 14 bits in
length and are in twos complement format, which means that
0x0000 is equal to 0 LSB, 0x0001 is equal to +1 LSB, and 0x3FFF
is equal to −1 LSB. The following is an example of how to
calculate the sensor measurement from the XGYRO_OUT:
()
()
/sec
60.3
1206
/sec
0.05
Rate
LSB
1206
0x04B6
16
11
256
4
0x04B6
0x33B4A
0x000
0x3B4A
XGYRO_OUT
°
=
×
°
=
=
+
×
+
×
=
=
=
6
Therefore, an XGYRO_OUT output of 0x3B4A corresponds to
a clockwise rotation about the z-axis (see Figure 6) of 60.3°/sec
when looking at the top of the package.
Table 9. Output Data Register Formats
Register
Bits
Format
Scale
SUPPLY_OUT
12
Binary, 5 V = 0x0814
2.42 mV
XGYRO_OUT1
14
Twos complement
0.05°/sec
YGYRO_OUT1
14
Twos complement
0.05°/sec
ZGYRO_OUT1
14
Twos complement
0.05°/sec
XACCL_OUT
14
Twos complement
1 mg
YACCL_OUT
14
Twos complement
1 mg
ZACCL_OUT
14
Twos complement
1 mg
XTEMP_OUT2
12
Twos complement
0.14°C
YTEMP_OUT2
12
Twos complement
0.14°C
ZTEMP_OUT2
12
Twos complement
0.14°C
AUX_ADC
12
Binary, 1 V = 0x04D9
0.81 mV
1 Assumes that the scaling is set to ± 300°/sec. This factor scales with the range.
2 Note that typically, +25°C, these registers read 0x0000.
Each output data register uses the bit assignments shown in
Figure 13. The ND flag indicates that unread data resides in the
output data registers. This flag clears and returns to 0 during an
output register read sequence. It returns to 1 after the next
internal sample updates the registers with new data. The EA flag
indicates that one of the error flags in the DIAG_STAT register
(see Table 21) is active (true). The remaining 14 bits are for data.
MSB FOR 14-BIT OUTPUT
MSB FOR 12-BIT OUTPUT
ND EA
Figure 13. Output Register Bit Assignments
Auxiliary ADC
The AUX_ADC register provides access to the auxiliary ADC
input channel. The ADC is a 12-bit successive approximation
converter, which has an equivalent input circuit to the one
in Figure 14. The maximum input range is +3.3 V. The ESD
protection diodes can handle 10 mA without causing irreversible
damage. The switch on-resistance (R1) has a typical value of
100 Ω. The sampling capacitor, C2, has a typical value of 16 pF.
C2
C1
R1
VCC
D
D
Figure 14. Equivalent Analog Input Circuit
(Conversion Phase: Switch Open,
Track Phase: Switch Closed)
CALIBRATION
Manual Bias Calibration
The bias offset registers in Table 10 and Table 11 provide a manual
adjustment function for the output of each sensor. For example,
if XGYRO_OFF equals 0x1FF6, the XGYRO_OUT offset shifts
by −10 LSBs, or −0.125°/sec. The DIN command for the upper
byte is DIN = 0x9B1F; for the lower byte, DIN = 0x9AF6.
Table 10. XGYRO_OFF, YGYRO_OFF, ZGYRO_OFF
Bits
Description
[15:13]
Not used.
[12:0]
Data bits. Twos complement, 0.0125°/sec per LSB.
Typical adjustment range = ±50°/sec.
Table 11. XACCL_OFF, YACCL_OFF, ZACCL_OFF
Bits
Description
[15:12]
Not used.
[11:0]
Data bits, twos complement 1 mg/LSB.
Typical adjustment range = ±2 g.
Gyroscope Automatic Bias Null Calibration
Set GLOB_CMD[0] = 1 (DIN = 0xBE01) to execute this function,
which measures XGYRO_OUT and then loads XGYRO_OFF
with the opposite value to provide a quick bias calibration.
Then, all sensor data resets to 0, and the flash memory updates
automatically (50 ms). See Table 12.
Gyroscope Precision Automatic Bias Null Calibration
Set GLOB_CMD[4] = 1 (DIN = 0xBE10) to execute this
function, which takes the sensor offline for 30 sec while it
collects a set of XGYRO_OUT data and calculates a more
accurate bias correction factor. Once calculated, the correction
factor loads into XGYRO_OFF, all sensor data resets to 0, and
the flash memory updates automatically (50 ms). See Table 12.
Restoring Factory Calibration
Set GLOB_CMD[1] = 1 (DIN = 0xBE02) to execute this function,
which resets each user calibration register (see Table 10 and
Table 11) to 0x0000, resets all sensor data to 0, and auto-
matically updates the flash memory (50 ms). See Table 12.
Linear Acceleration Bias Compensation (Gyroscope)
Set MSC_CTRL[7] = 1 (DIN = 0xB486) to enable correction for
low frequency acceleration influences on gyroscope bias. Note
that the DIN sequence also preserves the factory default condi-
tion for the data ready function (see Table 17).


Similar Part No. - ADIS16364BMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16364BMLZ AD-ADIS16364BMLZ Datasheet
1Mb / 12P
   Evaluation Board User Guide
REV. B
More results

Similar Description - ADIS16364BMLZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADIS16385 AD-ADIS16385 Datasheet
450Kb / 20P
   Six Degrees of Freedom Inertial Sensor
Rev. PrA
ADIS16362 AD-ADIS16362 Datasheet
512Kb / 20P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16485 AD-ADIS16485 Datasheet
735Kb / 28P
   Six Degrees of Freedom Inertial Sensor
REV. 0
ADIS16486 AD-ADIS16486 Datasheet
1Mb / 38P
   Six Degrees of Freedom Inertial Sensor
ADIS16446 AD-ADIS16446 Datasheet
590Kb / 23P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16495 AD-ADIS16495 Datasheet
986Kb / 42P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
ADIS16460 AD-ADIS16460 Datasheet
598Kb / 26P
   Compact, Precision, Six Degrees of Freedom Inertial Sensor
ADIS16445 AD-ADIS16445_15 Datasheet
458Kb / 22P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
ADIS16445 AD-ADIS16445 Datasheet
526Kb / 24P
   Compact, Precision Six Degrees of Freedom Inertial Sensor
REV. A
ADIS16485 AD-ADIS16485_15 Datasheet
824Kb / 32P
   Tactical Grade, Six Degrees of Freedom Inertial Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com