Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADUM5201ARWZ Datasheet(PDF) 11 Page - Analog Devices

Part # ADUM5201ARWZ
Description  Dual Channel Isolators with Integrated DC-to-DC Converter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADUM5201ARWZ Datasheet(HTML) 11 Page - Analog Devices

Back Button ADUM5201ARWZ Datasheet HTML 7Page - Analog Devices ADUM5201ARWZ Datasheet HTML 8Page - Analog Devices ADUM5201ARWZ Datasheet HTML 9Page - Analog Devices ADUM5201ARWZ Datasheet HTML 10Page - Analog Devices ADUM5201ARWZ Datasheet HTML 11Page - Analog Devices ADUM5201ARWZ Datasheet HTML 12Page - Analog Devices ADUM5201ARWZ Datasheet HTML 13Page - Analog Devices ADUM5201ARWZ Datasheet HTML 14Page - Analog Devices ADUM5201ARWZ Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
ADuM5200/ADuM5201/ADuM5202
Rev. 0 | Page 11 of 24
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
VDD1 1
GND1 2
VIA 3
VIB 4
VISO
16
GNDISO
15
VOA
14
VOB
13
RCIN 5
NC
12
RCSEL 6
VSEL
11
NC
7
VE2
10
GND1 8
GNDISO
9
ADuM5200
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 6. ADuM5200 Pin Configuration
Table 10. ADUM5200 Pin Function Descriptions
Pin No. Mnemonic
Description
1
VDD1
Primary Supply Voltage 3.0 V to 5.5 V.
2, 8
GND1
Ground 1. Ground reference for the isolator primary side. Pin 2 and Pin 8 are internally connected to each other, and it is
recommended that both pins be connected to a common ground.
3
VIA
Logic Input A.
4
VIB
Logic Input B.
5
RCIN
Regulation Control Input. This pin must be connected to an RCOUT signal from another device or tied low. Note: This
pin must not be tied high if RCSEL is low; this combination causes excessive voltage on the secondary side, damaging
the ADuM5200 and possibly the devices that it powers.
6
RCSEL
Control Input. Determines self-regulation (RCSEL high) mode or slave mode (RCSEL low) allowing external regulation.
This pin is weakly pulled to the high state. In noisy environments, tie it either high or low.
7, 12
NC
No Internal Connection.
9, 15
GNDISO
Ground Reference for Isolator Side 2. Pin 9 and Pin 15 are internally connected to each other, and it is recommended that
both pins be connected to a common ground.
10
VE2
Data Enable Input. When high or no connect, the secondary outputs are active; when low, the outputs are in a
high-Z state.
11
VSEL
Output Voltage Selection. When VSEL = VISO, the VISO setpoint is 5.0 V. When VSEL = GNDISO, the VISO setpoint is 3.3 V. In
slave regulation mode, this pin has no function.
13
VOB
Logic Output B.
14
VOA
Logic Output A.
16
VISO
Secondary Supply Voltage. Output for secondary side isolated data channels and external loads.


Similar Part No. - ADUM5201ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5201ARWZ AD-ADUM5201ARWZ Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5201ARWZ AD-ADUM5201ARWZ Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM5201ARWZ1 AD-ADUM5201ARWZ1 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
ADUM5201ARWZ2 AD-ADUM5201ARWZ2 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
More results

Similar Description - ADUM5201ARWZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUM5200 AD-ADUM5200 Datasheet
502Kb / 23P
   Dual-Channel Isolators with Integrated DC/DC Converter
Rev. PrA
ADUM5200 AD-ADUM5200_V01 Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. B
ADUM6200 AD-ADUM6200 Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
Rev. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5201ARWZ-RL AD-ADUM5201ARWZ-RL Datasheet
486Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
REV. B
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM6201CRWZ AD-ADUM6201CRWZ Datasheet
569Kb / 28P
   Dual-Channel, 5 kV Isolators with Integrated DC-to-DC Converter
REV. C
ADUM5200W AD-ADUM5200W Datasheet
515Kb / 28P
   Dual-Channel, 2.5 kV Isolators with Integrated DC-to-DC Converter
Rev. 0
ADUM5401WCRWZ AD-ADUM5401WCRWZ Datasheet
536Kb / 24P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
Rev. D
ADUM5401W AD-ADUM5401W Datasheet
452Kb / 20P
   Quad-Channel Isolators with Integrated DC-to-DC Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com