Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5481_0811 Datasheet(PDF) 2 Page - Texas Instruments

Part # ADS5481_0811
Description  16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5481_0811 Datasheet(HTML) 2 Page - Texas Instruments

  ADS5481_0811 Datasheet HTML 1Page - Texas Instruments ADS5481_0811 Datasheet HTML 2Page - Texas Instruments ADS5481_0811 Datasheet HTML 3Page - Texas Instruments ADS5481_0811 Datasheet HTML 4Page - Texas Instruments ADS5481_0811 Datasheet HTML 5Page - Texas Instruments ADS5481_0811 Datasheet HTML 6Page - Texas Instruments ADS5481_0811 Datasheet HTML 7Page - Texas Instruments ADS5481_0811 Datasheet HTML 8Page - Texas Instruments ADS5481_0811 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 42 page
background image
ADS5481
ADS5482
ADS5483
SLAS565A – JUNE 2008 – REVISED NOVEMBER 2008................................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
TEMPERATURE
DESIGNATOR
MARKING
NUMBER
MEDIA, QUANTITY
RANGE
ADS5481IRGCT
Tape and Reel, 250
ADS5481
QFN-64
RGC
–40°C to +85°C
AZ5481
ADS5481IRGCR
Tape and Reel, 2000
ADS5482IRGCT
Tape and Reel, 250
ADS5482
QFN-64
RGC
–40°C to +85°C
AZ5482
ADS5482IRGCR
Tape and Reel, 2000
ADS5483IRGCT
Tape and Reel, 250
ADS5483
QFN-64
RGC
–40°C to +85°C
AZ5483
ADS5483IRGCR
Tape and Reel, 2000
(1)
For the most current product and ordering information see the Package Option Addendum located at the end of this document, or see
the TI website at www.ti.com..
2
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): ADS5481 ADS5482 ADS5483


Similar Part No. - ADS5481_0811

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5481 TI-ADS5481_08 Datasheet
1Mb / 35P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
More results

Similar Description - ADS5481_0811

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5481 TI-ADS5481 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5481 TI-ADS5481_08 Datasheet
1Mb / 35P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9265 AD-AD9265_13 Datasheet
1Mb / 45P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS, 1.8 V Analog-to-Digital Converter
AD9265 AD-AD9265 Datasheet
2Mb / 44P
   16-Bit, 125 MSPS/105 MSPS/80 MSPS 1.8 V Analog-to-Digital Converter
REV. A
AD9268 AD-AD9268 Datasheet
2Mb / 44P
   16-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. A
AD9650 AD-AD9650 Datasheet
1Mb / 44P
   16-Bit, 25 MSPS/65 MSPS/80 MSPS/105 MSPS, 1.8 V Dual Analog-to-Digital Converter (ADC)
REV. 0
AD9460 AD-AD9460_17 Datasheet
1Mb / 33P
   16-Bit, 80 MSPS/105 MSPS ADC
AD9233 AD-AD9233_15 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9233 AD-AD9233 Datasheet
1Mb / 44P
   12-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
AD9246 AD-AD9246 Datasheet
1Mb / 44P
   14-Bit, 80 MSPS/105 MSPS/125 MSPS, 1.8 V Analog-to-Digital Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com