Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV3200 Datasheet(PDF) 5 Page - Analog Devices

Part # ADV3200
Description  300 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV3200 Datasheet(HTML) 5 Page - Analog Devices

  ADV3200 Datasheet HTML 1Page - Analog Devices ADV3200 Datasheet HTML 2Page - Analog Devices ADV3200 Datasheet HTML 3Page - Analog Devices ADV3200 Datasheet HTML 4Page - Analog Devices ADV3200 Datasheet HTML 5Page - Analog Devices ADV3200 Datasheet HTML 6Page - Analog Devices ADV3200 Datasheet HTML 7Page - Analog Devices ADV3200 Datasheet HTML 8Page - Analog Devices ADV3200 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
ADV3200/ADV3201
Rev. 0 | Page 5 of
36
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
OSD DC PERFORMANCE
Gain Error
ADV3200
No load
±0.1
±2.3
%
±0.1
±2.7
%
ADV3201
No load
±0.1
±2.2
%
±0.1
±2.7
%
OSD INPUT CHARACTERISTICS
Input Offset Voltage
±5
±30
mV
Input Bias Current
−10
−4
μA
OSD SWITCHING CHARACTERISTICS
OSD Switch Delay, 2 V Step
50% OSD switch to 1% settling
20
ns
OSD Switching Transient (Glitch)
ADV3200
15
mV p-p
ADV3201
40
mV p-p
TIMING CHARACTERISTICS (SERIAL MODE)
Table 3.
Limit
Parameter
Symbol
Min
Typ
Max
Unit
Serial Data Setup Time
t1
40
ns
CLK Pulse Width
t2
50
ns
Serial Data Hold Time
t3
50
ns
CLK Pulse Separation
t4
150
ns
CLK to UPDATE Delay
t5
50
160
ns
UPDATE Pulse Width
t6
40
ns
CLK to DATA OUT Valid
t7
130
ns
Propagation Delay, UPDATE to Switch On or Off
50
ns
Data Load Time, CLK = 5 MHz, Serial Mode
38.6
μs
RESET Time
160
ns
TRANSFER DATA FROM SERIAL
REGISTER TO PARALLEL
LATCHES DURING LOW LEVEL
OUT00 (D0)
OUT31 (D5)
CLAMP
ON/OFF
1
0
1
0
1
0
1 = LATCHED
0 = TRANSPARENT
DATA OUT
UPDATE
DATA IN
CLK
CS
t1
t3
t7
t5
t6
LOAD DATA INTO
SERIAL REGISTER
ON RISING EDGE
t2
t4
Figure 2. Timing Diagram, Serial Mode


Similar Part No. - ADV3200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3202ASWZ AD-ADV3202ASWZ Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3203 AD-ADV3203 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3203ASWZ AD-ADV3203ASWZ Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
ADV3205 AD-ADV3205 Datasheet
341Kb / 20P
   60 MHz, G = 2, 16 횞 16
REV. 0
More results

Similar Description - ADV3200

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV3202 AD-ADV3202 Datasheet
431Kb / 20P
   300 MHz, 32 횞 16 Buffered Analog Crosspoint Switch
REV. 0
AD8117 AD-AD8117_07 Datasheet
1,021Kb / 36P
   600 MHz, 32 횞 32 Buffered Analog Crosspoint Switch
REV. A
AD8104 AD-AD8104_15 Datasheet
1,017Kb / 36P
   600 MHz, 32 16 Buffered Analog Crosspoint Switch
REV. 0
AD8104 AD-AD8104 Datasheet
879Kb / 36P
   600 MHz, 32 x 16 Buffered Analog Crosspoint Switch
AD8117 AD-AD8117_16 Datasheet
935Kb / 36P
   Buffered Analog Crosspoint Switch
AD8108 AD-AD8108_05 Datasheet
994Kb / 33P
   325 MHz, 8 횞 8 Buffered Video Crosspoint Switches
REV. B
AD8106 AD-AD8106 Datasheet
571Kb / 28P
   260 MHz, 16 횞 5 Buffered Video Crosspoint Switches
REV. 0
AD8116JSTZ AD-AD8116JSTZ Datasheet
955Kb / 29P
   200 MHz, 16  16 Buffered Video Crosspoint Switch
REV. B
AD8117 AD-AD8117_15 Datasheet
1,022Kb / 36P
   Analog Crosspoint Switch
REV. A
AD8105 AD-AD8105_15 Datasheet
1,017Kb / 36P
   Analog Crosspoint Switch
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com