Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7181CBSTZ-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # ADV7181CBSTZ-REEL
Description  10-Bit, Integrated, Multiformat SDTV Video Decoder and RGB Graphics Digitizer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7181CBSTZ-REEL Datasheet(HTML) 5 Page - Analog Devices

  ADV7181CBSTZ-REEL Datasheet HTML 1Page - Analog Devices ADV7181CBSTZ-REEL Datasheet HTML 2Page - Analog Devices ADV7181CBSTZ-REEL Datasheet HTML 3Page - Analog Devices ADV7181CBSTZ-REEL Datasheet HTML 4Page - Analog Devices ADV7181CBSTZ-REEL Datasheet HTML 5Page - Analog Devices ADV7181CBSTZ-REEL Datasheet HTML 6Page - Analog Devices ADV7181CBSTZ-REEL Datasheet HTML 7Page - Analog Devices ADV7181CBSTZ-REEL Datasheet HTML 8Page - Analog Devices ADV7181CBSTZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADV7181C
Rev. 0 | Page 5 of 20
VIDEO SPECIFICATIONS
AVDD = 3.15 V to 3.45 V, DVDD = 1.65 V to 2.0 V, DVDDIO = 3.0 V to 3.6 V, PVDD = 1.71 V to 1.89 V. TMIN to TMAX = −40°C to +85°C,
unless otherwise noted.
Table 2.
Parameter1, 2
Symbol
Test Conditions
Min
Typ
Max
Unit
NONLINEAR SPECIFICATIONS
Differential Phase
DP
CVBS input, modulated 5 step
0.5
Degrees
Differential Gain
DG
CVBS input, modulated 5 step
0.5
%
Luma Nonlinearity
LNL
CVBS input, 5 step
0.5
%
NOISE SPECIFICATIONS
SNR Unweighted
Luma ramp
54
56
dB
SNR Unweighted
Luma flat field
58
60
dB
Analog Front-End Crosstalk
60
dB
LOCK TIME SPECIFICATIONS
Horizontal Lock Range
−5
+5
%
Vertical Lock Range
40
70
Hz
FSC Subcarrier Lock Range
±1.3
kHz
Color Lock in Time
60
Lines
Sync Depth Range3
20
200
%
Color Burst Range
5
200
%
Vertical Lock Time
2
Fields
Horizontal Lock Time
100
Lines
CHROMA SPECIFICATIONS
Hue Accuracy
HUE
1
Degrees
Color Saturation Accuracy
CL_AC
1
%
Color AGC Range
5
400
%
Chroma Amplitude Error
0.5
%
Chroma Phase Error
0.4
Degrees
Chroma Luma Intermodulation
0.2
%
LUMA SPECIFICATIONS
Luma Brightness Accuracy
CVBS, 1 V input
1
%
Luma Contrast Accuracy
CVBS, 1 V input
1
%
1 The minimum/maximum specifications are guaranteed over this range.
2 Guaranteed by characterization.
3 Nominal synchronization depth is 300 mV at 100% synchronization depth range.


Similar Part No. - ADV7181CBSTZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7181 AD-ADV7181 Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7181B AD-ADV7181B Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7181BBCPZ AD-ADV7181BBCPZ Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7181BBSTZ AD-ADV7181BBSTZ Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
ADV7181BCP AD-ADV7181BCP Datasheet
884Kb / 96P
   Multiformat SDTV Video Decoder
REV. 0
More results

Similar Description - ADV7181CBSTZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7401 AD-ADV7401 Datasheet
419Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7401BSTZ-110 AD-ADV7401BSTZ-110 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. B
ADV7401 AD-ADV7401_15 Datasheet
402Kb / 20P
   10-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403_15 Datasheet
363Kb / 20P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. B
ADV7403 AD-ADV7403 Datasheet
452Kb / 24P
   12-Bit, Integrated, Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
Rev. SpA
ADV7400A AD-ADV7400A Datasheet
767Kb / 16P
   10-Bit Intergrated Multiformat SDTV/HDTV Video Decoder and RGB Graphics Digitizer
REV. A
ADV7441A AD-ADV7441A Datasheet
668Kb / 28P
   10-Bit Integrated, Multiformat SDTV/HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
Rev. B
AD9388A AD-AD9388A Datasheet
638Kb / 28P
   10-Bit Integrated, Multiformat, HDTV Video Decoder, RGB Graphics Digitizer, and 2:1 Multiplexed HDMI/DVI Interface
REV. B
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com