Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSM2319 Datasheet(PDF) 3 Page - Analog Devices

Part # SSM2319
Description  Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

SSM2319 Datasheet(HTML) 3 Page - Analog Devices

  SSM2319 Datasheet HTML 1Page - Analog Devices SSM2319 Datasheet HTML 2Page - Analog Devices SSM2319 Datasheet HTML 3Page - Analog Devices SSM2319 Datasheet HTML 4Page - Analog Devices SSM2319 Datasheet HTML 5Page - Analog Devices SSM2319 Datasheet HTML 6Page - Analog Devices SSM2319 Datasheet HTML 7Page - Analog Devices SSM2319 Datasheet HTML 8Page - Analog Devices SSM2319 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
SSM2319
Rev. 0 | Page 3 of 20
SPECIFICATIONS
VDD = 5.0 V, TA = 25oC, RL = 8 Ω +33 μH, SYNCI = GND (standalone mode), unless otherwise noted.
Table 1.
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
DEVICE CHARACTERISTICS
Output Power
POUT
RL = 8 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
1.41
W
RL = 8 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
0.72
W
RL = 8 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 2.5 V
0.33
W
RL = 8 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
1.77
W
RL = 8 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
0.91
W
RL = 8 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 2.5 V
0.42
W
RL = 4 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
2.53
W
RL = 4 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
1.28
W
RL = 4 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 2.5 V
0.56
W
RL = 4 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
3.171
W
RL = 4 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
1.6
W
RL = 4 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 2.5 V
0.72
W
RL = 3 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
3.11
W
RL = 3 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
1.52
W
RL = 3 Ω, THD = 1%, f = 1 kHz, 20 kHz BW, VDD = 2.5 V
0.68
W
RL = 3 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 5.0 V
3.71
W
RL = 3 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 3.6 V
1.9
W
RL = 3 Ω, THD = 10%, f = 1 kHz, 20 kHz BW, VDD = 2.5 V
0.85
W
Efficiency
η
POUT = 1.4 W, 8 Ω, VDD = 5.0 V
93
%
Total Harmonic Distortion + Noise
THD + N
POUT = 1 W into 8 Ω, f = 1 kHz, VDD = 5.0 V
0.06
%
POUT = 0.5 W into 8 Ω, f = 1 kHz, VDD = 3.6 V
0.02
%
Input Common-Mode Voltage Range
VCM
1.0
VDD − 1
V
Common-Mode Rejection Ratio
CMRRGSM
VCM = 2.5 V ± 100 mV at 217 Hz, output referred
57
dB
Average Switching Frequency
fSW
300
kHz
Differential Output Offset Voltage
VOOS
G = 12 dB
2.0
mV
POWER SUPPLY
Supply Voltage Range
VDD
Guaranteed from PSRR test
2.5
5.5
V
Power Supply Rejection Ratio
PSRR
VDD = 2.5 V to 5.0 V, dc input floating/ground
70
85
dB
PSRRGSM
VRIPPLE = 100 mV at 217 Hz, inputs ac GND, CIN = 0.1 μF
60
dB
Supply Current
ISY
VIN = 0 V, no load, VDD = 5.0 V
3.6
mA
VIN = 0 V, no load, VDD = 3.6 V
3.2
mA
VIN = 0 V, no load, VDD = 2.5 V
2.7
mA
VIN = 0 V, load = 8 Ω + 33 μH, VDD = 5.0 V
3.7
mA
VIN = 0 V, load = 8 Ω + 33 μH, VDD = 3.6 V
3.3
mA
VIN = 0 V, load = 8 Ω + 33 μH, VDD = 2.5 V
2.8
mA
Shutdown Current
ISD
SD = GND
20
nA
GAIN CONTROL
Closed-Loop Gain
Av
12
dB
Differential Input Impedance
ZIN
SD = VDD
40
SHUTDOWN CONTROL
Input Voltage High
VIH
ISY ≥ 1 mA
1.2
V
Input Voltage Low
VIL
ISY ≤ 300 nA
0.5
V
Turn-On Time
tWU
SD rising edge from GND to VDD
28
ms
Turn-Off Time
tSD
SD falling edge from VDD to GND
5
μs
Output Impedance
ZOUT
SD = GND
>100


Similar Part No. - SSM2319

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSM2310 SECOS-SSM2310 Datasheet
896Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
logo
Silicon Standard Corp.
SSM2310GN SSC-SSM2310GN Datasheet
505Kb / 5P
   N-channel Enhancement-mode Power MOSFET
logo
VBsemi Electronics Co.,...
SSM2310GN VBSEMI-SSM2310GN Datasheet
517Kb / 9P
   N-Channel 60-V (D-S) MOSFET
logo
Analog Devices
SSM2311 AD-SSM2311 Datasheet
515Kb / 20P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2311-EVALZ AD-SSM2311-EVALZ Datasheet
515Kb / 20P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. 0
More results

Similar Description - SSM2319

ManufacturerPart #DatasheetDescription
logo
Analog Devices
SSM2311 AD-SSM2311 Datasheet
515Kb / 20P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2335 AD-SSM2335 Datasheet
583Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. 0
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2317 AD-SSM2317 Datasheet
764Kb / 20P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
REV. A
SSM2375 AD-SSM2375 Datasheet
1Mb / 13P
   Filterless High Efficiency Mono 3 W Class-D Audio Amplifier
Rev. PrC
SSM2315CBZ-REEL AD-SSM2315CBZ-REEL Datasheet
440Kb / 16P
   Filterless, High Efficiency, Mono 3 W Class-D Audio Amplifier
REV. A
SSM2305 AD-SSM2305 Datasheet
455Kb / 16P
   Filterless High Efficiency Mono 2.8 W Class-D Audio Amplifier
REV. 0
logo
Texas Instruments
SSM2301 TI-SSM2301 Datasheet
366Kb / 19P
[Old version datasheet]   Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
logo
Analog Devices
SSM2305 AD-SSM2305_16 Datasheet
902Kb / 16P
   Filterless, High Efficiency, Mono 2.8 W, Class-D Audio Amplifier
SSM2301 AD-SSM2301_15 Datasheet
431Kb / 16P
   Filterless High Efficiency Mono 1.4 W Class-D Audio Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com