Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMP122-EP Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TMP122-EP
Description  1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP122-EP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TMP122-EP Datasheet HTML 5Page - Texas Instruments TMP122-EP Datasheet HTML 6Page - Texas Instruments TMP122-EP Datasheet HTML 7Page - Texas Instruments TMP122-EP Datasheet HTML 8Page - Texas Instruments TMP122-EP Datasheet HTML 9Page - Texas Instruments TMP122-EP Datasheet HTML 10Page - Texas Instruments TMP122-EP Datasheet HTML 11Page - Texas Instruments TMP122-EP Datasheet HTML 12Page - Texas Instruments TMP122-EP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
THERMOSTAT MODE (TM1/TM0)
POLARITY (POL)
FAULT QUEUE (F1/F0)
TMP122-EP
www.ti.com .......................................................................................................................................................................................... SBOS454 – NOVEMBER 2008
The Thermostat Mode bits of the TMP122 indicate to the device whether to operate in Comparator Mode,
Interrupt Mode or Interrupt Comparator Mode. For more information on Comparator and Interrupt Mode, see text
HIGH and LOW limit registers. The bit assignments for thermostat mode are described in Table 7. Power on
default is comparator mode.
Table 7. Mode Settings
TM1
TM0
MODE OF OPERATION
0
0
Comparator mode
0
1
Interrupt mode
1
0
Interrupt comparator mode
1
1
Reserved
The Polarity Bit of the TMP122 adjusts the polarity of the ALERT pin output. By default, POL = 0 and the ALERT
pin will be active LOW, as shown in Figure 8. For POL = 1 the ALERT Pin will be active HIGH, and the state of
the ALERT Pin is inverted.
Figure 8. ALERT Output Transfer Function Diagrams
A fault condition occurs when the measured temperature exceeds the limits set in the THIGH and TLOW registers.
The Fault Queue is provided to prevent a false alert due to environmental noise and requires consecutive fault
measurements to trigger the alert function of the TMP122. Table 8 defines the number of consecutive faults
required to trigger a consecutive alert condition. Power-on default for F1/F0 is 0/0.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TMP122-EP


Similar Part No. - TMP122-EP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP122-EP TI-TMP122-EP Datasheet
563Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP122-EP TI1-TMP122-EP Datasheet
511Kb / 19P
[Old version datasheet]   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
TMP122-EP TI-TMP122-EP_1 Datasheet
563Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
More results

Similar Description - TMP122-EP

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
TMP122 BURR-BROWN-TMP122 Datasheet
277Kb / 14P
   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
logo
Texas Instruments
TMP122-EP TI-TMP122-EP_1 Datasheet
563Kb / 17P
[Old version datasheet]   1.5째C ACCURATE PROGRAMMABLE DIGITAL TEMPERATURE SENSORS WITH SPI??INTERFACE
TMP122 TI1-TMP122_15 Datasheet
511Kb / 19P
[Old version datasheet]   1.5째C Accurate Programmable Digital Temperature Sensors with SPI Interface
TMP121-EP TI1-TMP121-EP Datasheet
566Kb / 13P
[Old version datasheet]   1.5째C ACCURATE DIGITAL TEMPERATURE SENSOR WITH SPI??INTERFACE
logo
Maxim Integrated Produc...
MAX6627 MAXIM-MAX6627 Datasheet
151Kb / 9P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
Rev 1; 7/01
MAX6627 MAXIM-MAX6627_V01 Datasheet
1Mb / 10P
   Remote 짹1째C Accurate Digital Temperature Sensors with SPI-Compatible Serial Interface
2016
logo
Texas Instruments
TMP125AIDBVRG4 TI-TMP125AIDBVRG4 Datasheet
130Kb / 10P
[Old version datasheet]   2C Accurate Digital Temperature Sensor with SPI Interface
TMP125 TI1-TMP125 Datasheet
183Kb / 12P
[Old version datasheet]   Accurate Digital Temperature Sensor with SPI田?Interface
logo
Burr-Brown (TI)
TMP121 BURR-BROWN-TMP121 Datasheet
128Kb / 9P
   1.5C Accurate Digital Temperature Sensor with SPI Interface
logo
Texas Instruments
TMP125 TI1-TMP125_15 Datasheet
185Kb / 12P
[Old version datasheet]   2째C Accurate Digital Temperature Sensor with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com