Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPA2100P1YZHR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPA2100P1YZHR
Description  19-VPP Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA2100P1YZHR Datasheet(HTML) 3 Page - Texas Instruments

  TPA2100P1YZHR Datasheet HTML 1Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 2Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 3Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 4Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 5Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 6Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 7Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 8Page - Texas Instruments TPA2100P1YZHR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
DISSIPATION RATINGS
(1)
AVAILABLE OPTIONS
TPA2100P1
www.ti.com ........................................................................................................................................................................................... SLOS595 – DECEMBER 2008
Over operating free-air temperature range (unless otherwise noted)
VALUE
UNIT
Supply voltage, VDD
–0.3 to 6.0
V
Amplifier supply voltage, VccOUT, VccIN
–0.3 to 12.0
V
VI
Input voltage, IN-, IN+, SDa, SD, GAIN
–0.3 to VDD + 0.3
V
Output continuous total power dissipation
See Dissipation Rating
Table
TA
Operating free-air temperature range
–40 to 85
°C
TJ
Operating junction temperature range
–40 to 150
°C
Tstg
Storage temperature range
–65 to 150
°C
ESD Protection — HBM (All Pins)
2
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operations of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
PACKAGE
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
16-ball WCSP (YZH)
1.66 W
13.3 mW/°C
1.06 W
0.86 W
(1)
Dissipation ratings are for a 2-side, 2-plane board JEDEC high K board.
TA
PACKAGED DEVICES(1)
PART NUMBER(2)
SYMBOL
TPA2100P1YZHR
–40°C to 85°C
16-ball WCSP, 2,1mm × 2,1 mm (+ 0,01 / –0,09 mm)
CEH
TPA2100P1YZHT
(1)
For the most current package and ordering information see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
(2)
The YZH package is only available taped and reeled. The suffix "R" indicates a reel of 3000; the suffix "T" indicates a reel of 250.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPA2100P1


Similar Part No. - TPA2100P1YZHR

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPA2 TOPPOWER-TPA2 Datasheet
182Kb / 3P
   1W Isolated Single and Dual Output DC/DC Converters
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
53Kb / 5P
   TRISIL
TPA200 STMICROELECTRONICS-TPA200 Datasheet
106Kb / 10P
   TRISIL FOR TELECOM EQUIPMENT PROTECTION
logo
Galaxy Semi-Conductor H...
TPA200 BILIN-TPA200 Datasheet
119Kb / 4P
   TELECOMMUNICATION PROTECTION
logo
STMicroelectronics
TPA200 STMICROELECTRONICS-TPA200 Datasheet
129Kb / 11P
   Trisil for telecom equipment protection
More results

Similar Description - TPA2100P1YZHR

ManufacturerPart #DatasheetDescription
logo
Power Analog Micoelectr...
PAM8902 PAM-PAM8902 Datasheet
464Kb / 13P
   30-Vpp Mono Class-D Audio Amplifier for Piezo/Ceramic Speakers
logo
Diodes Incorporated
PAM8902H DIODES-PAM8902H Datasheet
281Kb / 12P
   30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS
PAM8902A DIODES-PAM8902A Datasheet
554Kb / 12P
   30 VPP MONO CLASS-D AUDIO AMPLIFIER FOR PIEZO/CERAMIC SPEAKERS WITH ANTI-SATURATION
logo
Asahi Kasei Microsystem...
AK7846 AKM-AK7846 Datasheet
427Kb / 16P
   Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
AK7844 AKM-AK7844 Datasheet
418Kb / 21P
   Stereo Audio Class-D Amp with Power Booster for Piezo Speakers
logo
Texas Instruments
TPA2028D1 TI1-TPA2028D1 Datasheet
2Mb / 43P
[Old version datasheet]   Mono Class-D Audio Amplifier
TAS2555 TI1-TAS2555 Datasheet
879Kb / 12P
[Old version datasheet]   Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8301 DIODES-PAM8301 Datasheet
287Kb / 10P
   FILTERLESS CLASS-D MONO AUDIO AMPLIFIER
logo
Power Analog Micoelectr...
PAM8301 PAM-PAM8301 Datasheet
223Kb / 11P
   Filterless Class-D Mono Audio Amplifier
logo
Diodes Incorporated
PAM8304 DIODES-PAM8304 Datasheet
413Kb / 11P
   3W MONO CLASS D AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com