Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS54232 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS54232
Description  2A, 28V, 1MHz, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS54232 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS54232 Datasheet HTML 2Page - Texas Instruments TPS54232 Datasheet HTML 3Page - Texas Instruments TPS54232 Datasheet HTML 4Page - Texas Instruments TPS54232 Datasheet HTML 5Page - Texas Instruments TPS54232 Datasheet HTML 6Page - Texas Instruments TPS54232 Datasheet HTML 7Page - Texas Instruments TPS54232 Datasheet HTML 8Page - Texas Instruments TPS54232 Datasheet HTML 9Page - Texas Instruments TPS54232 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
0.7760
0.7820
0.7880
0.7940
0.8000
0.8060
0.8120
0.8180
0.8240
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
9.0
9.5
10.0
10.5
11.0
11.5
12.0
12.5
13.0
13.5
14.0
VIN=12V
100
110
120
130
140
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
VIN=12V
1.90
2.00
2.10
-50
-25
0
25
50
75
100
125
150
T -JunctionTemperature-°C
J
1.95
2.05
3
8
13
18
23
28
V -InputVoltage-V
I
3.5
4.0
4.5
5.0
5.5
T =25°C
J
T =150°C
J
T =-40°C
J
SUPPLEMENTAL APPLICATION CURVES
3
8
13
18
23
28
V -InputVolatage-V
I
0.75
1.25
1.75
2.25
2.75
3.25
I
=2 A
O
3.75
3
8
13
18
23
28
0
5
10
15
20
25
30
V -InputVoltage-V
I
I
=2 A
O
25
50
75
100
125
150
0
0.2
0.4
0.6
0.8
1
1.2
P -PowerDissipation-W
D
TPS54232
SLVS876 – NOVEMBER 2008 ........................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
MINIMUM CONTROLLABLE ON
MINIMUM CONTROLLABLE DUTY
VOLTAGE REFERENCE
TIME
RATIO
vs
vs
vs
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
JUNCTION TEMPERATURE
Figure 4.
Figure 5.
Figure 6.
SS CHARGE CURRENT
CURRENT LIMIT THRESHOLD
vs
vs
JUNCTION TEMPERATURE
INPUT VOLTAGE
Figure 7.
Figure 8.
TYPICAL MINIMUM OUTPUT
TYPICAL MAXIMUM OUTPUT
VOLTAGE
VOLTAGE
MAXIMUM POWER DISSIPATION
vs
vs
vs
INPUT VOLTAGE
INPUT VOLTAGE
JUNCTION TEMPERATURE
Figure 9.
Figure 10.
Figure 11.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS54232


Similar Part No. - TPS54232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54232 TI-TPS54232_15 Datasheet
650Kb / 31P
[Old version datasheet]   TPS54232 2-A, 28-V, 1-MHz, Step-Down DC-DC Converter With Eco-Mode?
More results

Similar Description - TPS54232

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54233 TI-TPS54233 Datasheet
1Mb / 26P
[Old version datasheet]   2A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54231 TI-TPS54231 Datasheet
794Kb / 23P
[Old version datasheet]   2A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODTM
TPS54332DDAR TI1-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode
TPS54332DDAR TI-TPS54332DDAR Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
TPS54332 TI1-TPS54332 Datasheet
1Mb / 26P
[Old version datasheet]   3.5A, 28V, 1MHz, STEP DOWN DC/DC CONVERTER WITH Eco-mode?
TPS54331 TI-TPS54331 Datasheet
940Kb / 24P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH Eco-mode
TPS54331DDA TI-TPS54331DDA Datasheet
1Mb / 31P
[Old version datasheet]   3A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
TPS54531 TI1-TPS54531 Datasheet
1Mb / 27P
[Old version datasheet]   5A, 28V INPUT, STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-mode?
TPS54233 TI-TPS54233_15 Datasheet
841Kb / 29P
[Old version datasheet]   TPS54233 2A, 28V Input, Step Down DC/DC Converter With Eco-mode?
TPS54040 TI-TPS54040_10 Datasheet
2Mb / 47P
[Old version datasheet]   0.5A, 42V STEP DOWN SWIFT??DC/DC CONVERTER WITH ECO-MODE?
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com