Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

0201YJ3R0BBSTR Datasheet(PDF) 4 Page - AVX Corporation

Part # 0201YJ3R0BBSTR
Description  Thin-Film Technology
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

0201YJ3R0BBSTR Datasheet(HTML) 4 Page - AVX Corporation

  0201YJ3R0BBSTR Datasheet HTML 1Page - AVX Corporation 0201YJ3R0BBSTR Datasheet HTML 2Page - AVX Corporation 0201YJ3R0BBSTR Datasheet HTML 3Page - AVX Corporation 0201YJ3R0BBSTR Datasheet HTML 4Page - AVX Corporation 0201YJ3R0BBSTR Datasheet HTML 5Page - AVX Corporation 0201YJ3R0BBSTR Datasheet HTML 6Page - AVX Corporation 0201YJ3R0BBSTR Datasheet HTML 7Page - AVX Corporation 0201YJ3R0BBSTR Datasheet HTML 8Page - AVX Corporation 0201YJ3R0BBSTR Datasheet HTML 9Page - AVX Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
9
1
Size
Size Code
0603
0805
Voltage
100
50
25
100
50
25
Cap in
Cap
pF(1)
code
0.1
0R1
0.2
0R2
0.3
0R3
0.4
0R4
0.5
0R5
0.6
0R6
0.7
0R7
0.8
0R8
0.9
0R9
1.0
1R0
1.2
1R2
1.5
1R5
1.8
1R8
2.2
2R2
2.7
2R7
3.3
3R3
3.9
3R9
4.7
4R7
5.6
5R6
6.8
6R8
8.2
8R2
10
100
12
120
15
150
18
180
22
220
27
270
33
330
39
390
47
470
56
560
68
680
82
820
100
101
120
121
150
151
Size
Size Code
0603
0805
Voltage
100
50
25
100
50
25
Cap in
Cap
pF
(
(1)
code
0.1
0R1
0.2
0R2
0.3
0R3
0.4
0R4
0.5
0R5
0.6
0R6
0.7
0R7
0.8
0R8
0.9
0R9
1.0
1R0
1.2
1R2
1.5
1R5
1.8
1R8
2.2
2R2
2.7
2R7
3.3
3R3
3.9
3R9
4.7
4R7
5.6
5R6
6.8
6R8
8.2
8R2
10
100
12
120
15
150
18
180
22
220
27
270
33
330
39
390
47
470
56
560
68
680
82
820
100
101
120
121
150
151
TEMP. COEFFICIENT CODE
“J” = 0±30ppm/°C
(-55°C to +125°C)
(2)
Accu-F® *
Signal Type Capacitors
TEMP. COEFFICIENT CODE
“K” = 0±60ppm/°C
(-55°C to +125°)
(2)
(1) For capacitance values higher than listed in table,
please consult factory.
(2) TC shown is per EIA/IEC Specifications.
(1) For capacitance values higher than listed in table,
please consult factory.
(2) TC shown is per EIA/IEC Specifications.
Accu-F
® Capacitance Ranges (pF)
Intermediate values are available within the indicated range.
*
Not recommended for new designs.
Accu-P’s are recommended.


Similar Part No. - 0201YJ3R0BBSTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
0201YJ4R7AASTR AVX-0201YJ4R7AASTR Datasheet
458Kb / 20P
   Thin-Film Technology
0201YJ4R7AASTR AVX-0201YJ4R7AASTR Datasheet
217Kb / 19P
   High purity of electrodes for very low and repeatable
0201YJ4R7AATTR AVX-0201YJ4R7AATTR Datasheet
458Kb / 20P
   Thin-Film Technology
0201YJ4R7AATTR AVX-0201YJ4R7AATTR Datasheet
217Kb / 19P
   High purity of electrodes for very low and repeatable
0201YJ4R7AAWTR AVX-0201YJ4R7AAWTR Datasheet
458Kb / 20P
   Thin-Film Technology
More results

Similar Description - 0201YJ3R0BBSTR

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06035J0R1PBSTR AVX-06035J0R1PBSTR Datasheet
340Kb / 26P
   Thin-Film Technology
04023J3R0ABWTR AVX-04023J3R0ABWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J6R8BBWTR AVX-04023J6R8BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023K200FBSTR AVX-04023K200FBSTR Datasheet
217Kb / 19P
   Thin-Film Technology
04023J1R6BBSTR AVX-04023J1R6BBSTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J1R6BBWTR AVX-04023J1R6BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J2R5BBWTR AVX-04023J2R5BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J2R9ABSTR AVX-04023J2R9ABSTR Datasheet
217Kb / 19P
   Thin-Film Technology
ACCU-P AVX-ACCU-P Datasheet
1Mb / 25P
   Thin-Film Technology
04023J7R5BBWTR AVX-04023J7R5BBWTR Datasheet
252Kb / 20P
   Thin-Film Technology
04023J1R5BBSTR AVX-04023J1R5BBSTR Datasheet
217Kb / 19P
   Thin-Film Technology
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com