Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOMC14011003CT5 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # NOMC14011003CT5
Description  Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NOMC14011003CT5 Datasheet(HTML) 1 Page - Vishay Siliconix

  NOMC14011003CT5 Datasheet HTML 1Page - Vishay Siliconix NOMC14011003CT5 Datasheet HTML 2Page - Vishay Siliconix NOMC14011003CT5 Datasheet HTML 3Page - Vishay Siliconix NOMC14011003CT5 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Narrow Body
NOMC
Vishay Thin Film
www.vishay.com
For technical questions, contact: thin-film@vishay.com
Document Number: 60007
24
Revision: 02-Oct-08
The NOMC series features a standard 14 and 16 pin narrow
body (0.150") small outline surface mount style. It can
accommodate
resistor
networks
to
your
particular
application requirements. The networks can be constructed
with Passivated Nichrome (standard), or Tantalum Nitride (1)
resistor films to optimize performance.
Note
(1) Available upon request. Resistance value range and performance
differs
from
Passivated
Nichrome
standard
electrical
specifications on datasheet, consult factory.
SCHEMATICS
FEATURES
• Lead (Pb)-free available
• Standard 14 and 16 pin counts
(0.150" Narrow Body) JEDEC MS-012
• Rugged molded case construction
• Stable thin film element (500 ppm at + 70 °C at 2000 h)
• Low temperature coefficient (± 25 ppm/°C)
TYPICAL PERFORMANCE
Consult factory for additional values
The 01 circuit provides a choice of 13 or 15 equal value resistors
each connected between a common lead (14 or 16).
Custom schematics available
The 03 circuit provides a choice of 7 or 8 equal value resistors
each connected between a common lead (14 or 16).
Custom schematics available
Actual Size
NOMC1401 or NOMCT1401
NOMC1601 or NOMCT1601
NOMC1403 or NOMCT1403
NOMC1603 or NOMCT1603
ABS
TRACKING
TCR
25
5
ABS
RATIO
TOL
0.10
0.05
STANDARD RESISTANCE OFFERING
(Equal Value Resistors)
ISOLATED (03) SCHEMATIC
BUSSED (01) SCHEMATIC
1 k
Ω
10 k
Ω
2 k
Ω
20 k
Ω
5 k
Ω
10 k
Ω
20 k
Ω
100 k
Ω
Available
Pb-free
RoHS*
COMPLIANT
STANDARD ELECTRICAL SPECIFICATIONS
TEST
SPECIFICATIONS
CONDITIONS
Pin Number
14, 16
Resistance Range
Bussed (01) Schematic
100
Ω to 50 kΩ each resistor
Isolated (03) Schematic
100
Ω to 100 kΩ each resistor
TCR
Tracking
± 5 ppm/°C typical
- 55 °C to + 125 °C
Absolute
± 25 ppm/°C standard
- 55 °C to + 125 °C
* Pb containing terminations are not RoHS compliant, exemptions may apply


Similar Part No. - NOMC14011003CT5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NOMC14011003CT5 VISHAY-NOMC14011003CT5 Datasheet
128Kb / 4P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
Revision: 25-Apr-17
More results

Similar Description - NOMC14011003CT5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ORN VISHAY-ORN Datasheet
375Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 10-Aug-07
ORNA2-1 VISHAY-ORNA2-1 Datasheet
165Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision 25-Jan-02
ORNA VISHAY-ORNA Datasheet
133Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 16-Apr-08
OSOP VISHAY-OSOP Datasheet
97Kb / 2P
   Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
Revision 03-May-01
OSOP VISHAY-OSOP_07 Datasheet
173Kb / 3P
   Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
Revision: 07-Nov-07
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
RMKMS VISHAY-RMKMS Datasheet
240Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 02-May-07
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
Revision: 02-Sep-11
NOMC VISHAY-NOMC_17 Datasheet
128Kb / 4P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
Revision: 25-Apr-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com