Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NOMCT16011003CT5 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # NOMCT16011003CT5
Description  Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NOMCT16011003CT5 Datasheet(HTML) 3 Page - Vishay Siliconix

  NOMCT16011003CT5 Datasheet HTML 1Page - Vishay Siliconix NOMCT16011003CT5 Datasheet HTML 2Page - Vishay Siliconix NOMCT16011003CT5 Datasheet HTML 3Page - Vishay Siliconix NOMCT16011003CT5 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
NOMC
Vishay Thin Film
Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Narrow Body
www.vishay.com
For technical questions, contact: thin-film@vishay.com
Document Number: 60007
26
Revision: 02-Oct-08
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: NOMC16031002BUF (preferred part number format)
GLOBAL MODEL
(4 or 5 digits)
PINS
SCHEMATIC
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
PACKAGING
NOMC
(Tin Lead)
NOMCT
(Lead (Pb)-free)
(e3)
14
16
01 = 13 or 15
Bussed equal
value resistors
03 = 7 or 8
Isolated equal
value resistors
First
3
digits
are
significant figures and
the last digit specifies
the number of zeros
to follow.
Example:
1002 = 10K
1003 = 100K
Abs. Tol.
*A = 0.1 %
B = 0.1 %
C = 0.25 %
D = 0.5 %
F = 1 %
*Z = 0.1 %
Ratio
0.05 %
0.1 %
0.1 %
0.1 %
0.5 %
0.025 %
TAPE AND REEL
T0 = 100 Min 100 Mult
T1 = 1000 Min 1000 Mult
T3 = 300 Min 300 Mult
T5 = 500 Min 500 Mult
TF = Full Reel 2500
TS = 100 Min 1 Mult
UF = TUBED
* Tol. available 1K and up
Historical Part Number example: NOMC16031002Z (will continue to be accepted)
NOMC
16
03
1002
Z
SERIES
PINS
SCHEMATIC
RESISTANCE
TOLERANCE AND
RATIO TOLERANCE
CT
1
4
3
1
0
0
OM
3Z
T1
0
N
MC
1
6
3
1
0
0
NO
2B
U
F
0


Similar Part No. - NOMCT16011003CT5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
NOMCT16011003CT5 VISHAY-NOMCT16011003CT5 Datasheet
128Kb / 4P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
Revision: 25-Apr-17
More results

Similar Description - NOMCT16011003CT5

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
ORN VISHAY-ORN Datasheet
375Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 10-Aug-07
ORNA2-1 VISHAY-ORNA2-1 Datasheet
165Kb / 2P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision 25-Jan-02
ORNA VISHAY-ORNA Datasheet
133Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Network
Revision: 16-Apr-08
OSOP VISHAY-OSOP Datasheet
97Kb / 2P
   Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
Revision 03-May-01
OSOP VISHAY-OSOP_07 Datasheet
173Kb / 3P
   Molded, 25 Mil Pitch, Dual-In-Line Resistor Network
Revision: 07-Nov-07
RMKM VISHAY-RMKM Datasheet
98Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 21-Aug-06
VSOR2000S1 VISHAY-VSOR2000S1 Datasheet
235Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 15-May-07
RMKMS VISHAY-RMKMS Datasheet
240Kb / 3P
   Molded, 50 Mil Pitch, Dual-In-Line Resistor Networks
Revision: 02-May-07
ORNA2001AUF VISHAY-ORNA2001AUF Datasheet
96Kb / 3P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Surface Mount Network
Revision: 02-Sep-11
NOMC VISHAY-NOMC_17 Datasheet
128Kb / 4P
   Molded, 50 mil Pitch, Dual-In-Line Thin Film Resistor, Narrow Body, Surface Mount Network
Revision: 25-Apr-17
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com