Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPW14 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # GPW14
Description  14 pin Dual-in-Line VCXO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

GPW14 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  GPW14 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
VCXO
14 pin Dual-in-Line VCXO
GPW14 LVPECL
DESCRIPTION
Frequency range 750kHz to 800MHz
LVPECL Output
Supply Voltage 3.3 VDC
Phase jitter 2.35ps typical
Pull range from ±30ppm to ±150ppm
OUTLINE & DIMENSIONS
Frequency Range:
750.0kHz to 800.0MHz
Supply Voltage:
3.3 VDC ±5%
Output Logic:
LVPECL
RMS Period Jitter:
4.3ps typical
Peak to Peak Jitter:
27.0ps typical
Phase Jitter:
2.35ps typical
Initial Frequency Accuracy:
Tune to the nominal frequency
with Vc= 1.65 ±0.2VDC
Output Voltage HIGH (1):
Vdd-1.025V minimum
Vdd-0.880V maximum
Output Voltage LOW (0):
Vdd-1.810V minimum
Vdd-1.620V maximum
(RL=50
to Vdd-2V)
Pulling Range:
From ±30ppm to ±150ppm
Control Voltage Range:
1.65 ±0.35 Volts
Temperature Stability:
See table
Output Load:
50
into Vdd or Thevenin equiv.
Rise/Fall Times:
0.5ns typ., 0.7ns max.
20% Vdd to 80% Vdd
Duty Cycle:
50% ±5%
(Measured at Vdd-1.3V)
Start-up Time:
10ms maximum, 5ms typical
Current Consumption:
75mA maximum at 212.5MHz
80mA maximum at 622.08MHz
Static Discharge Protection:
2kV maximum
Storage Temperature:
-55° to +150°C
Ageing:
±2ppm per year maximum
Enable/Disable:
Not implemented, 4 pin package
RoHS Status:
Fully compliant or non-compliant
versions available
SPECIFICATION
PART NUMBERING
Example:
3GPW14G-B-80N-60.000
Stability Code
FREQUENCY STABILITY
A
25
0°~+70°C
B
50
0°~+70°C
C
100
0°~+70°C
D
25
-40°~+85°C
E
50
-40°~+85°C
F
100
-40°~+85°C
If non-standard frequency stability is required
Use ‘I’ followed by stability, i.e. I20 for ±20ppm
Stability ±ppm
Supply Voltage
3 = +3.3V
Series Designator
GPW14
RoHS Status
G = RoHs compliant
Blank = RoHS non-compliant
Stability over temperature range
(See table)
Pullability in ±ppm
Pullability determinator
N = minimum
M = maximum
T = Typical
Frequency in MHz
GPW14 VCXOs are packaged in an industry-standard 14 pin dual-in-
line package. Typical phase jitter for GPW series VCXOs is 2.35ps.
Output is LVPECL. Applications include phase lock loop, SONET/ATM,
set-top boxes, MPEG , audio/video modulation, video game consoles
and HDTV.
Temp. Range


Similar Part No. - GPW14

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GPW576 EUROQUARTZ-GPW576 Datasheet
226Kb / 1P
   7 x 5 x 1.8mm SMD VCXO
logo
Mercury United Electron...
GPW576 MERCURY-GPW576 Datasheet
124Kb / 1P
   SMD LVPECL output
logo
EUROQUARTZ limited
GPW62 EUROQUARTZ-GPW62 Datasheet
103Kb / 1P
   11.4 x 9.6 x 2.5mm 6 pad SMD VCXO
logo
Mercury United Electron...
GPW62 MERCURY-GPW62 Datasheet
122Kb / 1P
   SMD LVPECL output
GPW63 MERCURY-GPW63 Datasheet
122Kb / 1P
   SMD LVPECL output
More results

Similar Description - GPW14

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GDW14 EUROQUARTZ-GDW14 Datasheet
89Kb / 1P
   14 pin Dual-in-Line VCXO
GSR14 EUROQUARTZ-GSR14 Datasheet
88Kb / 1P
   14 pin Dual-in-Line Sine Wave VCXO
GPW8 EUROQUARTZ-GPW8 Datasheet
88Kb / 1P
   8 pin Dual-in-Line VCXO
GDW8 EUROQUARTZ-GDW8 Datasheet
88Kb / 1P
   8 pin Dual-in-Line VCXO
GW14 EUROQUARTZ-GW14 Datasheet
223Kb / 1P
   14 pin Dual-in-Line
HSR14 EUROQUARTZ-HSR14 Datasheet
126Kb / 1P
   14 pin Dual-in-Line
HPF14 EUROQUARTZ-HPF14 Datasheet
94Kb / 1P
   14 pin Dual-in-Line
GV14 EUROQUARTZ-GV14 Datasheet
223Kb / 1P
   14 pin Dual-in-Line
HDW14 EUROQUARTZ-HDW14 Datasheet
101Kb / 1P
   14 pin Dual-in-Line
XOP1000 EUROQUARTZ-XOP1000 Datasheet
89Kb / 1P
   14 pin Dual-in Line
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com