Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS60150DRVR Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS60150DRVR
Description  TPS60150 5V/140mA Charge Pump Device
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS60150DRVR Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS60150DRVR Datasheet HTML 5Page - Texas Instruments TPS60150DRVR Datasheet HTML 6Page - Texas Instruments TPS60150DRVR Datasheet HTML 7Page - Texas Instruments TPS60150DRVR Datasheet HTML 8Page - Texas Instruments TPS60150DRVR Datasheet HTML 9Page - Texas Instruments TPS60150DRVR Datasheet HTML 10Page - Texas Instruments TPS60150DRVR Datasheet HTML 11Page - Texas Instruments TPS60150DRVR Datasheet HTML 12Page - Texas Instruments TPS60150DRVR Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
APPLICATION INFORMATION
APPLICATION OVERVIEW
VBUS
GND
CP-
VIN
VOUT
GND
CP+
ENA
USB
Transceiver
Controller
Comparator
D+
ID
D-
VIN=2.7V-5.5V
C3
2.2 F
m
C1
2.2 F
m
C2
1 F
m
5V
50mA (VIN>2.7V)
140mA (VIN>3.1V)
CP-
VIN
VOUT
GND
CP+
ENA
ENABLE
VIN=2.7V~5.5V
C3
2.2 F
m
C1
2.2 F
m
C2
1 F
m
50mA (VIN>2.7V)
140mA (VIN>3.1V)
BASIC OPERATION PRINCIPLE
TPS60150
www.ti.com ........................................................................................................................................................................................... SLVS888 – DECEMBER 2008
Most of today’s battery-powered portable electronics allow and/or require data transfer with a PC. One of the
fastest data transfer protocols is via USB On the Go (OTG). As Figure 20 shows, the USB OTG circuitry in the
portable device requires a 5-V power rail and up to 140mA of current. The TPS60150 may be utilized to provide
a 5-V power rail in a battery powered system.
Alternatively, low-cost portable electronics with small LCD displays require a low-cost solution for providing the
WLED backlight. As shown in Figure 21, the TPS60150 can also be used to drive several WLEDs in parallel, with
the help of ballast resistors.
Figure 20. Application Circuit for OTG System
Figure 21. Application Circuit for Driving White LEDs
The TPS60150, regulated charge pump, provides a regulated output voltage for various input voltages. The
TPS60150 regulates the voltage across the flying capacitor to 2.5V and controls the voltage drop of Q1 and Q2
while a conversion clock with 50% duty cycle drives the FETs.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s): TPS60150


Similar Part No. - TPS60150DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60150DRVR TI-TPS60150DRVR Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
More results

Similar Description - TPS60150DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS60150 TI-TPS60150_09 Datasheet
1Mb / 20P
[Old version datasheet]   TPS60150 5V/140mA Charge Pump Device
TPS60151 TI-TPS60151 Datasheet
1Mb / 22P
[Old version datasheet]   TPS60151 5V/140mA Charge Pump Device
logo
Will Semiconductor Ltd.
WD3168E WILLSEMI-WD3168E Datasheet
714Kb / 10P
   5V/300mA Charge Pump Device
logo
Texas Instruments
TPS60150 TI-TPS60150_15 Datasheet
2Mb / 25P
[Old version datasheet]   TPS60150 5-V, 140-mA Charge-Pump
logo
Silicon Standard Corp.
SS6845G SSC-SS6845G Datasheet
1Mb / 13P
   Regulated 5V Charge Pump
logo
YOBON TECHNOLOGIES,INC.
YB1300 YOBON-YB1300 Datasheet
223Kb / 8P
   Regulated Charge Pump 5V 100mA
logo
Semtech Corporation
SC1517-5 SEMTECH-SC1517-5 Datasheet
111Kb / 10P
   MICROPOWER, REGULATED 5V CHARGE PUMP
logo
Advanced Analogic Techn...
AAT3125 ANALOGICTECH-AAT3125 Datasheet
181Kb / 12P
   USB OTG 5V Charge Pump
logo
Fairchild Semiconductor
FAN5665 FAIRCHILD-FAN5665 Datasheet
473Kb / 15P
   High-Efficiency, Adaptive Charge Pump 5V Boost
logo
Maxim Integrated Produc...
MAX619 MAXIM-MAX619 Datasheet
66Kb / 7P
   Regulated 5V Charge-Pump DC-DC Converter
Rev 2; 5/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com