Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS61175 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS61175
Description  3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS61175 Datasheet(HTML) 3 Page - Texas Instruments

  TPS61175 Datasheet HTML 1Page - Texas Instruments TPS61175 Datasheet HTML 2Page - Texas Instruments TPS61175 Datasheet HTML 3Page - Texas Instruments TPS61175 Datasheet HTML 4Page - Texas Instruments TPS61175 Datasheet HTML 5Page - Texas Instruments TPS61175 Datasheet HTML 6Page - Texas Instruments TPS61175 Datasheet HTML 7Page - Texas Instruments TPS61175 Datasheet HTML 8Page - Texas Instruments TPS61175 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
ELECTRICAL CHARACTERISTICS
TPS61175
www.ti.com ........................................................................................................................................................................................... SLVS892 – DECEMBER 2008
FSW = 1.2 MHz (Rfreq=80 k
Ω), Vin=3.6V, TA = –40°C to +85°C, typical values are at TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY CURRENT
VIN
Input voltage range
2.9
18
V
IQ
Operating quiescent current into Vin
Device PWM switching without load
3.5
mA
ISD
Shutdown current
EN=GND
1.5
µA
VUVLO
Under-voltage lockout threshold
2.5
2.7
V
Vhys
Under-voltage lockout hysteresis
130
mV
ENABLE AND REFERENCE CONTROL
Venh
EN logic high voltage
Vin = 2.9 V to 18 V
1.2
V
Venl
EN logic low voltage
Vin = 2.9 V to 18 V
0.4
V
VSYNh
SYN logic high voltage
1.2
VSYNl
SYN logic low voltage
0.4
V
Ren
EN pull down resistor
400
800
1600
k
Toff
Shutdown delay, SS discharge
EN high to low
10
ms
VOLTAGE AND CURRENT CONTROL
VREF
Voltage feedback regulation voltage
1.204
1.229
1.254
V
IFB
Voltage feedback input bias current
200
nA
Isink
Comp pin sink current
VFB = VREF + 200 mV, VCOMP = 1 V
50
µA
Isource
Comp pin source current
VFB = VREF –200 mV, VCOMP = 1 V
130
µA
VCCLP
Comp pin Clamp Voltage
High Clamp, VFB = 1 V
3
V
Low Clamp, VFB = 1.5 V
0.75
VCTH
Comp pin threshold
Duty cycle = 0%
0.95
V
Gea
Error amplifier transconductance
240
340
440
µmho
Rea
Error amplifier output resistance
10
M
fea
Error amplifier crossover frequency
500
KHz
FREQUENCY
Rfreq = 480 k
0.16
0.21
0.26
fS
Oscillator frequency
Rfreq = 80 k
1.0
1.2
1.4
MHz
Rfreq = 40 k
1.76
2.2
2.64
Dmax
Maximum duty cycle
VFB = 1.0 V, Rfreq = 80 kΩ
89%
93%
VFREQ
FREQ pin voltage
1.229
V
Tmin_on
Minimum on pulse width
Rfreq = 80 k
60
ns
POWER SWITCH
RDS(ON)
N-channel MOSFET on-resistance
VIN = VGS = 3.6 V
0.13
0.25
VIN = VGS = 3.0 V
0.13
0.3
ILN_NFET
N-channel leakage current
VDS = 40 V, TA = 25°C
1
µA
OC, OVP AND SS
ILIM
N-Channel MOSFET current limit
D = Dmax
3
3.8
5
A
ISS
Soft start bias current
Vss = 0 V
6
µA
THERMAL SHUTDOWN
Tshutdown
Thermal shutdown threshold
160
°C
T hysteresis
Thermal shutdown threshold hysteresis
15
°C
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS61175


Similar Part No. - TPS61175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61175 TI-TPS61175 Datasheet
690Kb / 24P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI1-TPS61175-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI-TPS61175-Q1_15 Datasheet
988Kb / 28P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI1-TPS61175-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175PWP TI-TPS61175PWP Datasheet
690Kb / 24P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
More results

Similar Description - TPS61175

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61175 TI-TPS61175_11 Datasheet
690Kb / 24P
[Old version datasheet]   3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI-TPS61175-Q1_15 Datasheet
988Kb / 28P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
TPS61175-Q1 TI1-TPS61175-Q1_16 Datasheet
1Mb / 30P
[Old version datasheet]   TPS61175-Q1 3-A High Voltage Boost Converter with Soft-start and Programmable Switching Frequency
logo
Monolithic Power System...
MP3426 MPS-MP3426 Datasheet
388Kb / 15P
   6A, 35V Boost Converter with Programmable Switching Frequency and UVLO
MP3425 MPS-MP3425 Datasheet
720Kb / 13P
   3A, 55V Boost Converter with Programmable Switching Frequency and UVLO
logo
Linear Technology
LT1946 LINER-LT1946_15 Datasheet
544Kb / 12P
   1.2MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
logo
Texas Instruments
TPS74901 TI1-TPS74901_16 Datasheet
1Mb / 36P
[Old version datasheet]   3-A Low Dropout Linear Regulator With Programmable Soft-Start
logo
Linear Technology
LT1946A LINER-LT1946A Datasheet
312Kb / 12P
   2.7MHz Boost DC/DC Converter with 1.5A Switch and Soft-Start
LT3489 LINER-LT3489 Datasheet
219Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
LT3489 LINER-LT3489_15 Datasheet
225Kb / 12P
   2MHz Boost DC/DC Converter with 2.5A Switch and Soft-Start
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com