Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG411 Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # DG411
Description  Improved, Quad, SPST Analog Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DG411 Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button DG411 Datasheet HTML 3Page - Maxim Integrated Products DG411 Datasheet HTML 4Page - Maxim Integrated Products DG411 Datasheet HTML 5Page - Maxim Integrated Products DG411 Datasheet HTML 6Page - Maxim Integrated Products DG411 Datasheet HTML 7Page - Maxim Integrated Products DG411 Datasheet HTML 8Page - Maxim Integrated Products DG411 Datasheet HTML 9Page - Maxim Integrated Products DG411 Datasheet HTML 10Page - Maxim Integrated Products DG411 Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Improved, Quad,
SPST Analog Switches
_______________________________________________________________________________________
7
tr < 20ns
tf < 20ns
50%
0V
LOGIC
INPUT
V-
-15V
RL
300
Ω
D1
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
VOUT = VS
(
RL
)
RL + RDS(ON)
SWITCH
INPUT
IN1
+3V
tOFF
0V
SWITCH OUTPUT
0.9 x VOUT
0.9 x VOUT
tON
VOUT
SWITCH
OUTPUT
LOGIC
INPUT
LOGIC INPUT WAVEFORMS INVERTED FOR SWITCHES
THAT HAVE THE OPPOSITE LOGIC SENSE.
VL
V+
CL
35pF
+5V
+15V
VOUT
S1
0V
REPEAT TEST FOR IN AND S, FOR LOAD
CONDITIONS, SEE Electrical Characteristics.
DG411
DG412
DG413
50%
0.9 x VOUT1
+3V
0V
0V
LOGIC
INPUT
SWITCH
OUTPUT 2
(VO2)
0V
0.9 x VOUT2
tD
tD
LOGIC
INPUT
V-
-15V
RL2
GND
CL INCLUDES FIXTURE AND STRAY CAPACITANCE.
S2
IN
VL
S1
VOUT2
V+
+5V
+15V
CL2
VS1 = +10V
VS2 = +10V
RL1
VOUT1
CL1
RL = 300
Ω
CL = 35pF
D1
D2
SWITCH
OUTPUT 1
(VO1)
DG413
Figure 2. Switching-Time
Figure 3. DG413 Break-Before-Make
______________________________________________Timing Diagrams/Test Circuits
VGEN
GND
D
CL
VOUT
-15V
V-
V+
VOUT
IN
OFF
ON
OFF
ΔVOUT
Q = (
ΔVOUT)(CL)
S
+5V
IN DEPENDS ON SWITCH CONFIGURATION;
INPUT POLARITY DETERMINED BY SENSE OF SWITCH.
OFF
ON
OFF
IN
VIN = +3V
+15V
RGEN
IN
VL
DG411
DG412
DG413
Figure 4. Charge-Injection


Similar Part No. - DG411

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG411 INTERSIL-DG411 Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG411 VISHAY-DG411 Datasheet
107Kb / 8P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. D, 06-Sep-99
logo
Intersil Corporation
DG411 INTERSIL-DG411 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG411 VISHAY-DG411 Datasheet
140Kb / 9P
   Precision Monolithic Quad SPST CMOS Analog Switches
Rev. E, 25-Jun-07
More results

Similar Description - DG411

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG441 MAXIM-DG441 Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
DG412CUE-T MAXIM-DG412CUE-T Datasheet
256Kb / 12P
   Improved, Quad, SPST Analog Switches
Rev 7; 9/08
DG411CJ MAXIM-DG411CJ Datasheet
342Kb / 12P
   Improved, Quad, SPST Analog Switches
19-4728; Rev 3; 9/99
DG441CJ MAXIM-DG441CJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
DG444DY-T MAXIM-DG444DY-T Datasheet
271Kb / 10P
   Improved, Quad, SPST Analog Switches
Rev 4; 6/04
DG444CJ MAXIM-DG444CJ Datasheet
79Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4705; Rev 1; 4/94
logo
Vishay Siliconix
DG444B VISHAY-DG444B_11 Datasheet
243Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
DG444B VISHAY-DG444B Datasheet
115Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B Datasheet
104Kb / 7P
   Improved Quad SPST CMOS Analog Switches
Rev. A, 15-Dec-03
DG441B VISHAY-DG441B_11 Datasheet
245Kb / 15P
   Improved Quad SPST CMOS Analog Switches
Rev. B, 04-Jul-11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com