Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS33M30 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS33M30
Description  Ethernet Over SONET/SDH Mapper
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS33M30 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS33M30 Datasheet HTML 6Page - Maxim Integrated Products DS33M30 Datasheet HTML 7Page - Maxim Integrated Products DS33M30 Datasheet HTML 8Page - Maxim Integrated Products DS33M30 Datasheet HTML 9Page - Maxim Integrated Products DS33M30 Datasheet HTML 10Page - Maxim Integrated Products DS33M30 Datasheet HTML 11Page - Maxim Integrated Products DS33M30 Datasheet HTML 12Page - Maxim Integrated Products DS33M30 Datasheet HTML 13Page - Maxim Integrated Products DS33M30 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
___________________________________________________ DS33M30/M31/M33 ABRIDGED DATA SHEET
Rev: 101508
10 of 20
1.3.7.2 STS-1/AU-3/TU-3 Pointer Interpreter
Per STS-1/AU-3/TU-3 tributary pointer interpretation using the outbound Drop STS-3/STM-1 clock
Pointer interpretation per Telcordia GR-253-CORE and ITU G.707 specifications
Extraction of STS-1, AU-3, or TU-3 pointer bytes (H1, H2, and H3)
Detection of defects including, LOP and “all-ones” pointer (AIS-P)
Detection and accumulation of incoming pointer increments, decrements, changes, and new pointers
1.3.8 STS-1/VC-3 Path Termination (DS33M31 and DS33M33 only)
1.3.8.1 STS-1/VC-3 Path Overhead Generation
Generation of all POH bytes including Path trace ID (J1), Path BIP-8 (B3), Path signal label (C2), Path
status (G1), Path user byte (F2), Path concatenation indicator (H4), and Path growth (Z3, Z4, and Z5)
All POH bytes can be inserted from either the associated inbound Add STS-1/VC-3 POH input port or
software accessible internal registers
Automatic or manual generation of PTE alarm defects including RDI-P and ERDI-P
Programmable error insertion of B3 and REI errors
Insertion of HDLC data stream into path user byte (F2)
Insertion of path trace ID into path trace byte (J1)
1.3.8.2 STS-1/VC-3 Path Overhead Reception and Monitoring
Termination of all POH bytes (per PTE requirement) including Path trace ID (J1), Path BIP-8 (B3), path
signal label (C2), Path status (G1), Path user byte (F2), path concatenation indicator (H4), and Path growth
(Z3, Z4, and Z5)
All POH bytes presented on the associated STS-1 SPE/VC-3 POH output port and software accessible
internal registers
Detection of PTE defects: PLM-P, PLU-P, UNEQ-P, PDI-P, RDI-P, and Enhanced RDI-P (ERDI-P)
Detection and accumulation of path B3 and path REI errors (part of G1) on a bit or block basis
Two POH B3 bit error rate (BER) measurement circuits with separate software programmable detection
and clearing thresholds
Extraction of HDLC data stream from path user byte (F2)
Extraction of path trace ID from path trace byte (J1)
1.3.8.3 STS-1/VC-3 Synchronizer
Synchronization of STS-1 SPE/VC-3 to accommodate asynchronous payload through pointer justifications
Accommodation of frequency offsets up to +100ppm between the SONET/SDH Telecom Bus reference
frequency of 77.76MHz and the line/tributary STS-1 frequency 51.84MHz
Elastic store overflow and underflow conditions
Selectable lock and fast lock modes of operation
Programmable frequency out of range indication (
±5, ±10, ±20, or ±40ppm).
SONET mapping jitter conforming to GR-253 and GR-499 and SDH mapping jitter compliant to ITU G.825e
and O.172e
1.3.8.4 STS-1 SPE Payload Mapping
Each STS-1 SPE can be mapped with Asynchronous DS3/E3 or Ethernet traffic. These two mapping
modes are mutually exclusive.
1.3.8.5 STS-1 SPE Ethernet Mapping/Demapping
Mapping of Ethernet packets into STS-1 SPE
1.3.8.6 Async DS3/E3 Demapper/Desynchronizer
Extraction of DS3/E3 data stream from an STS-1 SPE compliant to Telcordia GR-253 or VC-3 compliant to
ITU G.707
Generation of a nominal rate E3 (34.368MHz) or DS3 (44.736MHz)
Standard SONET STS-1 demapping for a DS3/E3 conforming with Telcordia GR-253 and GR-499
Standard SDH VC-3 demapping for a DS3/E3 conforming to ITU-T G.707, G.825e, and O.172e
All combinations of DS3 or E3 demapping configuration from STS-1, AU-3, or TU-3/AU-4 are possible
Software configuration for SONET/SDH demapping on a per tributary basis


Similar Part No. - DS33M30

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS33M30 MAXIM-DS33M30 Datasheet
513Kb / 20P
   Ethernet Over SONET/SDH Mapper
Rev: 111908
DS33M30 MAXIM-DS33M30 Datasheet
1Mb / 28P
   Careful Layout Provides Signal Integrity
Rev: 102108
DS33M30 MAXIM-DS33M30 Datasheet
448Kb / 21P
   Ethernet Over SONET/SDH Mapper
Rev 1; 010809
DS33M30DK MAXIM-DS33M30DK Datasheet
1Mb / 28P
   Careful Layout Provides Signal Integrity
Rev: 102108
DS33M30N++ MAXIM-DS33M30N+ Datasheet
513Kb / 20P
   Ethernet Over SONET/SDH Mapper
Rev: 111908
More results

Similar Description - DS33M30

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS33M30 MAXIM-DS33M30_08 Datasheet
513Kb / 20P
   Ethernet Over SONET/SDH Mapper
Rev: 111908
DS33M30 MAXIM-DS33M30_V01 Datasheet
448Kb / 21P
   Ethernet Over SONET/SDH Mapper
Rev 1; 010809
logo
Exar Corporation
XRT94L43 EXAR-XRT94L43_06 Datasheet
3Mb / 328P
   SONET/SDH OC-12 TO 12XDS3/E3 MAPPER
logo
Vitesse Semiconductor C...
VSC9128 VITESSE-VSC9128 Datasheet
492Kb / 2P
   Enhanced 2.5,10 Gbps Multiservice SONET/SDH VC Mapper
logo
Applied Micro Circuits ...
CS19202CBI30 AMCC-CS19202CBI30 Datasheet
42Kb / 2P
   STS-192 SONET/SDH FRAMER AND POS/ATM MAPPER
logo
NIHON DEMPA KOGYO
NY13M09WA NDK-NY13M09WA Datasheet
675Kb / 1P
   Optical communication equipment (SONET, SDH, Ethernet)
logo
Exar Corporation
XRT86SH328 EXAR-XRT86SH328_08 Datasheet
1Mb / 271P
   28-CHANNEL SONET/SDH VT MAPPER REGISTER DESCRIPTION WITH M13
logo
Applied Micro Circuits ...
CS1204 AMCC-CS1204 Datasheet
205Kb / 4P
   STS-12/STM-4 DS3/E3/STS-1E SONET/SDH Mapper
logo
List of Unclassifed Man...
S4806CBI ETC1-S4806CBI Datasheet
61Kb / 4P
   STS-48/STM-16 SONET/SDH Framer and ATM/POS Mapper
logo
Zarlink Semiconductor I...
ZL30120 ZARLINK-ZL30120 Datasheet
324Kb / 27P
   SONET/SDH/Ethernet Multi-Rate Line Card Synchronizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com