Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS62250 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TPS62250
Description  Peak Current Limited Step Down Converter for USB Applications
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62250 Datasheet(HTML) 3 Page - Texas Instruments

  TPS62250 Datasheet HTML 1Page - Texas Instruments TPS62250 Datasheet HTML 2Page - Texas Instruments TPS62250 Datasheet HTML 3Page - Texas Instruments TPS62250 Datasheet HTML 4Page - Texas Instruments TPS62250 Datasheet HTML 5Page - Texas Instruments TPS62250 Datasheet HTML 6Page - Texas Instruments TPS62250 Datasheet HTML 7Page - Texas Instruments TPS62250 Datasheet HTML 8Page - Texas Instruments TPS62250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
ELECTRICAL CHARACTERISTICS
TPS62250
www.ti.com.......................................................................................................................................................................................... SLVS842 – SEPTEMBER 2008
Over full operating ambient temperature range, typical values are at TA = 25°C. Unless otherwise noted, specifications apply
for condition VIN = EN = 3.6V. External components CIN = 4.7µF 0603, COUT = 10µF 0603, L = 2.2µH, see the parameter
measurement information.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SUPPLY
VIN
Input voltage range
2.3
6
V
IOUT = 0 mA, PFM mode enabled
15
(MODE = GND) device not switching
µA
IOUT = 0 mA, PFM mode enabled
(MODE = GND) device switching, VOUT = 1.8 V,
18.5
IQ
Operating quiescent current
See (1)
IOUT = 0 mA, switching with no load
(MODE = VIN), PWM operation, VOUT = 1.8 V,
3.8
mA
VIN = 3 V
ISD
Shutdown current
EN = GND
0.1
1
µA
Falling
1.85
UVLO
Undervoltage lockout threshold
V
Rising
1.95
ENABLE, MODE
High level input voltage, EN,
2 V
≤ VIN ≤ 6 V
1
VIN
VIH
V
MODE
Low level input voltage, EN,
2 V
≤ VIN ≤ 6 V
0
0.4
VIL
V
MODE
IIN
Input bias current, EN, MODE
EN, MODE = GND or VIN
0.01
1
µA
POWER SWITCH
High side MOSFET on-resistance
240
480
RDS(on)
VIN = VGS = 3.6 V, TA = 25°C
m
Low side MOSFET on-resistance
185
380
Forward current limit MOSFET
ILIMF
VIN = VGS = 3.6 V
0.8
1
1.2
A
high-side and low side
Thermal shutdown
Increasing junction temperature
140
TSD
°C
Thermal shutdown hysteresis
Decreasing junction temperature
20
OSCILLATOR
fSW
Oscillator frequency
2 V
≤ VIN ≤ 6 V
2
2.25
2.5
MHz
OUTPUT
VOUT
Adjustable output voltage range
0.6
VIN
V
Vref
Reference voltage
600
mV
MODE = VIN, PWM operation, for fixed output
Feedback voltage PWM Mode
voltage versions VFB = VOUT,
–1.5%
0%
1.5%
2.5 V
≤ VIN ≤ 6 V, 0 mA ≤ IOUT ≤ 600 mA
(2)
VFB
MODE = GND, device in PFM mode, voltage
Feedback voltage PFM mode
1%
positioning active(1)
Load regulation
PWM Mode
-0.5
%/A
Time from active EN to reach 95% of VOUT
500
tStart Up
Start-up time
µs
nominal
tRamp
VOUT ramp up time
Time to ramp from 5% to 95% of VOUT
250
µs
Ilkg
Leakage current into SW pin
VIN = 3.6 V, VIN = VOUT = VSW, EN = GND
(3)
0.1
1
µA
(1)
In PFM mode, the internal reference voltage is set to typ. 1.01×Vref. See the parameter measurement information.
(2)
For VIN = VO + 0.6 V
(3)
In fixed output voltage versions, the internal resistor divider network is disconnected from FB pin.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TPS62250


Similar Part No. - TPS62250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62250DRV TI1-TPS62250DRV Datasheet
1Mb / 30P
[Old version datasheet]   Peak Current Limited Step Down Converter for USB Applications
TPS62250DRVR TI1-TPS62250DRVR Datasheet
1Mb / 30P
[Old version datasheet]   Peak Current Limited Step Down Converter for USB Applications
TPS62250DRVRG4 TI1-TPS62250DRVRG4 Datasheet
1Mb / 30P
[Old version datasheet]   Peak Current Limited Step Down Converter for USB Applications
TPS62250DRVT TI1-TPS62250DRVT Datasheet
1Mb / 30P
[Old version datasheet]   Peak Current Limited Step Down Converter for USB Applications
TPS62250DRVTG4 TI1-TPS62250DRVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   Peak Current Limited Step Down Converter for USB Applications
More results

Similar Description - TPS62250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62250 TI1-TPS62250_13 Datasheet
1Mb / 30P
[Old version datasheet]   Peak Current Limited Step Down Converter for USB Applications
TPS62750 TI-TPS62750 Datasheet
1Mb / 27P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
TPS62751DSK TI1-TPS62751DSK Datasheet
1Mb / 30P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
TPS62750 TI-TPS62750_15 Datasheet
1Mb / 31P
[Old version datasheet]   High Efficiency Step-Down Converter for USB Applications
logo
Monolithic Power System...
MP8726 MPS-MP8726 Datasheet
481Kb / 14P
   21V, 6A Peak Current, 500kHz Synchronous Step-down Converter
logo
Skyworks Solutions Inc.
AAT2138 SKYWORKS-AAT2138 Datasheet
3Mb / 18P
   High Current Step-Down Converter with High-Precision Programmable Current Limited Load Switch
logo
Texas Instruments
LM3253 TI1-LM3253_16 Datasheet
990Kb / 25P
[Old version datasheet]   High-Current Step-Down Converter
LM3243 TI1-LM3243_16 Datasheet
1Mb / 32P
[Old version datasheet]   High-Current Step-Down Converter
REVISED AUGUST 2015
logo
Linear Technology
LTC3877 LINER-LTC3877 Datasheet
1Mb / 18P
   High Current Step-Down Converter
logo
Richtek Technology Corp...
RTQ2158A-QA RICHTEK-RTQ2158A-QA Datasheet
1Mb / 26P
   Peak 12A, 6.5V, 460kHz Synchronous Step-Down Converter
December 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com