Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5484IRGCRG4 Datasheet(PDF) 4 Page - Texas Instruments

Part # ADS5484IRGCRG4
Description  16-Bit, 170/200-MSPS Analog-to-Digital Converters
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5484IRGCRG4 Datasheet(HTML) 4 Page - Texas Instruments

  ADS5484IRGCRG4 Datasheet HTML 1Page - Texas Instruments ADS5484IRGCRG4 Datasheet HTML 2Page - Texas Instruments ADS5484IRGCRG4 Datasheet HTML 3Page - Texas Instruments ADS5484IRGCRG4 Datasheet HTML 4Page - Texas Instruments ADS5484IRGCRG4 Datasheet HTML 5Page - Texas Instruments ADS5484IRGCRG4 Datasheet HTML 6Page - Texas Instruments ADS5484IRGCRG4 Datasheet HTML 7Page - Texas Instruments ADS5484IRGCRG4 Datasheet HTML 8Page - Texas Instruments ADS5484IRGCRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 33 page
background image
ADS5484
ADS5485
SLAS610C – AUGUST 2008 – REVISED OCTOBER 2009 ............................................................................................................................................... www.ti.com
RECOMMENDED OPERATING CONDITIONS
ADS5484, ADS5485
UNIT
MIN
NOM
MAX
SUPPLIES
AVDD5
Analog supply voltage
4.75
5
5.25
V
AVDD3
Analog supply voltage
3.15
3.3
3.45
V
DVDD3
Output driver supply voltage
3
3.3
3.6
V
ANALOG INPUT
Differential input voltage range
3
VPP
VCM
Input common-mode voltage
3.1
V
DIGITAL OUTPUT (DRY, DATA)
Maximum differential output load (parasitic or intentional)
5
pF
Differential output resistance
100
CLOCK INPUT (CLK)
Max
CLK input sample rate (sine wave)
10
Rated
MSPS
Clock
Clock amplitude, differential sine wave (see Figure 39)
1.5
5
VPP
Clock duty cycle (see Figure 44)
45%
50%
55%
TA
Operating free-air temperature
–40
+85
°C
ELECTRICAL CHARACTERISTICS (ADS5484, ADS5485)
Typical values at TA = 25°C: minimum and maximum values over full temperature range TMIN = –40°C to TMAX = 85°C,
sampling rate = max rated, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1 dBFS differential input,
and 3-VPP differential clock, unless otherwise noted.
ADS5484
ADS5485
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
Clock rate
170
200
MSPS
Resolution
16
16
Bits
ANALOG INPUTS
Differential input voltage range
3
3
VPP
Self-biased; see VCM
Analog input common-mode voltage
3.1
3.1
V
specification below
Input resistance (dc)
Each input to VCM
1000
1000
Each input to GND (unsoldered
Input capacitance
3.5
3.5
pF
package)
Analog input bandwidth (–3dB)
730
730
MHz
Common-mode signal
CMRR
Common-mode rejection ratio
65
65
dB
70 MHz (see Figure 26)
INTERNAL REFERENCE VOLTAGE
VREF
Reference voltage
1.2
1.2
V
Analog input common-mode voltage
VCM
With internal voltage reference
2.9
3.1
3.3
2.9
3.1
3.3
V
reference output
VCM temperature coefficient
-1
-1
mV/°C
4
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5484 ADS5485


Similar Part No. - ADS5484IRGCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5484IRGCRG4 TI-ADS5484IRGCRG4 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
ADS5484IRGCRG4 TI-ADS5484IRGCRG4 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
More results

Similar Description - ADS5484IRGCRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS5484 TI-ADS5484_1 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
ADS5484 TI-ADS5484_2 Datasheet
1Mb / 37P
[Old version datasheet]   16-Bit, 170/200-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9467 AD-AD9467 Datasheet
987Kb / 32P
   16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9683 AD-AD9683 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B, Analog-to-Digital Converter
REV. 0
logo
Texas Instruments
ADS5481_0811 TI-ADS5481_0811 Datasheet
2Mb / 42P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5481 TI-ADS5481 Datasheet
1Mb / 33P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
ADS5481 TI-ADS5481_08 Datasheet
1Mb / 35P
[Old version datasheet]   16-Bit, 80/105/135-MSPS Analog-to-Digital Converters
logo
Analog Devices
AD9250 AD-AD9250 Datasheet
1Mb / 44P
   14-Bit, 170 MSPS/250 MSPS, JESD204B,Dual Analog-to-Digital Converter
REV. 0
AD9230 AD-AD9230_15 Datasheet
2Mb / 32P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
AD9626 AD-AD9626 Datasheet
1Mb / 36P
   12-Bit, 170 MSPS/210 MSPS/250 MSPS, 1.8 V Analog-to-Digital Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com