Electronic Components Datasheet Search
Selected language     English  ▼
Advanced Search

              



Part Name


DS1302 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part No. DS1302
Description  Trickle-Charge Timekeeping Chip
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MAXIM [Maxim Integrated Products]
Homepage  http://www.maxim-ic.com
Logo 

 
 1 page
background image
DS1302
Trickle-Charge Timekeeping Chip
1 of 13
REV: 120208
FEATURES
Real-Time Clock Counts Seconds, Minutes,
Hours, Date of the Month, Month, Day of the
Week, and Year with Leap-Year
Compensation Valid Up to 2100
31 x 8 Battery-Backed General-Purpose RAM
Serial I/O for Minimum Pin Count
2.0V to 5.5V Full Operation
Uses Less than 300nA at 2.0V
Single-Byte or Multiple-Byte (Burst Mode)
Data Transfer for Read or Write of Clock or
RAM Data
8-Pin DIP or Optional 8-Pin SO for Surface
Mount
Simple 3-Wire Interface
TTL-Compatible (VCC = 5V)
Optional Industrial Temperature Range:
-40°C to +85°C
DS1202 Compatible
Underwriters Laboratories (UL®)
Recognized
PIN CONFIGURATIONS
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
TOP MARK*
DS1302+
0°C to +70°C
8 PDIP (300 mils)
DS1302
DS1302N+
-40°C to +85°C
8 PDIP (300 mils)
DS1302
DS1302S+
0°C to +70°C
8 SO (208 mils)
DS1302S
DS1302SN+
-40°C to +85°C
8 SO (208 mils)
DS1302S
DS1302Z+
0°C to +70°C
8 SO (150 mils)
DS1302Z
DS1302ZN+
-40°C to +85°C
8 SO (150 mils)
DS1302ZN
+Denotes a lead-free/RoHS-compliant package.
*An N anywhere on the top mark indicates an industrial temperature grade device. A + anywhere on the top mark indicates a lead-free device.
UL is a registered trademark of Underwriters Laboratories, Inc.
www.maxim-ic.com
VCC1
SCLK
I/O
CE
VCC2
X1
X2
GND
8
7
6
5
1
2
3
4
DIP (300mils)
VCC2
X1
X2
GND
VCC1
SCLK
I/O
CE
8
7
6
5
1
2
3
4
SO (208 mils/150 mils)
TOP VIEW




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DS1302_05Trickle-Charge Timekeeping Chip 1 2 3 4 5 MoreDallas Semiconductor
STV223XDI2C BUS-CONTROLLED MULTISTANDARD SINGLE CHIP TV PROCESSOR 1 2 3 4 5 MoreSTMicroelectronics
STA2056REAL ONE CHIP SOLUTION FOR BOTH AUTONOMOUS AND HOST BASED GPS APPLICATION 1 2 3 STMicroelectronics
GP521General Purpose Controller / Memory Chip for Hearing Instruments 1 2 3 4 5 MoreGennum Corporation
CC1000Single Chip Very Low Power RF Transceiver 1 2 3 4 5 MoreTI store
MC10H641_06Single Supply PECL to TTL 1:9 Clock Distribution Chip 1 2 3 4 5 MoreON Semiconductor
MC100LVEL34_063.3V ECL ÷2 ÷4 ÷8 Clock Generation Chip 1 2 3 4 5 MoreON Semiconductor
SY10EL34_065V/3.3V ÷2 ÷4 ÷8 CLOCK GENERATION CHIP 1 2 3 4 5 Micrel Semiconductor
P0402FC3.3CFLIP CHIP ARRAY 1 2 3 4 5 Protek Devices
CF015-11_06Broadband Power GaAs MESFET Chip 1 Mimix Broadband

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl