Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS34S104GN+ Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS34S104GN+
Description  Single/Dual/Quad/Octal TDM-over-Packet Chip
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS34S104GN+ Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS34S104GN+ Datasheet HTML 5Page - Maxim Integrated Products DS34S104GN+ Datasheet HTML 6Page - Maxim Integrated Products DS34S104GN+ Datasheet HTML 7Page - Maxim Integrated Products DS34S104GN+ Datasheet HTML 8Page - Maxim Integrated Products DS34S104GN+ Datasheet HTML 9Page - Maxim Integrated Products DS34S104GN+ Datasheet HTML 10Page - Maxim Integrated Products DS34S104GN+ Datasheet HTML 11Page - Maxim Integrated Products DS34S104GN+ Datasheet HTML 12Page - Maxim Integrated Products DS34S104GN+ Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ABRIDGED DATA SHEET
____________________________________________________ DS34T101, DS34T102, DS34T104, DS34T108
Rev: 101708
10 of 13
7 Pin Descriptions
7.1 Short Pin Descriptions
Table 7-1. Short Pin Descriptions
PIN NAME
TYPE
PIN DESCRIPTION
TDM Interface
TDMn_ACLK
O
TDMoP Recovered Clock Output
TDMn_TCLK
Ipu
TDMoP Transmit Clock Input (here transmit means “away from Ethernet MII”)
TDMn_TX
O
TDMoP Transmit Data Output
TDMn_TX_SYNC
Ipd
TDMoP Transmit Frame Sync Input
TDMn_TX_MF_CD
IOpd
TDMoP Transmit Multiframe Sync Input or Carrier Detect Output
TDMn_TSIG_CTS
O
TDMoP Transmit Signaling Output or Clear to Send Output
TDMn_RCLK
Ipu
TDMoP Receive Clock Input (here receive means “toward Ethernet MII”)
TDMn_RX
Ipu
TDMoP Receive Data Input
TDMn_RX_SYNC
Ipd
TDMoP Receive Frame/Multiframe Sync Input
TDMn_RSIG_RTS
Ipu
TDMoP Receive Signaling Input or Request To Send Input
SDRAM Interface
SD_CLK
O
SDRAM Clock
SD_D[31:0]
IO
SDRAM Data Bus
SD_DQM[3:0]
O
SDRAM Byte Enable Mask
SD_A[11:0]
O
SDRAM Address Bus
SD_BA[1:0]
O
SDRAM Bank Select Outputs
SD_CS_N
O
SDRAM Chip Select (Active Low)
SD_WE_N
O
SDRAM Write Enable (Active Low)
SD_RAS_N
O
SDRAM Row Address Strobe (Active Low)
SD_CAS_N
O
SDRAM Column Address Strobe (Active Low)
Ethernet PHY Interface (MII/RMII/SSMII)
CLK_MII_TX
I
MII Transmit Clock Input
CLK_SSMII_TX
O
SSMII Transmit Clock Output
MII_TXD[3:0]
O
MII Transmit Data Outputs
MII_TX_EN
O
MII Transmit Enable Output
MII_TX_ERR
O
MII Transmit Error Output
CLK_MII_RX
I
MII Receive Clock Input
MII_RXD[3:0]
I
MII Receive Data Inputs
MII_RX_DV
I
MII Receive Data Valid Input
MII_RX_ERR
I
MII Receive Error Input
MII_COL
I
MII Collision Input
MII_CRS
I
MII Carrier Sense Input
MDC
O
PHY Management Clock Output
MDIO
IOpu
PHY Management Data Input/Output
Global Clocks
CLK_SYS_S
I
System Clock Selection Input
CLK_SYS
I
System Clock Input: 25, 50 or 75MHz
CLK_CMN
I
Common Clock Input (for common clock mode also known as differential mode)
CLK_HIGH
I
Clock High Input (for adaptive clock recovery machines and E1/T1 master clocks)
CPU Interface
H_CPU_SPI_N
Ipu
Host Bus Interface (1=Parallel Bus, 0=SPI Bus)
DAT_32_16_N
Ipu
Data Bus Width (1=32-bit , 0=16-bit)
H_D[31:1]
IO
Host Data Bus
H_D[0] / SPI_MISO
IO
Host Data LSb or SPI Data Output
H_AD[24:1]
I
Host Address Bus
H_CS_N
I
Host Chip Select (Active Low)
H_R_W_N / SPI_CP
I
Host Read/Write Control or SPI Clock Phase
H_WR_BE0_N / SPI_CLK
I
Host Write Enable Byte 0 (Active Low) or SPI Clock
H_WR_BE1_N / SPI_MOSI
I
Host Write Enable Byte 1 (Active Low) or SPI Data Input


Similar Part No. - DS34S104GN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS34S104GN++ MAXIM-DS34S104GN+ Datasheet
4Mb / 198P
   DS34S101, DS34S102, DS34S104, DS34S108 Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 032609
More results

Similar Description - DS34S104GN+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS34T101 MAXIM-DS34T101_08 Datasheet
1Mb / 16P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 101708
DS34T101 MAXIM-DS34T101 Datasheet
803Kb / 74P
   Single/Dual/Quad/Octal TDM-Over-Packet Chip
Rev: 072707
DS34T101 MAXIM-DS34T101_09 Datasheet
271Kb / 16P
   Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev 6; 8/09
DS34S101 MAXIM-DS34S101_V01 Datasheet
4Mb / 198P
   DS34S101, DS34S102, DS34S104, DS34S108 Single/Dual/Quad/Octal TDM-over-Packet Chip
Rev: 032609
DS34S132 MAXIM-DS34S132 Datasheet
588Kb / 18P
   32-Port TDM-over-Packet IC
Rev 0; 7/09
logo
Zarlink Semiconductor I...
MT90883 ZARLINK-MT90883 Datasheet
702Kb / 97P
   TDM to Packet Processors
logo
Dallas Semiconductor
DS3181 DALLAS-DS3181 Datasheet
3Mb / 400P
   Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
logo
Maxim Integrated Produc...
DS3181 MAXIM-DS3181 Datasheet
3Mb / 389P
   Single/Dual/Triple/Quad ATM/Packet PHYs with Built-In LIU
REV: 061604
DS3161 MAXIM-DS3161 Datasheet
3Mb / 384P
   Single/Dual/Triple/Quad ATM/Packet PHYs for DS3/E3/STS-1
REV: 113006
logo
PMC-Sierra, Inc
PM5351 PMC-PM5351 Datasheet
83Kb / 4P
   Quad 155 Mbit/s ATM and Packet Over SONET/SDH Physical Layer Device
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com