Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPW576 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # GPW576
Description  7 x 5 x 1.8mm SMD VCXO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

GPW576 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  GPW576 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
VCXO
7 x 5 x 1.8mm SMD VCXO
GPW576 LVPECL
DESCRIPTION
Frequency range 750kHz to 800MHz
LVPECL Output
Supply Voltage 3.3 VDC
Phase jitter 2.35ps typical
Pull range from ±30ppm to ±150ppm
Frequency Range:
750.0kHz to 800.0MHz
Supply Voltage:
3.3 VDC ±5%
Output Logic:
LVPECL
RMS Period Jitter:
4.3ps typical
Peak to Peak Jitter:
27.0ps typical
Phase Jitter:
2.35ps typical
Initial Frequency Accuracy:
Tune to the nominal frequency
with Vc= 1.65 ±0.2VDC
Output Voltage HIGH (1):
Vdd-1.025V minimum
Vdd-0.880V maximum
Output Voltage LOW (0):
Vdd-1.810V minimum
Vdd-1.620V maximum
(RL=50
to Vdd-2V)
Pulling Range:
From ±30ppm to ±150ppm
Control Voltage Range:
1.65 ±0.35 Volts
Temperature Stability:
See table
Output Load:
50W into Vdd or Thevenin equiv.
Rise/Fall Times:
0.5ns typ., 0.7ns max.
20% Vdd to 80% Vdd
Duty Cycle:
50% ±5%
(Measured at Vdd-1.3V)
Start-up Time:
10ms maximum, 5ms typical
Current Consumption:
75mA maximum at 212.5MHz
80mA maximum at 622.08MHz
Static Discharge Protection:
2kV maximum
Storage Temperature:
-55° to +150°C
Ageing:
±2ppm per year maximum
Enable/Disable:
See table
RoHS Status:
Fully compliant
SPECIFICATION
Stability Code
FREQUENCY STABILITY
A
25
0°~+70°C
B
50
0°~+70°C
C
100
0°~+70°C
D
25
-40°~+85°C
E
50
-40°~+85°C
F
100
-40°~+85°C
If non-standard frequency stability is required
Use ‘I’ followed by stability, i.e. I20 for ±20ppm
Stability ±ppm
GPW576 VCXOs are packaged in a 6 pad 7mm x 5mm SMD
package. Typical phase jitter for GPW series VCXOs is 2.35ps. Output
is LVPECL. Applications include phase lock loop, SONET/ATM, set-top
boxes, MPEG , audio/video modulation, video game consoles and
HDTV.
Temp. Range
Tristate Pad
Status
ENABLE/DISABLE FUNCTION
LVPECL and Complimentary LVPECL enabled
Both outputs are disabled (high impedance)
Both outputs are enabled
Output Status
Not connected
Below 0.3Vdd
(Ref. to ground)
Above 0.7Vdd
(Ref. to ground)
OUTLINE & DIMENSIONS
PART NUMBERING
Example:
3GPW576B-80N-60.000
Supply Voltage
3 = +3.3V
Series Designator
GPW576
Stability over temperature range
(See table)
Pullability in ±ppm
Pullability determinator
N = minimum
M = maximum
T = Typical
Frequency in MHz


Similar Part No. - GPW576

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
GPW576 MERCURY-GPW576 Datasheet
124Kb / 1P
   SMD LVPECL output
More results

Similar Description - GPW576

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GDW576 EUROQUARTZ-GDW576 Datasheet
226Kb / 1P
   7 x 5 x 1.8mm SMD VCXO
GDF576 EUROQUARTZ-GDF576 Datasheet
225Kb / 1P
   7 x 5 x 1.8mm SMD VCXO
GPA576 EUROQUARTZ-GPA576 Datasheet
226Kb / 1P
   7 x 5 x 1.8mm SMD VCXO
GPF576 EUROQUARTZ-GPF576 Datasheet
226Kb / 1P
   7 x 5 x 1.8mm SMD VCXO
GDA576 EUROQUARTZ-GDA576 Datasheet
117Kb / 1P
   7 x 5 x 1.8mm SMD
G576 EUROQUARTZ-G576 Datasheet
226Kb / 1P
   7 x 5 x 1.8mm 6 pad SMD
GV576 EUROQUARTZ-GV576 Datasheet
226Kb / 1P
   7 x 5 x 1.8mm 6 pad SMD
HDW576 EUROQUARTZ-HDW576 Datasheet
138Kb / 1P
   7 x 5 x 1.8mm 6 pad SMD
GF576 EUROQUARTZ-GF576 Datasheet
226Kb / 1P
   7 x 5 x 1.8mm 6 pad SMD
GW576 EUROQUARTZ-GW576 Datasheet
227Kb / 1P
   7 x 5 x 1.8mm 6 pad SMD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com