Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS14 Datasheet(PDF) 1 Page - EUROQUARTZ limited

Part # GS14
Description  14 pin Dual-inLine Sine Wave VCXO
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUROQUARTZ [EUROQUARTZ limited]
Direct Link  http://www.euroquartz.co.uk
Logo EUROQUARTZ - EUROQUARTZ limited

GS14 Datasheet(HTML) 1 Page - EUROQUARTZ limited

  GS14 Datasheet HTML 1Page - EUROQUARTZ limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EURO QUARTZ
EUROQUARTZ LIMITED Blacknell Lane CREWKERNE Somerset UK TA18 7HE
Tel: +44 (0)1460 230000 Fax: +44 (0)1460 230001 Email: info@euroquartz.co.uk www.euroquartz.co.uk
14 pin Dual-inLine Sine Wave VCXO
GS14 sine wave VCXOs provide a true sine wave out output. The
VCXOs are packaged in the industry-standard 14 pin dual-in-line
package. The VCXO is produced to close tolerances and has low
current consumption.
Sine Wave output VCXO
Output 0dBm into 50
load, higher output available
Harmonics < 20dBc
Low current consumption
FEATURES
OUTLINE & DIMENSIONS
Frequency Range:
10.0MHz to 156.0MHz
Input Voltage:
+3.3±5% or +5.0VDC ±5%
Frequency Stability:
See table
Control Voltage Centre:
+1.65 VDC
Initial Frequency Accuracy:
±15ppm with Conrol V at +1.65VDC
Control Voltage Range:
+0.3V to +3.0VDC
Frequency Deviation Range:
±80ppm typical*
Output Wave Form:
True Sine Wave
Output Level:
0dBM into 50
load**
Harmonics:
<-20dBc
Phase Noise:
-140dBc/Hz at 10kHz offset
Current Consumption:
See table
Start-up Time:
6.0ms typical
Storage Temperature:
-50° to +100°C
Sub-Harmonics:
None
Ageing:
±5ppm per year maximum
Enable/Disable:
Not implemented - 4 pin package
RoHS Status:
Fully compliant or non-compliant
SPECIFICATION
* Wider pulling range available
** Higher output <5dBm available
Example:
3GS14G-A-80N-25.000
PART NUMBERING
Supply Voltage
3 = 3.3 Volts
5 = 5.0 Volts
Series Designation
GS14
RoHS Status
G = compliant
Blank = non-compliant
Frequency Stability
See table
Pull Range
±ppm
Pull Range Code
M = Maximum
N = Minimum
T = Typical
Frequency
MHz
GS14 Sine Wave VCXOs
DESCRIPTION
Stability Code
FREQUENCY STABILITY
A
25
0°~+70°C
B
50
0°~+70°C
C
100
0°~+70°C
D
25
-40°~+85°C
E
50
-40°~+85°C
F
100
-40°~+85°C
If non-standard frequency stability is required
Use ‘I’ followed by stability, i.e. I20 for ±20ppm
Stability ±ppm Temp. Range
Frequency
Supply Voltage (±5%)
10MHz
100MHz
150MHz
+3.3V
+5.0V
9mA
18mA
18mA
34mA
19mA
36mA
CURRENT CONSUMPTION


Similar Part No. - GS14

ManufacturerPart #DatasheetDescription
logo
Mercury United Electron...
GS14 MERCURY-GS14 Datasheet
121Kb / 1P
   Dip type True Sine wave
logo
KOA Speer Electronics, ...
GS14DC106D KOA-GS14DC106D Datasheet
269Kb / 2P
   high voltage high resistance thick film resistors
GS14DC106F KOA-GS14DC106F Datasheet
269Kb / 2P
   high voltage high resistance thick film resistors
GS14DC106G KOA-GS14DC106G Datasheet
269Kb / 2P
   high voltage high resistance thick film resistors
GS14DC106J KOA-GS14DC106J Datasheet
269Kb / 2P
   high voltage high resistance thick film resistors
More results

Similar Description - GS14

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
GSR14 EUROQUARTZ-GSR14 Datasheet
88Kb / 1P
   14 pin Dual-in-Line Sine Wave VCXO
GSR8 EUROQUARTZ-GSR8 Datasheet
88Kb / 1P
   8 pin Dual-in-Line Sine Wave VCXO
logo
Nel Frequency Controls,...
AB-A3A1XX NEL-AB-A3A1XX Datasheet
139Kb / 3P
   SINE-WAVE UHF VCXO
logo
EUROQUARTZ limited
HS14 EUROQUARTZ-HS14 Datasheet
87Kb / 1P
   14 pin Dual-in-line Sine Wave Clock Oscillators
GPW14 EUROQUARTZ-GPW14 Datasheet
90Kb / 1P
   14 pin Dual-in-Line VCXO
GDW14 EUROQUARTZ-GDW14 Datasheet
89Kb / 1P
   14 pin Dual-in-Line VCXO
GSR57 EUROQUARTZ-GSR57 Datasheet
101Kb / 1P
   7 x 5 x1.8mm SMD Sine Wave VCXO
GPA14 EUROQUARTZ-GPA14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
GPF14 EUROQUARTZ-GPF14 Datasheet
90Kb / 1P
   14 pin DIL VCXO
GDF14 EUROQUARTZ-GDF14 Datasheet
89Kb / 1P
   14 pin DIL VCXO
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com