Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1922E-F5- Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # DS1922E-F5-
Description  High-Temperature Logger iButton with 8KB
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1922E-F5- Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button DS1922E-F5- Datasheet HTML 2Page - Maxim Integrated Products DS1922E-F5- Datasheet HTML 3Page - Maxim Integrated Products DS1922E-F5- Datasheet HTML 4Page - Maxim Integrated Products DS1922E-F5- Datasheet HTML 5Page - Maxim Integrated Products DS1922E-F5- Datasheet HTML 6Page - Maxim Integrated Products DS1922E-F5- Datasheet HTML 7Page - Maxim Integrated Products DS1922E-F5- Datasheet HTML 8Page - Maxim Integrated Products DS1922E-F5- Datasheet HTML 9Page - Maxim Integrated Products DS1922E-F5- Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 44 page
background image
Detailed Description
With its extended temperature range, the DS1922E is
well suited to monitor processes that require tempera-
tures well above the boiling point of water, such as pas-
teurization of food items. Note that the initial sealing
level of the DS1922E achieves the equivalent of IP56.
Aging and use conditions can degrade the integrity of
the seal over time, so for applications with significant
exposure to liquids, sprays, or other similar environ-
ments, it is recommended to place the DS1922E in the
DS9107 iButton capsule. The DS9107 provides a water-
tight enclosure that has been rated to IP68 (refer to
Application Note 4126:
Understanding the IP (Ingress
Protection) Ratings of iButton Data Loggers and
Capsules). Software for setup and data retrieval through
the 1-Wire interface is available for free download from
the iButton website (www.ibutton.com). This software
also includes drivers for the serial and USB port of a PC
and routines to access the general-purpose memory for
storing application- or equipment-specific data files.
Overview
The block diagram in Figure 1 shows the relationships
between the major control and memory sections of the
DS1922E. The device has five main data components:
64-bit lasered ROM; 256-bit scratchpad; 576-byte gen-
eral-purpose SRAM; two 256-bit register pages of time-
keeping, control, status, and counter registers, and
passwords; and 8192 bytes of data-logging memory.
Except for the ROM and the scratchpad, all other mem-
ory is arranged in a single linear address space. The
data-logging memory, counter registers, and several
other registers are read only for the user. Both register
pages are write protected while the device is pro-
grammed for a mission. The password registers, one for
a read password and another one for a read/write pass-
word, can only be written, never read.
Figure 2 shows the hierarchical structure of the 1-Wire
protocol. The bus master must first provide one of the
eight ROM function commands: Read ROM, Match
ROM, Search ROM, Conditional Search ROM, Skip
ROM, Overdrive-Skip ROM, Overdrive-Match ROM, or
Resume Command. Upon completion of an Overdrive
ROM command byte executed at standard speed, the
device enters Overdrive Mode, where all subsequent
communication occurs at a higher speed. The protocol
required for these ROM function commands is
described in Figure 11. After a ROM function command
is successfully executed, the memory and control func-
tions become accessible and the master can provide
any one of the eight available commands. The protocol
for these memory and control function commands is
described in Figure 9. All data is read and written
least significant bit first.
Parasite Power
The block diagram (Figure 1) shows the parasite-pow-
ered circuitry. This circuitry “steals” power whenever the
I/O input is high. I/O provides sufficient power as long as
the specified timing and voltage requirements are met.
The advantages of parasite power are two-fold: 1) By
parasiting off this input, battery power is not consumed
for 1-Wire ROM function commands, and 2) if the battery
is exhausted for any reason, the ROM can still be read
normally. The remaining circuitry of the DS1922E is sole-
ly operated by battery energy.
64-Bit Lasered ROM
Each DS1922E contains a unique ROM code that is 64
bits long. The first 8 bits are a 1-Wire family code. The
next 48 bits are a unique serial number. The last 8 bits
are a cyclic redundancy check (CRC) of the first 56 bits
(see Figure 3 for details). The 1-Wire CRC is generated
using a polynomial generator consisting of a shift regis-
ter and XOR gates as shown in Figure 4. The polynomi-
al is X8 + X5 + X4 + 1. Additional information about the
1-Wire CRC is available in Application Note 27:
Understanding and Using Cyclic Redundancy Checks
with Maxim iButton Products and in Application Note
937:
Book of iButton Standards.
The shift register bits are initialized to 0. Then, starting
with the least significant bit of the family code, one bit
at a time is shifted in. After the 8th bit of the family code
has been entered, the serial number is entered. After
the last bit of the serial number has been entered, the
shift register contains the CRC value. Shifting in the 8
bits of CRC returns the shift register to all 0s.
High-Temperature Logger iButton with 8KB
Data-Log Memory
6
_______________________________________________________________________________________


Similar Part No. - DS1922E-F5-

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1922E-F5 MAXIM-DS1922E-F5 Datasheet
387Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 2; 6/09
DS1922E-F5 MAXIM-DS1922E-F5 Datasheet
418Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 3; 4/11
DS1922E-F5# MAXIM-DS1922E-F5# Datasheet
1Mb / 44P
   iButton High-Temperature Logger with 8KB Datalog Memory
2017
More results

Similar Description - DS1922E-F5-

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1922E MAXIM-DS1922E_V01 Datasheet
1Mb / 44P
   iButton High-Temperature Logger with 8KB Datalog Memory
2017
logo
Dallas Semiconductor
DS1922L DALLAS-DS1922L Datasheet
428Kb / 48P
   Temperature Logger iButton With 8kB Datalog Memory
logo
Maxim Integrated Produc...
DS1922L MAXIM-DS1922L Datasheet
571Kb / 50P
   Temperature Logger iButton With 8kB Datalog Memory
REV: 120407
DS1922E MAXIM-DS1922E_09 Datasheet
387Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 2; 6/09
DS1922E MAXIM-DS1922E_11 Datasheet
418Kb / 44P
   High-Temperature Logger iButton with 8KB Data-Log Memory
Rev 3; 4/11
DS1922L MAXIM-DS1922L_11 Datasheet
714Kb / 52P
   Temperature Logger iButton with 8KB Data-Log Memory
Rev 10; 4/11
logo
Dallas Semiconductor
DS1923 DALLAS-DS1923 Datasheet
495Kb / 52P
   Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
DS1923 DALLAS-DS1923_1 Datasheet
350Kb / 53P
   Hygrochron Temperature/Humidity Logger iButton with 8kB Data Log Memory
logo
Maxim Integrated Produc...
DS1923 MAXIM-DS1923 Datasheet
642Kb / 55P
   Hygrochron Temperature/Humidity Logger iButton with 8KB Data-Log Memory
Rev 3; 10/09
DS1922L MAXIM-DS1922L_V01 Datasheet
540Kb / 52P
   iButton Temperature Loggers with 8KB Datalog Memory
2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com