Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS1992L-F5 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # DS1992L-F5
Description  1Kb/4Kb Memory iButton짰
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS1992L-F5 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button DS1992L-F5 Datasheet HTML 7Page - Maxim Integrated Products DS1992L-F5 Datasheet HTML 8Page - Maxim Integrated Products DS1992L-F5 Datasheet HTML 9Page - Maxim Integrated Products DS1992L-F5 Datasheet HTML 10Page - Maxim Integrated Products DS1992L-F5 Datasheet HTML 11Page - Maxim Integrated Products DS1992L-F5 Datasheet HTML 12Page - Maxim Integrated Products DS1992L-F5 Datasheet HTML 13Page - Maxim Integrated Products DS1992L-F5 Datasheet HTML 14Page - Maxim Integrated Products DS1992L-F5 Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DS1992/DS1993
11 of 17
slave(s). The presence pulse lets the bus master know that the DS199_ is on the bus and is ready to
operate. For more details, see the 1-Wire Signaling section.
ROM FUNCTION COMMANDS
Once the bus master has detected a presence, it can issue one of the four ROM function commands. All
ROM function commands are 8 bits long. A list of these commands follows (see the flow chart in Figure
9).
Read ROM [33h]
This command allows the bus master to read the DS199_’s 8-bit family code, unique 48-bit serial
number, and 8-bit CRC. This command should only be used if there is a single DS199_ on the bus. If
more than one slave is present on the bus, a data collision occurs when all slaves try to transmit at the
same time (open drain produces a wired-AND result). The resultant family code and 48-bit serial number
usually result in a mismatch of the CRC.
Match ROM [55h]
The match ROM command, followed by a 64-bit ROM sequence, allows the bus master to address a
specific DS199_ on a multidrop bus. Only the DS199_ that exactly matches the 64-bit ROM sequence
will respond to the following memory function command. All slaves that do not match the 64-bit ROM
sequence wait for a reset pulse. This command can be used with single or multiple devices on the bus.
Skip ROM [CCh]
This command can save time in a single drop bus system by allowing the bus master to access the
memory functions without providing the 64-bit ROM code. If more than one slave is present on the bus
and, for example, a read command is issued following the Skip ROM command, data collision will occur
on the bus as multiple slaves transmit simultaneously (open-drain pulldowns produce a wired-AND
result).
Search ROM [F0h]
When a system is initially brought up, the bus master may not know the number of devices on the 1-Wire
bus or their 64-bit ROM codes. The search ROM command allows the bus master to use a process of
elimination to identify the 64-bit ROM codes of all slave devices on the bus. The search ROM process is
the repetition of a simple 3-step routine: read a bit, read the complement of the bit, then write the desired
value of that bit. The bus master performs this simple, 3-step routine on each bit of the ROM. After one
complete pass, the bus master knows the 64-bit ROM code of one device. Additional passes will identify
the ROM codes of the remaining devices. See Chapter 5 of the Book of DS19xx iButton Standards for a
comprehensive discussion of a search ROM, including an actual example.
1-WIRE SIGNALING
The DS199_ require strict protocols to ensure data integrity. The protocol consists of four types of
signaling on one line: reset sequence with reset pulse and presence pulse, write 0, write 1, and read data.
The bus master initiates all these signals except presence pulse. The initialization sequence required to
begin any communication with the DS199_ is shown in Figure 10. A reset pulse followed by a presence
pulse indicates the DS199_ is ready to send or receive data given the correct ROM command and
memory function command. The bus master transmits (Tx) a reset pulse (tRSTL, minimum 480μs). The bus
master then releases the line and goes into receive mode (Rx). The 1-Wire bus is pulled to a high state
through the pullup resistor. After detecting the rising edge on the data line, the DS199_ waits (tPDH, 15μs
to 60
μs) and then transmits the presence pulse (tPDL, 60μs to 240μs).


Similar Part No. - DS1992L-F5

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS1992L-F5 DALLAS-DS1992L-F5 Datasheet
537Kb / 17P
   1kbit/4kbit Memory iButtonTM DS1994 4-kbit Plus Time Memory iButtonTM
logo
Maxim Integrated Produc...
DS1992L-F5++ MAXIM-DS1992L-F5+ Datasheet
172Kb / 17P
   1Kb/4Kb Memory iButton 1024 bits of Read/Write Nonvolatile
Rev 4/11
More results

Similar Description - DS1992L-F5

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1992 MAXIM-DS1992_11 Datasheet
172Kb / 17P
   1Kb/4Kb Memory iButton 1024 bits of Read/Write Nonvolatile
Rev 4/11
logo
Generalplus Technology ...
GPM6P1004B GENERALPLUS-GPM6P1004B Datasheet
1Mb / 54P
   Remote Controller with 4KB//1KB OTP
logo
Maxim Integrated Produc...
DS2502 MAXIM-DS2502_V01 Datasheet
693Kb / 24P
   1Kb Add-Only Memory
2015
DS2502 MAXIM-DS2502_11 Datasheet
1Mb / 24P
   1Kb Add-Only Memory
Rev 12/11
logo
List of Unclassifed Man...
FM25040 ETC-FM25040 Datasheet
631Kb / 14P
   4Kb FRAM Serial Memory
FM24CL04 ETC-FM24CL04 Datasheet
119Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24CL04 RAMTRON-FM24CL04_05 Datasheet
116Kb / 11P
   4Kb FRAM Serial Memory
FM25040A RAMTRON-FM25040A Datasheet
141Kb / 13P
   4Kb FRAM Serial Memory
logo
List of Unclassifed Man...
FM24C04A ETC1-FM24C04A Datasheet
100Kb / 12P
   4Kb FRAM Serial Memory
logo
Ramtron International C...
FM24C04A RAMTRON-FM24C04A_05 Datasheet
98Kb / 12P
   4Kb FRAM Serial Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com