Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2413 Datasheet(PDF) 10 Page - Maxim Integrated Products

Part # DS2413
Description  1-Wire Dual Channel Addressable Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2413 Datasheet(HTML) 10 Page - Maxim Integrated Products

Back Button DS2413 Datasheet HTML 6Page - Maxim Integrated Products DS2413 Datasheet HTML 7Page - Maxim Integrated Products DS2413 Datasheet HTML 8Page - Maxim Integrated Products DS2413 Datasheet HTML 9Page - Maxim Integrated Products DS2413 Datasheet HTML 10Page - Maxim Integrated Products DS2413 Datasheet HTML 11Page - Maxim Integrated Products DS2413 Datasheet HTML 12Page - Maxim Integrated Products DS2413 Datasheet HTML 13Page - Maxim Integrated Products DS2413 Datasheet HTML 14Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
DS2413: 1-Wire Dual Channel Addressable Switch
10 of 18
SEARCH ROM [F0h]
When a system is initially brought up, the bus master might not know the number of devices on the 1-Wire bus or
their device ID numbers. By taking advantage of the wired-AND property of the bus, the master can use a process
of elimination to identify the device ID numbers of all slave devices. For each bit of the device ID number, starting
with the least significant bit, the bus master issues a triplet of time slots. On the first slot, each slave device
participating in the search outputs the true value of its device ID number bit. On the second slot, each slave device
participating in the search outputs the complemented value of its device ID number bit. On the third slot, the master
writes the true value of the bit to be selected. All slave devices that do not match the bit written by the master stop
participating in the search. If both of the read bits are zero, the master knows that slave devices exist with both
states of the bit. By choosing which state to write, the bus master branches in the ROM code tree. After one
complete pass, the bus master knows the device ID number of a single device. Additional passes identify the
device ID numbers of the remaining devices. Refer to Application Note 187: 1-Wire Search Algorithm for a detailed
discussion, including an example. Since with the DS2413 the ROM CRC is not valid if one or more address inputs
are tied to GND, it is recommended to do a double search when building a list of devices on the 1-Wire line.
SKIP ROM [CCh]
This command can save time in a single-drop bus system by allowing the bus master to access the PIO functions
without providing the 64-bit ROM code. If more than one slave is present on the bus and, for example, a read
command is issued following the Skip ROM command, data collision occurs on the bus as multiple slaves transmit
simultaneously (open-drain pulldowns produce a wired-AND result).
RESUME [A5h]
To maximize the data throughput in a multidrop environment, the Resume function is available. This function
checks the status of the RC bit and, if it is set, directly transfers control to the PIO functions, similar to a Skip ROM
command. The only way to set the RC bit is through successfully executing the Match ROM, Search ROM, or
Overdrive Match ROM command. Once the RC bit is set, the device can repeatedly be accessed through the
Resume Command function. Accessing another device on the bus clears the RC bit, preventing two or more
devices from simultaneously responding to the Resume Command function.
OVERDRIVE SKIP ROM [3Ch]
On a single-drop bus this command can save time by allowing the bus master to access the PIO functions without
providing the 64-bit ROM code. Unlike the normal Skip ROM command, the Overdrive Skip ROM sets the DS2413
in the Overdrive mode (OD = 1). All communication following this command has to occur at Overdrive speed until a
reset pulse of minimum 480µs duration resets all devices on the bus to standard speed (OD = 0).
When issued on a multidrop bus, this command sets all Overdrive-supporting devices into Overdrive mode. To
subsequently address a specific Overdrive-supporting device, a reset pulse at Overdrive speed has to be issued
followed by a Match ROM or Search ROM command sequence. This speeds up the time for the search process. If
more than one slave supporting Overdrive is present on the bus and the Overdrive Skip ROM command is followed
by a Read command, data collision occurs on the bus as multiple slaves transmit simultaneously (open-drain
pulldowns produce a wired-AND result).
OVERDRIVE MATCH ROM [69h]
The Overdrive Match ROM command followed by a 64-bit ROM sequence transmitted at Overdrive Speed allows
the bus master to address a specific DS2413 on a multidrop bus and to simultaneously set it in Overdrive mode.
Only the DS2413 that exactly matches the 64-bit ROM sequence responds to the subsequent PIO Function
command. Slaves already in Overdrive mode from a previous Overdrive Skip or successful Overdrive Match
command remain in Overdrive mode. All overdrive-capable slaves return to standard speed at the next Reset Pulse
of minimum 480µs duration. The Overdrive Match ROM command can be used with a single or multiple devices on
the bus.


Similar Part No. - DS2413

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413 Datasheet
235Kb / 17P
   1-Wire Dual Channel Addressable Switch
REV: 051805
DS2413 MAXIM-DS2413 Datasheet
1Mb / 9P
   Compatible with Other 1-Wire Devices Purchased Separately
Rev 1; 4/16
logo
Analog Devices
DS2413 AD-DS2413 Datasheet
499Kb / 19P
   1-Wire Dual-Channel Addressable Switch
2022 5/22
logo
Maxim Integrated Produc...
DS2413P MAXIM-DS2413P Datasheet
235Kb / 17P
   1-Wire Dual Channel Addressable Switch
REV: 051805
logo
Analog Devices
DS2413P AD-DS2413P Datasheet
499Kb / 19P
   1-Wire Dual-Channel Addressable Switch
2022 5/22
More results

Similar Description - DS2413

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413 Datasheet
235Kb / 17P
   1-Wire Dual Channel Addressable Switch
REV: 051805
logo
Analog Devices
DS2413 AD-DS2413 Datasheet
499Kb / 19P
   1-Wire Dual-Channel Addressable Switch
2022 5/22
logo
Maxim Integrated Produc...
DS2413 MAXIM-DS2413_1 Datasheet
248Kb / 18P
   1-Wire Dual Channel Addressable Switch
REV: 112007
DS2408 MAXIM-DS2408_10 Datasheet
607Kb / 39P
   1-Wire 8-Channel Addressable Switch
12/10
DS2408 MAXIM-DS2408_V01 Datasheet
640Kb / 39P
   1-Wire 8-Channel Addressable Switch
195702 ; 3 /15
DS2408 MAXIM-DS2408 Datasheet
1Mb / 36P
   1-Wire 8-Channel Addressable Switch
logo
Dallas Semiconductor
DS2405 DALLAS-DS2405_07 Datasheet
419Kb / 15P
   Addressable Switch
DS2405 DALLAS-DS2405 Datasheet
236Kb / 15P
   Addressable Switch
logo
Maxim Integrated Produc...
DS2406 MAXIM-DS2406 Datasheet
244Kb / 32P
   Dual Addressable Switch Plus 1Kb Memory
033109
DS2405 MAXIM-DS2405 Datasheet
434Kb / 15P
   Addressable Switch
071107
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com