Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS71433DRVR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS71433DRVR
Description  80mA, 10V, 3.2mA Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS71433DRVR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS71433DRVR Datasheet HTML 2Page - Texas Instruments TPS71433DRVR Datasheet HTML 3Page - Texas Instruments TPS71433DRVR Datasheet HTML 4Page - Texas Instruments TPS71433DRVR Datasheet HTML 5Page - Texas Instruments TPS71433DRVR Datasheet HTML 6Page - Texas Instruments TPS71433DRVR Datasheet HTML 7Page - Texas Instruments TPS71433DRVR Datasheet HTML 8Page - Texas Instruments TPS71433DRVR Datasheet HTML 9Page - Texas Instruments TPS71433DRVR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
t - Time - ms
-
0.5 0 0.5 1.0 1.5 2.0 2.5 3.0 3.5
4.5
4.0
100
50
0
200
0
-
200
V
IN =4.3V
V
OUT =3.3V
C
OUT =10mF
0
150
100
50
200 250
350
300
400 450 500
5.3
VOUT = 3.3V
IOUT = 50mA
COUT =10mF
4.3
100
50
0
-
50
t - Time - ms
VIN
VOUT
VOUT = 3.3V
RL =66W
COUT =10mF
8
7
6
5
4
3
2
1
0
t
Time
ms
-
-
0
2
4
6
8
10
12 14 16 18
20
TPS714xx
SBVS116 – DECEMBER 2008 ........................................................................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, unless otherwise noted.
TPS71433
TPS71433
TPS71433
POWER-UP/POWER-DOWN
LINE TRANSIENT RESPONSE
LOAD TRANSIENT RESPONSE
Figure 12.
Figure 13.
Figure 14.
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated


Similar Part No. - TPS71433DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS71433DRVR TI1-TPS71433DRVR Datasheet
752Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2muA Quiescent Current LOW-DROPOUT LINEAR REGULATOR
TPS71433DRVR TI1-TPS71433DRVR Datasheet
1,010Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2關A Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
TPS71433DRVR TI1-TPS71433DRVR Datasheet
3Mb / 38P
[Old version datasheet]   TPS714 80-mA, 10-V, 3.2-μA Quiescent Current, Low-Dropout Linear Regulator
REVISED NOVEMBER 2023
More results

Similar Description - TPS71433DRVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS714XX TI1-TPS714XX Datasheet
1,010Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2關A Quiescent Current LOW-DROPOUT LINEAR REGULATOR in SC70 or SON 2x2
TPS71433DCKR TI1-TPS71433DCKR Datasheet
752Kb / 19P
[Old version datasheet]   80mA, 10V, 3.2muA Quiescent Current LOW-DROPOUT LINEAR REGULATOR
logo
National Semiconductor ...
LMS5213 NSC-LMS5213 Datasheet
271Kb / 10P
   80mA, uCap, Low Dropout Voltage Regulator in SC70
LMS5214 NSC-LMS5214 Datasheet
286Kb / 10P
   80mA, Low Dropout Voltage Regulator with Auto Discharge Function in SC70
logo
Unisonic Technologies
LR1112 UTC-LR1112 Datasheet
181Kb / 6P
   LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7366EA DIODES-AP7366EA Datasheet
1Mb / 17P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
Rev. 1 - 2 July 2022
logo
Dialight Corporation
AP7312-1233W6-7 DIALIGHT-AP7312-1233W6-7 Datasheet
293Kb / 18P
   DUAL 150mA LOW QUIESCENT CURRENT FASTTRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Zhaoxingwei Electronics...
ZX7365 ZHAOXINGWEI-ZX7365 Datasheet
1Mb / 12P
   600mA, LOW QUIESCENT CURRENT FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
logo
Diodes Incorporated
AP7311 DIODES-AP7311 Datasheet
266Kb / 13P
   150mA, Low Quiescent Current, Fast Transient Low Dropout Linear Regulator
AP7311 Rev. 2
AP7331-28WG-7 DIODES-AP7331-28WG-7 Datasheet
372Kb / 13P
   300mA, LOW QUIESCENT CURRENT, FAST TRANSIENT LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com