Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2741N+ Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # DS2741N+
Description  Current Monitor and Accumulator with Integrated Sense Resistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2741N+ Datasheet(HTML) 2 Page - Maxim Integrated Products

  DS2741N+ Datasheet HTML 1Page - Maxim Integrated Products DS2741N+ Datasheet HTML 2Page - Maxim Integrated Products DS2741N+ Datasheet HTML 3Page - Maxim Integrated Products DS2741N+ Datasheet HTML 4Page - Maxim Integrated Products DS2741N+ Datasheet HTML 5Page - Maxim Integrated Products DS2741N+ Datasheet HTML 6Page - Maxim Integrated Products DS2741N+ Datasheet HTML 7Page - Maxim Integrated Products DS2741N+ Datasheet HTML 8Page - Maxim Integrated Products DS2741N+ Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Current Monitor and Accumulator with
Integrated Sense Resistor
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -20°C to +70°C.)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage Range on VCC Relative to GND ...............-0.5V to +6.0V
Voltage Range on SDA, SCL,
RS+, RS-, SLP Relative to GND.....-0.5V to (VCC + 0.5V), not to
exceed +6.0V
Continuous Internal Sense Resistor Current ......................
±2.7A
Pulsed Internal Sense Resistor
Current ..................................
±10A for <100µs/s, <1000 pulses
Operating Temperature Range ...........................-20°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature...........................Refer to the IPC/JEDEC
J-STD-020 Specification.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
2.5
4.5
V
Input Logic-High: SCL, SDA
VIH
1.5
V
Input Logic-Low: SCL, SDA
VIL
0.4
V
Input Logic-High:
SLP
VIH
0.7 x
VCC
V
Input Logic-Low:
SLP
VIL
0.3 x
VCC
V
Power-Up Ramp Time from
0V to VCCMIN
tRAMP
25
ms
DC ELECTRICAL CHARACTERISTICS
(2.5V
≤ VCC ≤ 4.5V, TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Active Current
IACTIVE
SLP = SCL = SDA = VCC
60
90
μA
Sleep-Mode Current
ISLEEP
SLP = 0V
1
2
μA
Output Logic-Low: SDA
VOL
IOL = 4mA (Note 1)
0.4
V
Internal Current-Sense Resistor
Value
RSNS
+25°C
38
45
m
Current Resolution
ILSB
2.64
mA
Current Full-Scale Magnitude
IFS
(Note 2)
2.54
2.7
A
Current-Sense Accuracy at +25°C
ATL
ISENSE at 1.5A
±1
±2
%
Current-Sense Accuracy from
0°C to +70°C
ATL
ISENSE at 1.5A
±2
±4
%
Current Sampling Rate
tCSR
(Note 3)
200
μs
Accumulator Resolution
qCA
0.247
mAh
tERR1
(Note 4)
±1
±3
Internal Time-Base Accuracy
tERR2
(Note 4)
±6.5
%
Current-Sense Offset
Measured with RS+ and RS- shorted
-10
+10
mA


Similar Part No. - DS2741N+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2741N++ MAXIM-DS2741N+ Datasheet
175Kb / 10P
   Current Monitor and Accumulator with Integrated Sense Resistor
Rev 1; 7/09
DS2741N+T MAXIM-DS2741N+T Datasheet
175Kb / 10P
   Current Monitor and Accumulator with Integrated Sense Resistor
Rev 1; 7/09
More results

Similar Description - DS2741N+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2741 MAXIM-DS2741_09 Datasheet
175Kb / 10P
   Current Monitor and Accumulator with Integrated Sense Resistor
Rev 1; 7/09
logo
Linear Technology
LTC2947 LINER-LTC2947 Datasheet
3Mb / 30P
   30A Power/Energy Monitor with Integrated Sense Resistor
logo
Analog Devices
LTC2947-65 AD-LTC2947-65 Datasheet
307Kb / 42P
   65A Power/Energy Monitor with Integrated Sense Resistor
logo
Texas Instruments
INA250-Q1 TI1-INA250-Q1 Datasheet
125Kb / 8P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
INA250A1 TI1-INA250A1 Datasheet
1Mb / 33P
[Old version datasheet]   Current-Shunt Monitor with Precision Integrated Shunt Resistor
logo
ON Semiconductor
NCP303150D ONSEMI-NCP303150D Datasheet
596Kb / 19P
   Integrated Driver and MOSFET with Integrated Current Monitor
October, 2019 - Rev. 2
NCP303151A ONSEMI-NCP303151A Datasheet
695Kb / 17P
   Integrated Driver and MOSFET with Integrated Current Monitor
June, 2020 ??Rev. 0
NCP303151 ONSEMI-NCP303151 Datasheet
827Kb / 18P
   Integrated Driver and MOSFET with Integrated Current Monitor
August, 2018 ??Rev. 1
NCP303160A ONSEMI-NCP303160A Datasheet
1Mb / 23P
   Integrated Driver and MOSFET with Integrated Current Monitor
June, 2023 - Rev. 0
logo
Bourns Electronic Solut...
CSS2H-2512 BOURNS-CSS2H-2512 Datasheet
412Kb / 4P
   Current Sense Resistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com