Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS2776 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS2776
Description  2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS2776 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS2776 Datasheet HTML 1Page - Maxim Integrated Products DS2776 Datasheet HTML 2Page - Maxim Integrated Products DS2776 Datasheet HTML 3Page - Maxim Integrated Products DS2776 Datasheet HTML 4Page - Maxim Integrated Products DS2776 Datasheet HTML 5Page - Maxim Integrated Products DS2776 Datasheet HTML 6Page - Maxim Integrated Products DS2776 Datasheet HTML 7Page - Maxim Integrated Products DS2776 Datasheet HTML 8Page - Maxim Integrated Products DS2776 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 44 page
background image
General Description
The DS2775–DS2778 report available capacity for
rechargeable lithium-ion (Li+) and Li+ polymer (Li-Poly)
batteries in mAh and as a percentage of full. Safe oper-
ation is ensured by the integrated Li+ protector. The
DS2776/DS2778 support SHA-1-based challenge-
response authentication in addition to all other DS2775/
DS2777 features.
Precision measurements of voltage, temperature, and
current, along with a cell characteristics table and
application parameters, are used for capacity estima-
tion calculations. The capacity registers report a con-
servative estimate of the amount of charge that can be
removed given the current temperature, discharge rate,
stored charge, and application parameters.
The DS2775–DS2778 operate from +4.0V to +9.2V for
direct integration into battery packs with two Li+ or Li-
Poly cells.
In addition to nonvolatile storage for cell compensation
and application parameters, the DS2775–DS2778 offer
16 bytes of EEPROM for use by the host system and/or
pack manufacturer to store battery lot and date tracking
information. The EEPROM can also be used for non-
volatile storage of system and/or battery usage statis-
tics. A Maxim 1-Wire® (DS2775/DS2776) or 2-wire
(DS2777/DS2778) interface provides serial communica-
tion to access measurement and capacity data regis-
ters, control registers, and user memory. The
DS2776/DS2778 use the SHA-1 hash algorithm in a
challenge-response pack authentication protocol for
battery-pack verification.
Applications
Low-Cost Notebooks
UMPCs
DSLR Cameras
Video Cameras
Commercial and Military Radios
Portable Medical Equipment
Features
♦ High-Side nFET Drivers and Protection Circuitry
♦ Precision Voltage, Temperature, and Current
Measurement System
♦ Cell-Capacity Estimation from Coulomb Count,
Discharge Rate, Temperature, and Cell
Characteristics
♦ Estimates Cell Aging Between Learn Cycles
♦ Uses Low-Cost Sense Resistor
♦ Allows Calibration of Gain and Temperature
Coefficient
♦ Programmable Thresholds for Overvoltage and
Overcurrent
♦ Pack Authentication Using SHA-1 Algorithm
(DS2776/DS2778)
♦ 32-Byte Parameter EEPROM
♦ 16-Byte User EEPROM
♦ Maxim 1-Wire Interface with 64-Bit Unique ID
(DS2775/DS2776)
♦ 2-Wire Interface with 64-Bit Unique ID
(DS2777/DS2778)
♦ 3mm x 5mm, 14-pin TDFN Lead-Free Package
2-Cell, Stand-Alone, Li+ Fuel-Gauge IC with
Protector and Optional SHA-1 Authentication
________________________________________________________________
Maxim Integrated Products
1
Ordering Information
Rev 0; 10/08
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
PART
PIN-PACKAGE
TOP MARK
DS2775G+*
14 TDFN-EP**
D2775
DS2775G+T&R*
14 TDFN-EP**
D2775
DS2776G+
14 TDFN-EP**
D2776
DS776G+T&R
14 TDFN-EP**
D2776
DS2777G+*
14 TDFN-EP**
D2777
DS2777G+T&R*
14 TDFN-EP**
D2777
DS2778G+
14 TDFN-EP**
D2778
DS2778G+T&R
14 TDFN-EP**
D2778
Note: All devices are specified over the -20°C to +70°C oper-
ating temperature range.
+
Denotes a lead-free/RoHS-compliant package.
T&R = Tape and reel.
*
Future product—contact factory for availability.
**
EP = Exposed pad.
Selector Guide and Pin Configuration appear at end of data
sheet.
1-Wire is a registered trademark of Maxim Integrated Products, Inc.


Similar Part No. - DS2776

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2776 MAXIM-DS2776 Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
DS2776 MAXIM-DS2776 Datasheet
707Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 3; 5/10
DS2776G MAXIM-DS2776G Datasheet
711Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 4; 6/11
DS2776G++ MAXIM-DS2776G+ Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
DS2776G++ MAXIM-DS2776G+ Datasheet
707Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 3; 5/10
More results

Similar Description - DS2776

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2775 MAXIM-DS2775_10 Datasheet
707Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 3; 5/10
DS2775 MAXIM-DS2775_09 Datasheet
665Kb / 45P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 2; 7/09
DS2775 MAXIM-DS2775_11 Datasheet
711Kb / 46P
   2-Cell, Stand-Alone, Li Fuel-Gauge IC with Protector and Optional SHA-1 Authentication
Rev 4; 6/11
DS2784 MAXIM-DS2784_12 Datasheet
612Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
Rev 3/12
DS2784 MAXIM-DS2784 Datasheet
456Kb / 38P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1 Authentication
REV: 071107
DS2784 MAXIM-DS2784_10 Datasheet
759Kb / 43P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
19-4636; 4/10
DS2784 MAXIM-DS2784_09 Datasheet
547Kb / 42P
   1-Cell Stand-Alone Fuel Gauge IC with Li Protector and SHA-1
Rev 8/09
DS2775 MAXIM-DS2775_V01 Datasheet
1Mb / 46P
   2-Cell, Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2784 MAXIM-DS2784_V01 Datasheet
2Mb / 40P
   1-Cell Fuel Gauge with FuelPack, Protector, and SHA-1 Authentication
2017
DS2781 MAXIM-DS2781_V01 Datasheet
408Kb / 31P
   1-Cell or 2-Cell Stand-Alone Fuel Gauge IC
2008
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com