Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS3232S- Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # DS3232S-
Description  Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS3232S- Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button DS3232S- Datasheet HTML 4Page - Maxim Integrated Products DS3232S- Datasheet HTML 5Page - Maxim Integrated Products DS3232S- Datasheet HTML 6Page - Maxim Integrated Products DS3232S- Datasheet HTML 7Page - Maxim Integrated Products DS3232S- Datasheet HTML 8Page - Maxim Integrated Products DS3232S- Datasheet HTML 9Page - Maxim Integrated Products DS3232S- Datasheet HTML 10Page - Maxim Integrated Products DS3232S- Datasheet HTML 11Page - Maxim Integrated Products DS3232S- Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Extremely Accurate I2C RTC with
Integrated Crystal and SRAM
8
_____________________________________________________________________
Block Diagram
N
N
RST
VCC
INT/SQW
CLOCK AND CALENDAR
REGISTERS
SRAM
USER BUFFER
(7 BYTES)
I2C INTERFACE AND
ADDRESS REGISTER
DECODE
POWER CONTROL
VCC
VBAT
GND
SCL
SDA
TEMPERATURE
SENSOR
CONTROL LOGIC/
DIVIDER
SQUARE-WAVE BUFFER;
INT/SQW CONTROL
CONTROL AND STATUS
REGISTERS
VOLTAGE REFERENCE;
DEBOUNCE CIRCUIT;
PUSHBUTTON RESET
OSCILLATOR AND
CAPACITOR ARRAY
X1
X2
DS3232
32kHz
Detailed Description
The DS3232 is a serial RTC driven by a temperature-
compensated 32kHz crystal oscillator. The TCXO pro-
vides a stable and accurate reference clock, and
maintains the RTC to within ±2 minutes per year accu-
racy from -40°C to +85°C. The TCXO frequency output
is available at the 32kHz pin. The RTC is a low-power
clock/calendar with two programmable time-of-day
alarms and a programmable square-wave output. The
INT/SQW provides either an interrupt signal due to
alarm conditions or a square-wave output. The clock/cal-
endar provides seconds, minutes, hours, day, date,
month, and year information. The date at the end of the
month is automatically adjusted for months with fewer
than 31 days, including corrections for leap year. The
clock operates in either the 24-hour or 12-hour format
with an AM/PM indicator. The internal registers are
accessible though an I2C bus interface.
A temperature-compensated voltage reference and
comparator circuit monitors the level of VCC to detect


Similar Part No. - DS3232S-

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3232S MAXIM-DS3232S Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232S MAXIM-DS3232S Datasheet
280Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 5; 7/10
DS3232SN MAXIM-DS3232SN Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232SN MAXIM-DS3232SN Datasheet
280Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 5; 7/10
More results

Similar Description - DS3232S-

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3232 MAXIM-DS3232_10 Datasheet
280Kb / 19P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 5; 7/10
DS3232 MAXIM-DS3232 Datasheet
276Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 2; 3/06
DS3232 MAXIM-DS3232_07 Datasheet
246Kb / 18P
   Extremely Accurate I2C RTC with Integrated Crystal and SRAM
Rev 3; 10/07
logo
Dallas Semiconductor
DS3231 DALLAS-DS3231 Datasheet
363Kb / 19P
   Extremely Accurate I2C-Integrated RTC/TXO/Crystal
logo
Maxim Integrated Produc...
DS3231 MAXIM-DS3231_13 Datasheet
300Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 9; 1/13
DS3231 MAXIM-DS3231_10 Datasheet
372Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 7; 3/10
DS3234 MAXIM-DS3234_10 Datasheet
282Kb / 21P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 3; 7/10
DS3231SNTR MAXIM-DS3231SNTR Datasheet
297Kb / 20P
   Extremely Accurate I2C-Integrated RTC-TCXO-Crystal
Rev 9; 1/13
DS3231_1007 MAXIM-DS3231_1007 Datasheet
378Kb / 20P
   Extremely Accurate I2C-Integrated RTC/TCXO/Crystal
Rev 8; 7/10
DS3234 MAXIM-DS3234_07 Datasheet
292Kb / 20P
   Extremely Accurate SPI Bus RTC with Integrated Crystal and SRAM
Rev 1; 7/07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com