Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS4266D+ Datasheet(PDF) 4 Page - Maxim Integrated Products

Part # DS4266D+
Description  DDR Clock Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4266D+ Datasheet(HTML) 4 Page - Maxim Integrated Products

  DS4266D+ Datasheet HTML 1Page - Maxim Integrated Products DS4266D+ Datasheet HTML 2Page - Maxim Integrated Products DS4266D+ Datasheet HTML 3Page - Maxim Integrated Products DS4266D+ Datasheet HTML 4Page - Maxim Integrated Products DS4266D+ Datasheet HTML 5Page - Maxim Integrated Products DS4266D+ Datasheet HTML 6Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DDR Clock Oscillator
4
_______________________________________________________________________________________
Pin Description
SINGLE-SIDEBAND PHASE NOISE AT fO = fNOM (dBc/Hz)
fM =
266MHz
10Hz
-65
100Hz
-95
1kHz
-113
10kHz
-113
100kHz
-118
1MHz
-137
10MHz
-149
20MHz
-153
PIN
NAME
FUNCTION
1
OE
Active-High Output Enable. Has an internal pullup 100k
resistor.
2, 7–10
N.C.
No Connection. Must be floated.
3
GND
Ground
4
OUTP
Positive Output for LVPECL or LVDS
5
OUTN
Negative Output for LVPECL or LVDS
6
VCC
Supply Voltage
EP
Exposed Paddle. Do not connect this pad or place exposed metal under the pad.
Single-Sideband Phase Noise at fO = fNOM
Typical Operating Characteristics
(VCC = +3.3V, TA = +25°C, unless otherwise noted.)
FREQUENCY vs. TEMPERATURE
TEMPERATURE (
°C)
80
60
20
40
0
-20
-18
-15
-13
-10
-8
-5
-3
0
3
5
8
10
13
15
-20
-40
OPERATING CURRENT
vs. OPERATING VOLTAGE
VCC (V)
3.435
3.385
3.335
3.285
3.235
3.185
48
50
53
55
45
3.135
+85
°C
0
°C
-40
°C
+70
°C
+40
°C
+25
°C


Similar Part No. - DS4266D+

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS42 LUMILEDS-DS42 Datasheet
86Kb / 2P
   Lumileds P4 Series LED Chips
logo
Dallas Semiconductor
DS4201 DALLAS-DS4201 Datasheet
380Kb / 24P
   USB Audio DAC
DS4201F DALLAS-DS4201F Datasheet
380Kb / 24P
   USB Audio DAC
logo
Maxim Integrated Produc...
DS4212 MAXIM-DS4212 Datasheet
126Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 1; 10/07
DS4212AN++ MAXIM-DS4212AN+ Datasheet
123Kb / 7P
   106.25MHz/212.5MHz/425MHz Clock Oscillators
Rev 0; 7/07
More results

Similar Description - DS4266D+

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
   Clock Oscillator
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
   Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
   Clock Oscillator
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
logo
List of Unclassifed Man...
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
   CLOCK OSCILLATOR
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
   Clock oscillator
01/02/2017
logo
List of Unclassifed Man...
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
   Clock Oscillator
logo
Crystek Corporation
CUSO33XX CRYSTEKCRYSTAL-CUSO33XX Datasheet
111Kb / 1P
   Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com