Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS4412 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS4412
Description  Dual-Channel, I2C Adjustable Sink/Source Current DAC
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS4412 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS4412_08 Datasheet HTML 1Page - Maxim Integrated Products DS4412_08 Datasheet HTML 2Page - Maxim Integrated Products DS4412_08 Datasheet HTML 3Page - Maxim Integrated Products DS4412_08 Datasheet HTML 4Page - Maxim Integrated Products DS4412_08 Datasheet HTML 5Page - Maxim Integrated Products DS4412_08 Datasheet HTML 6Page - Maxim Integrated Products DS4412_08 Datasheet HTML 7Page - Maxim Integrated Products DS4412_08 Datasheet HTML 8Page - Maxim Integrated Products DS4412_08 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
General Description
The DS4412 contains two I2C adjustable-current DACs
that are each capable of sinking or sourcing current. Each
output has 15 sink and 15 source settings that are pro-
grammed by I2C interface. The full-scale range and step
size of each output is determined by an external resistor
that can adjust the output current over a 4:1 range.
The output pins, OUT0 and OUT1, power-up in a high-
impedance state.
Applications
Power-Supply Adjustment
Power-Supply Margining
Adjustable Current Sink or Source
Features
♦ Two Current DACs
♦ Full-Scale Current 500µA to 2mA
♦ Full-Scale Range for Each DAC Determined by
External Resistors
♦ 15 Settings Each for Sink and Source Modes
♦ I2C-Compatible Serial Interface
♦ Low Cost
♦ Small Package (8-Pin µSOP)
♦ -40°C to +85°C Temperature Range
♦ 2.7V to 5.5V Operation
Dual-Channel, I2C Adjustable
Sink/Source Current DAC
DC-DC
CONVERTER
FB
OUT
SDA
SCL
OUT0
OUT1
GND
RFS0
RFS1
4.7k
Ω
4.7k
Ω
VCC
VCC
VOUT0
FS0
FS1
R0B
R0A
DC-DC
CONVERTER
FB
OUT
VOUT1
R1B
R1A
DS4412
Typical Operating Circuit
Ordering Information
Rev 1; 10/08
________________________________________________________________
Maxim Integrated Products
1
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
+
Denotes a lead-free/RoHS-compliant package.
T&R = Tape and reel.
PART
TEMP RANGE
PIN-PACKAGE
DS4412U+
-40°C to +85°C
8 μSOP
DS4412U+T&R
-40°C to +85°C
8 μSOP
1
2
3
4
8
7
6
5
VCC
OUT1
OUT0
FS0
GND
FS1
SCL
SDA
μSOP
TOP VIEW
+
DS4412
Pin Configuration


Similar Part No. - DS4412_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4412U MAXIM-DS4412U Datasheet
137Kb / 9P
   Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 0; 9/07
DS4412UR MAXIM-DS4412UR Datasheet
137Kb / 9P
   Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 0; 9/07
DS4412UT MAXIM-DS4412UT Datasheet
137Kb / 9P
   Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 0; 9/07
More results

Similar Description - DS4412_08

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4412 MAXIM-DS4412 Datasheet
137Kb / 9P
   Dual-Channel, I2C Adjustable Sink/Source Current DAC
Rev 0; 9/07
DS4432 MAXIM-DS4432 Datasheet
217Kb / 9P
   Dual-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 12/08
DS4422 MAXIM-DS4422_09 Datasheet
215Kb / 11P
   Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 1; 7/09
DS4422 MAXIM-DS4422 Datasheet
222Kb / 10P
   Two-/Four-Channel, I2C, 7-Bit Sink/Source Current DAC
Rev 0; 3/08
DS4402 MAXIM-DS4402_09 Datasheet
163Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 3; 5/09
logo
Dallas Semiconductor
DS4402 DALLAS-DS4402 Datasheet
152Kb / 8P
   Two/Four-Channel, I2C Adjustable Current DAC
logo
Maxim Integrated Produc...
DS4402 MAXIM-DS4402 Datasheet
154Kb / 9P
   Two/Four-Channel, I2C Adjustable Current DAC
Rev 2; 10/08
logo
Nuvoton Technology Corp...
NCT3933U NUVOTON-NCT3933U Datasheet
819Kb / 24P
   3-Channel, SMBusTM, 7-Bit Sink/Source Current DAC
June, 2013 Revision A2
logo
Burr-Brown (TI)
REF200 BURR-BROWN-REF200_07 Datasheet
235Kb / 17P
   DUAL CURRENT SOURCE/CURRENT SINK
REF200 BURR-BROWN-REF200 Datasheet
250Kb / 15P
   DUAL CURRENT SOURCE/CURRENT SINK
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com