Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EM14R1A-E25-R032S Datasheet(PDF) 5 Page - Bourns Electronic Solutions

Part # EM14R1A-E25-R032S
Description  Rotary Optical Encoder w/Switch
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

EM14R1A-E25-R032S Datasheet(HTML) 5 Page - Bourns Electronic Solutions

  EM14R1A-E25-R032S Datasheet HTML 1Page - Bourns Electronic Solutions EM14R1A-E25-R032S Datasheet HTML 2Page - Bourns Electronic Solutions EM14R1A-E25-R032S Datasheet HTML 3Page - Bourns Electronic Solutions EM14R1A-E25-R032S Datasheet HTML 4Page - Bourns Electronic Solutions EM14R1A-E25-R032S Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
EM14 - 14 mm Rotary Optical Encoder w/Switch
Electrical Block Diagram
Opto
ASIC
Ground
IRED
10k
10k
Channel A
Switch Terminal
Switch Terminal
Power
Channel B
A
1
2
+
B
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Quadrature Output
CHANNEL A
CW
CHANNEL B
CHANNEL A
CHANNEL B
CW
32 DETENT / 8 PPR
32 DETENT / 32 PPR
CHANNEL A
90 °e ± 45 °e
CHANNEL B
High
Low
High
Low
CW
180 °e
1 pulse width
Terminal Diagram
A1 2 + B
GROUND
MOMENTARY SWITCH
POWER
CHANNEL "A"
CHANNEL "B"
1.27
(.050)
TYP.
REV. 08/07
Asia-Pacific:
TEL +886-2 25624117
FAX +886-2 25624116
Europe:
TEL +41-41 7685555
FAX +41-41 7685510
The Americas:
TEL +1-951 781-5500
FAX +1-951 781-5700
www.bourns.com
Sensors & Controls


Similar Part No. - EM14R1A-E25-R032S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EM14R1A-E24-L008S BOURNS-EM14R1A-E24-L008S Datasheet
211Kb / 4P
   14 mm Rotary Optical Encoder w/Switch
EM14R1A-E24-L016S BOURNS-EM14R1A-E24-L016S Datasheet
211Kb / 4P
   14 mm Rotary Optical Encoder w/Switch
EM14R1A-E24-R008S BOURNS-EM14R1A-E24-R008S Datasheet
211Kb / 4P
   14 mm Rotary Optical Encoder w/Switch
EM14R1A-E24-R016S BOURNS-EM14R1A-E24-R016S Datasheet
211Kb / 4P
   14 mm Rotary Optical Encoder w/Switch
EM14R1A-E28-L008S BOURNS-EM14R1A-E28-L008S Datasheet
211Kb / 4P
   14 mm Rotary Optical Encoder w/Switch
More results

Similar Description - EM14R1A-E25-R032S

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
EM14 BOURNS-EM14 Datasheet
211Kb / 4P
   14 mm Rotary Optical Encoder w/Switch
EM14 BOURNS-EM14_10 Datasheet
499Kb / 5P
   14 mm Rotary Optical Encoder w/Switch
EM14R1D-R20 BOURNS-EM14R1D-R20 Datasheet
504Kb / 5P
   EM14 - 14 mm Rotary Optical Encoder w/Switch
EM14A0D-C24-L032S BOURNS-EM14A0D-C24-L032S Datasheet
504Kb / 5P
   EM14 - 14 mm Rotary Optical Encoder w/Switch
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L Datasheet
252Kb / 3P
   Rotary Optical Encoder
ENC1J-D28-L00128L BOURNS-ENC1J-D28-L00128L_12 Datasheet
274Kb / 3P
   Rotary Optical Encoder
ENA1J-B28-L00128L BOURNS-ENA1J-B28-L00128L Datasheet
289Kb / 3P
   EN - Rotary Optical Encoder
logo
List of Unclassifed Man...
LPD3806-100BM-G5-24C ETC-LPD3806-100BM-G5-24C Datasheet
235Kb / 2P
   DIGITAL OPTICAL ROTARY ENCODER
logo
Bourns Electronic Solut...
ENS1J-B28-L00256L BOURNS-ENS1J-B28-L00256L Datasheet
274Kb / 3P
   EN - Rotary Optical Encoder
PEC11D BOURNS-PEC11D Datasheet
535Kb / 3P
   PEC11D Series - 12 mm Dual Concentric Rotary Encoder w/Switch
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com