Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX394CPP Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX394CPP
Description  Low-Voltage, Quad, SPDT, CMOS Analog Switch
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX394CPP Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX394CPP Datasheet HTML 5Page - Maxim Integrated Products MAX394CPP Datasheet HTML 6Page - Maxim Integrated Products MAX394CPP Datasheet HTML 7Page - Maxim Integrated Products MAX394CPP Datasheet HTML 8Page - Maxim Integrated Products MAX394CPP Datasheet HTML 9Page - Maxim Integrated Products MAX394CPP Datasheet HTML 10Page - Maxim Integrated Products MAX394CPP Datasheet HTML 11Page - Maxim Integrated Products MAX394CPP Datasheet HTML 12Page - Maxim Integrated Products MAX394CPP Datasheet HTML 13Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Low-Voltage, Quad, SPDT,
CMOS Analog Switch
______________________________________________________________________________________
11
VGEN
GND
NC OR NO
CL
10nF
VO
-5V
V-
V+
RGEN
VO
IN_
ON
OFF
ON
ΔVO
Q = (
ΔVO)(CL)
COM_
+5V
IN_
MAX394
Figure 6. Charge Injection
IN_
0V,
2.4V
SIGNAL
GENERATOR
+5V
C
V+
ANALYZER
CH A
CH B
NC_
OR NO_
RL
50
Ω
GND
COM_
C
-5V
C = 5pF
FREQUENCY
TESTED
1 MHz
SIGNAL
GENERATOR
AUTOMATIC
SYNTHESIZER
ANALYZER
TRACKING
SPECTRUM
ANALYZER
VISO = 20LOG
VCOM
VNC OR VNO
V-
MAX394
Figure 7. Off Isolation
_________________________________Test Circuits/Timing Diagrams (continued)
IN2
0V or 2.4V
SIGNAL
GENERATOR
+5V
C
ANALYZER
CH A
CH B
RL
GND
C
V-
-5V
FREQUENCY
TESTED
1MHz
SIGNAL
GENERATOR
AUTOMATIC
SYNTHESIZER
ANALYZER
TRACKING
SPECTRUM
ANALYZER
0V or 2.4V
IN
50
Ω
V+
COM
COM
NC or NO
NC OR NO
MAX394
VCT = 20LOG
VCOM
VNC OR VNO
Figure 8. Crosstalk Test Circuit


Similar Part No. - MAX394CPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX394CPP MAXIM-MAX394CPP Datasheet
134Kb / 12P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 0; 5/95
MAX394CPP MAXIM-MAX394CPP Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
More results

Similar Description - MAX394CPP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX394 MAXIM-MAX394_V01 Datasheet
1Mb / 13P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
2021
MAX394 MAXIM-MAX394 Datasheet
134Kb / 12P
   Low-Voltage, Quad, SPDT, CMOS Analog Switch
Rev 0; 5/95
MAX333SM MAXIM-MAX333SM Datasheet
25Kb / 4P
   QUAD, SPDT, CMOS ANALOG SWITCH
Rev. C
MAX333 MAXIM-MAX333 Datasheet
142Kb / 4P
   Quad SPDT CMOS Analog Switch
logo
Vishay Siliconix
DG2706 VISHAY-DG2706_11 Datasheet
164Kb / 9P
   High Speed, Low Voltage, 3ohm , Quad SPDT CMOS Analog Switch
Rev. B, 07-Feb-11
DG2706 VISHAY-DG2706_V01 Datasheet
192Kb / 10P
   High Speed, Low Voltage, 3 ?? Quad SPDT CMOS Analog Switch
01-Jan-2022
logo
Maxim Integrated Produc...
MAX4735 MAXIM-MAX4735 Datasheet
285Kb / 13P
   Low-Voltage, 0.31OHM, Quad-SPDT Analog Switch
19-3581; Rev 0; 1/05
MAX333A MAXIM-MAX333A Datasheet
110Kb / 8P
   Precision, Quad, SPDT, CMOS Analog Switch
Rev 1; 6/99
logo
Vishay Siliconix
DG2706 VISHAY-DG2706 Datasheet
187Kb / 8P
   High Speed, Low Voltage, 3 Ω, Quad SPDT CMOS Analog Switch
Rev. A, 05-May-08
logo
SG Micro Corp
SGM3699 SGMICRO-SGM3699 Datasheet
445Kb / 10P
   0.5廓, Low Voltage Quad, SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com