Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS650250 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS650250
Description  Power Management IC for Li-Ion Powered Systems
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS650250 Datasheet(HTML) 1 Page - Texas Instruments

  TPS650250 Datasheet HTML 1Page - Texas Instruments TPS650250 Datasheet HTML 2Page - Texas Instruments TPS650250 Datasheet HTML 3Page - Texas Instruments TPS650250 Datasheet HTML 4Page - Texas Instruments TPS650250 Datasheet HTML 5Page - Texas Instruments TPS650250 Datasheet HTML 6Page - Texas Instruments TPS650250 Datasheet HTML 7Page - Texas Instruments TPS650250 Datasheet HTML 8Page - Texas Instruments TPS650250 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
EN_DCDC1
ENABLE
VCC
VLDO1
200 mA LDO
VLDO1
VLDO2
VINDCDC1
VLDO2
200 mA LDO
VIN_LDO
ENABLE
VIN
MODE
1 mF
1R
10 mF
TPS650250
EN_LDO
Vbat
PWRFAIL
AGND1
I/Ovoltage
R19
L1
DEFDCDC1
VDCDC1
PGND1
DCDC1 (I/O)
STEP-DOWN
CONVERTER
1600 mA
R1
R2
EN_DCDC2
VINDCDC2
L2
DEFDCDC2
VDCDC2
PGND2
DCDC2
(memory)
STEP-DOWN
CONVERTER
800 mA
R3
R4
EN_DCDC3
VINDCDC3
L3
DEFDCDC3
VDCDC3
PGND3
DCDC3 (core)
STEP-DOWN
CONVERTER
800 mA
R7
R8
Vbat
Vbat
Vbat
Vdd_alive
VLDO3
30 mA LDO
2.2 mF
1 V
3.3 V / 2.8 V
oradjustable
2.5 V / 1.8 V
oradjustable
VCC
PWRFAIL_SNS
Vbat
Vref=1V
+
-
R11
R12
AGND2
PWM/ PFM
EN_Vdd_alive
ENABLE
R9
R10
R5
R6
10 mF
ENABLE
10 mF
ENABLE
2.2 mF
2.2 mF
22 mF
2.2 mH
22 mF
2.2 mH
22 mF
2.2 mH
FB_LDO1
FB_LDO2
TPS650250
www.ti.com ........................................................................................................................................................................................... SLVS843 – DECEMBER 2008
Power Management IC for Li-Ion Powered Systems
The TPS650250 also integrates two general purpose
200mA LDO voltage regulators, which are enabled
• 1.6A, 97% Efficient Step-Down Converter for
with an external input pin. Each LDO operates with
System Voltage (VDCDC1)
an input voltage range between 1.5V and 6.5V
3.3V or 2.8V or Adjustable
allowing them to be supplied from one of the
step-down converters or directly from the battery. The
• 0.8A, up to 95% Efficient Step-Down Converter
output voltage of the LDOs can be set with an
for Memory Voltage (VDCDC2)
external
resistor
divider
for
maximum
flexibility.
1.8V or 2.5V or Adjustable
Additionally there is a 30mA LDO typically used to
• 0.8A, 90% Efficient Step-Down Converter for
provide power in a processor based system to a
Processor Core (VDCDC3)
voltage rail that is always on. TPS650250 comes in a
small 5mm x 5mm 32 pin QFN package (RHB).
• adjustable output voltage on VDCDC3
• 30mA LDO for Vdd_alive
Functional Block Diagram
• 2 × 200mA General Purpose LDOs (LDO1 and
LDO2)
• Dynamic Voltage Management for Processor
Core
• LDO1 and LDO2 Voltage Externally Adjustable
• Separate Enable Pins for Inductive Converters
• 2.25MHz Switching Frequency
• 85µA Quiescent Current
• Thermal Shutdown Protection
• Cellular/Smart Phone
• GPS
• Digital Still Camera
• Split Supply DSP and µP Solutions
• Samsung ARM-Based Processors, etc.
The TPS650250 is an integrated Power Management
IC
for
applications
powered
by
one
Li-Ion
or
Li-Polymer cell, which require multiple power rails.
The TPS650250 provides three highly efficient,
step-down converters targeted at providing the core
voltage, peripheral, I/O and memory rails in a
processor
based
system.
All
three
step-down
converters enter a low power mode at light load for
maximum efficiency across the widest possible range
of load currents. The converters can be forced into
fixed frequency PWM mode by pulling the MODE pin
high.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - TPS650250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250QRHBRQ1 TI1-TPS650250QRHBRQ1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results

Similar Description - TPS650250

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS65020 TI-TPS65020 Datasheet
3Mb / 44P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65021 TI-TPS65021 Datasheet
2Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI-TPS65023 Datasheet
908Kb / 43P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023 TI1-TPS65023_12 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65023-Q1 TI1-TPS65023-Q1_16 Datasheet
1Mb / 50P
[Old version datasheet]   Power Management IC For Li-Ion Powered Systems
TPS65022 TI-TPS65022 Datasheet
1Mb / 45P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS65022 TI1-TPS65022_16 Datasheet
1Mb / 47P
[Old version datasheet]   Power Management IC for Li-Ion Powered Systems
TPS65023-Q1 TI1-TPS65023-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650250-Q1 TI1-TPS650250-Q1 Datasheet
919Kb / 32P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
TPS650231 TI-TPS650231_10 Datasheet
1Mb / 55P
[Old version datasheet]   POWER MANAGEMENT IC FOR LI-ION POWERED SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com